Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HB16CKW01-6F-JB Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # HB16CKW01-6F-JB
Description  Subminiature Pushbuttons
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HB16CKW01-6F-JB Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  HB16CKW01-6F-JB Datasheet HTML 1Page - List of Unclassifed Manufacturers HB16CKW01-6F-JB Datasheet HTML 2Page - List of Unclassifed Manufacturers HB16CKW01-6F-JB Datasheet HTML 3Page - List of Unclassifed Manufacturers HB16CKW01-6F-JB Datasheet HTML 4Page - List of Unclassifed Manufacturers HB16CKW01-6F-JB Datasheet HTML 5Page - List of Unclassifed Manufacturers HB16CKW01-6F-JB Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Series HB
Subminiature Pushbuttons
www.nkk.com
D14
D
Housing
K Black only
Shapes
S
Square
C Round
Pole
1
SPDT
LEDs
TYPICAL SWITCH ORDERING EXAMPLE
1
S
K
W01
6G
HB
Blue, Super Bright LED
JB
Circuits
5
ON
(ON)
( ) = Momentary
6
ON
ON
Alternate Action
with Latchdown
Contacts & Terminals
W01
Silver Contacts and
Solder Lug Terminals*
0.1A @ 30V AC/DC
Super Bright
6B
White
6F
Green
6G
Blue
Bright
5C
Red
5D
Amber
5F
Green
5
DESCRIPTION FOR TYPICAL ORDERING EXAMPLE
HB15SKW01-6G-JB
LED Cap: Lens/Diffuser Color
JB Clear/White
LED Cap: Lens/Diffuser Color
AB Black Cap/White Window for
Spot Illuminated (Square only)
CB Red/White
DB Amber/White
FB Green/White
JB Clear/White
Cap Types & Colors
Nonilluminated
No
Code Nonilluminated
Nonilluminated Cap Colors
A
Black (Square Only)
B
White
C
Red
E
Yellow
F
Green
G
Blue
Black Housing
SPDT
ON-(ON) Circuit
White Cap
Square Shape
Silver Contacts &
Solder Lug Terminals;
rated 0.1A @ 30V AC/DC
* Wire harness & cable assemblies
offered only in Americas
IMPORTANT:
Switches are supplied without UL &
cULus marking unless specified.
UL & cULus recognized only when
ordered with marking on the switch.
Specific models, ratings, & ordering in-
structions are noted on General Specifi-
cations page.


Similar Part No. - HB16CKW01-6F-JB

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
HB16CKW01-6F-JB NKK-HB16CKW01-6F-JB Datasheet
182Kb / 6P
   Subminiature Pushbuttons
HB16CKW01-6F-JB NKK-HB16CKW01-6F-JB Datasheet
163Kb / 6P
   Subminiature Pushbuttons
HB16CKW01-6F-JB NKK-HB16CKW01-6F-JB Datasheet
177Kb / 6P
   General Specifications
More results

Similar Description - HB16CKW01-6F-JB

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
HB15SKW01-A NKK-HB15SKW01-A Datasheet
133Kb / 4P
   Subminiature Pushbuttons
HB15SKW01-5C-AB NKK-HB15SKW01-5C-AB Datasheet
182Kb / 6P
   Subminiature Pushbuttons
HB15SKW01-5C-AB NKK-HB15SKW01-5C-AB_10 Datasheet
163Kb / 6P
   Subminiature Pushbuttons
HB215SKG03CE-JB NKK-HB215SKG03CE-JB_10 Datasheet
136Kb / 4P
   Subminiature Audio/Video Pushbuttons
logo
List of Unclassifed Man...
HB215SKG03CF-JB ETC2-HB215SKG03CF-JB Datasheet
276Kb / 4P
   Subminiature Audio/Video Pushbuttons
logo
Nihon Kaiheiki Industry...
AB11AP-FA NKK-AB11AP-FA Datasheet
241Kb / 6P
   Process Sealed Subminiature Pushbuttons
NP0115AG03LC-JB NKK-NP0115AG03LC-JB Datasheet
940Kb / 6P
   Subminiature Smooth Actuation Pushbuttons
NP0115AG03LC-JB NKK-NP0115AG03LC-JB_10 Datasheet
184Kb / 6P
   Subminiature Smooth Actuation Pushbuttons
BB15AP-FA NKK-BB15AP-FA Datasheet
232Kb / 6P
   Process Sealed Subminiature Antistatic Pushbuttons
logo
C&K Components
1.15108.4510000 CK-COMPONENTS-1.15108.4510000 Datasheet
1Mb / 83P
   Pushbuttons
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com