Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF0070BA03050S Datasheet(PDF) 2 Page - API Technologies Corp

Part # SF0070BA03050S
Description  70 MHz SAW Filter 2.5 MHz Bandwidth
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

SF0070BA03050S Datasheet(HTML) 2 Page - API Technologies Corp

  SF0070BA03050S Datasheet HTML 1Page - API Technologies Corp SF0070BA03050S Datasheet HTML 2Page - API Technologies Corp SF0070BA03050S Datasheet HTML 3Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
70 MHz SAW Filter
2.5 MHz Bandwidth
Part Number: SF0070BA03050S
Spectrum Microwave
400 Nickerson Road, Marlborough, MA 01752, USA
• Phone 1-508-251-6400 • Fax 1-508-251-6401
www.SpectrumMicrowave.com
DSSF0070BA03050 Rev B 16-Feb-2010
ECN 36650
Page 2 of 3
SPECIFICATION
Parameter
2
Min
Typ
Max
Units
Center Frequency (Fc)
1
69.88
70.00
70.12
MHz
Insertion Loss
9.7
10.0
dB
1 dB Bandwidth
2.00
2.21
MHz
3 dB Bandwidth
2.50
2.75
MHz
40 dB Bandwidth
4.37
5.10
MHz
Passband Ripple (80% of 1 dB Bandwidth)
0.6
1.0
dB p-p
Phase Linearity (70% of 3 dB Bandwidth)
3.5
9.0
deg p-p
Group Delay Variation (70% of 3 dB Bandwidth)
150
400
ns p-p
Absolute Delay
1.8
us
Ultimate Rejection
40
50
dB
Source and Load Impedance
50
Input Power
+10
+13
dBm
Temperature Coefficient of Fc
-23
ppm/
°C
Ambient Temperature
25
°C
Notes:
1. Average of the lower and upper 3 dB band edge frequencies.
2. All dB levels are referenced to the insertion loss.
MAXIMUM RATINGS
Parameter
Min
Max
Units
Storage Temperature Range
-40
85
˚C
Operating Temperature Range
0
70
˚C
Input Power Level
13
dBm
MATCHING CIRCUIT
Typical component values:
(Minimum inductor Q = 40)
Notes:
1. Recommend use of 2% tolerance matching components.
2. Component values shown are for guidance only and may change depending on board layout.
Ls1
=
270
nH
Ls2 =
270
nH
Lp1
=
68
nH
Lp2 =
68
nH
10
5
1
6
Input
50
Single-ended
Output
50
Single-ended
GND
GND


Similar Part No. - SF0070BA03050S

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
SF0070BA03050S ICST-SF0070BA03050S Datasheet
119Kb / 3P
   70 MHz SAW Filter 2.5 MHz Bandwidth
More results

Similar Description - SF0070BA03050S

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
SF0070BA03027T APITECH-SF0070BA03027T Datasheet
173Kb / 3P
   70 MHz SAW Filter 2.5 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0070BA03050S ICST-SF0070BA03050S Datasheet
119Kb / 3P
   70 MHz SAW Filter 2.5 MHz Bandwidth
logo
API Technologies Corp
SF0070CF51547T APITECH-SF0070CF51547T Datasheet
126Kb / 2P
   70 MHz Filter 2.5 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0070CF51547T ICST-SF0070CF51547T Datasheet
130Kb / 2P
   70 MHz Filter 2.5 MHz Bandwidth
SF0070BA03027T ICST-SF0070BA03027T Datasheet
189Kb / 2P
   70 MHz Filter 2.5 MHz Bandwidth
logo
API Technologies Corp
SF0070CN02353S APITECH-SF0070CN02353S Datasheet
160Kb / 3P
   70 MHz SAW Filter 0.4 MHz Bandwidth
logo
Spectrum Microwave, Inc...
SF0546BA03234S SPECTRUM-SF0546BA03234S Datasheet
161Kb / 3P
   546 MHz SAW Filter 70 MHz Bandwidth
logo
API Technologies Corp
SF0546BA03234S APITECH-SF0546BA03234S Datasheet
161Kb / 3P
   546 MHz SAW Filter 70 MHz Bandwidth
SF0070BA13048S APITECH-SF0070BA13048S Datasheet
183Kb / 3P
   70 MHz SAW Filter 1.5 MHz Bandwidth
SF0070CF51556T APITECH-SF0070CF51556T Datasheet
139Kb / 3P
   70 MHz SAW Filter 7 MHz Bandwidth
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com