Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF0070BA02391S Datasheet(PDF) 2 Page - API Technologies Corp

Part # SF0070BA02391S
Description  70 MHz SAW Filter 2.8 MHz Bandwidth
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

SF0070BA02391S Datasheet(HTML) 2 Page - API Technologies Corp

  SF0070BA02391S Datasheet HTML 1Page - API Technologies Corp SF0070BA02391S Datasheet HTML 2Page - API Technologies Corp SF0070BA02391S Datasheet HTML 3Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
70 MHz SAW Filter
2.8 MHz Bandwidth
Part Number SF0070BA02391S
Spectrum Microwave
400 Nickerson Road, Marlborough, MA 01752, USA
• Phone 1-508-251-6400 • Fax 1-508-251-6401
www.SpectrumMicrowave.com
DSSF0070BA02391S Rev A
9-Feb-2010
ECN 36650 Page 2 of 3
SPECIFICATION
Parameter
Min
Typ
Max
Units
Center Frequency (FC)
1
-
70
-
MHz
Minimum Insertion Loss
-
20.6
22
dB
Lower 1 dB Band Edge
-
68.23
68.60
MHz
Upper 1 dB Band Edge
71.40
71.77
-
MHz
Lower 3 dB Band Edge
-
68.03
68.20
MHz
Upper 3 dB Band Edge
71.80
71.98
-
MHz
Lower 40 dB Band Edge
67.00
67.18
-
MHz
Upper 40 dB Band Edge
-
72.86
73.00
MHz
Amplitude Variation (68.6 to 71.4 MHz)
-
0.6
1
dB p-p
Phase Linearity (68.6 to 71.4 MHz)
-
3
6
deg p-p
Group Delay Variation (68.6 to 71.4 MHz)
-
75
150
ns p-p
Absolute Delay
-
1.66
-
us
Rejection (10 to 30 MHz)
50
55
-
dB
Rejection (30 to 50 MHz)
44
50
-
dB
Rejection (90 to 110 MHz)
40
55
-
dB
Rejection (110 to 200 MHz)
50
55
-
dB
Source and Load Impedance
-
50
-
Ambient Temperature
-
25
-
°C
Notes:
1. In production, devices will be tested to a guardbanded specification at room temperature. This will
ensure compliance over temperature.
2. All dB levels are measured relative to the insertion loss.
MAXIMUM RATINGS
Parameter
Min
Max
Units
Storage Temperature Range
-40
85
˚C
Operating Temperature Range
0
70
˚C
Input Power Level
-
10
dBm
MATCHING CIRCUIT
Typical component values:
(Minimum inductor Q = 40)
Notes:
1. Recommend use of 2% tolerance matching components.
2. Component values shown are for guidance only and may change depending on board layout.
Ls1
=
189
nH
Ls2 =
189
nH
Cp1 =
56
pF
Cp2 =
56
pF
Rp1 =
360
Rp1 =
360
10
5
1
6
Input
50
Single-ended
Output
50
Single-ended


Similar Part No. - SF0070BA02391S

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
SF0070BA02371S ICST-SF0070BA02371S Datasheet
183Kb / 2P
   70.00 MHz Bandpass Filter 34.0 MHz Bandwidth
logo
API Technologies Corp
SF0070BA02371S APITECH-SF0070BA02371S Datasheet
156Kb / 3P
   70 MHz SAW Filter 34 MHz Bandwidth
More results

Similar Description - SF0070BA02391S

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
SF0070CN02353S APITECH-SF0070CN02353S Datasheet
160Kb / 3P
   70 MHz SAW Filter 0.4 MHz Bandwidth
logo
Spectrum Microwave, Inc...
SF0546BA03234S SPECTRUM-SF0546BA03234S Datasheet
161Kb / 3P
   546 MHz SAW Filter 70 MHz Bandwidth
logo
API Technologies Corp
SF0070BA03050S APITECH-SF0070BA03050S Datasheet
143Kb / 3P
   70 MHz SAW Filter 2.5 MHz Bandwidth
SF0546BA03234S APITECH-SF0546BA03234S Datasheet
161Kb / 3P
   546 MHz SAW Filter 70 MHz Bandwidth
SF0070BA13048S APITECH-SF0070BA13048S Datasheet
183Kb / 3P
   70 MHz SAW Filter 1.5 MHz Bandwidth
SF0070CF51556T APITECH-SF0070CF51556T Datasheet
139Kb / 3P
   70 MHz SAW Filter 7 MHz Bandwidth
SF0070BA03039S APITECH-SF0070BA03039S Datasheet
150Kb / 3P
   70 MHz SAW Filter 20 MHz bandwidth
SF0070CD03096T APITECH-SF0070CD03096T Datasheet
177Kb / 3P
   70 MHz SAW Filter 0.75 MHz Bandwidth
SF0070BA03089S APITECH-SF0070BA03089S Datasheet
172Kb / 3P
   70 MHz SAW Filter 10 MHz Bandwidth
SF0070BA03027T APITECH-SF0070BA03027T Datasheet
173Kb / 3P
   70 MHz SAW Filter 2.5 MHz Bandwidth
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com