Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATV750L-25LM Datasheet(PDF) 1 Page - ATMEL Corporation

Part # ATV750L-25LM
Description  High Density UV Erasable Programmable Logic Device
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATV750L-25LM Datasheet(HTML) 1 Page - ATMEL Corporation

  ATV750L-25LM Datasheet HTML 1Page - ATMEL Corporation ATV750L-25LM Datasheet HTML 2Page - ATMEL Corporation ATV750L-25LM Datasheet HTML 3Page - ATMEL Corporation ATV750L-25LM Datasheet HTML 4Page - ATMEL Corporation ATV750L-25LM Datasheet HTML 5Page - ATMEL Corporation ATV750L-25LM Datasheet HTML 6Page - ATMEL Corporation ATV750L-25LM Datasheet HTML 7Page - ATMEL Corporation ATV750L-25LM Datasheet HTML 8Page - ATMEL Corporation ATV750L-25LM Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1
Features
Third Generation Programmable Logic Structure
– High-Density Replacement for Discrete Logic
High-Speed — Plus a New, Low-Power Version
Increased Logic Flexibility
– 42 Inputs and 20 Sum Terms
Flexible Output Logic
– 20 Flip-Flops - 10 Extra
– All Can Be Individually Buried or 10 Output Directly
– Each has Individual Asynchronous Reset and Clock Terms
Multiple Feedback Paths Provide for Buried State Machines
and I/O Bus Compatibility
Proven and Reliable High-Speed CMOS EPROM Process
– 2000V ESD Protection
– 200 mA Latchup Immunity
Reprogrammable
– Tested 100% for Programmability
24-pin, 300-mil Dual-In-line and 28-Lead Surface Mount Packages
Logic Diagram
Description
The ATV750(L) is 100% more powerful than most other programmable logic devices
in 24-pin packages. Increased product terms, sum terms, and flip-flops translate into
more usable gates.
Each of the ATV750(L)’s twenty-two logic pins can be used as an input. Ten of these
can be used as input, output, or bi-directional I/O pins. All twenty flip-flops can be fed
back into the array independently. This flexibility allows burying all of the sum terms
and flip-flops.
There are 171 product terms available. A variable format is used to assign between
four and eight product terms per sum term. There are two sum terms per output, pro-
viding added flexibility.
Rev. 0024E–05/98
Pin Configurations
Pin Name
Function
IN
Logic Inputs
I/O
Bidirectional Buffers
*
No Internal Connection
VCC
+5V Supply
(continued)
High Density UV
Erasable
Programmable
Logic Device
ATV750
ATV750L
DIP/SOIC
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
IN
IN
IN
IN
IN
IN
IN
IN
IN
IN
IN
GND
VCC
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
IN
PLCC/LCC
(Top View)
5
6
7
8
9
10
11
25
24
23
22
21
20
19
IN
IN
IN
*
IN
IN
IN
I/O
I/O
I/O
*
I/O
I/O
I/O


Similar Part No. - ATV750L-25LM

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATV750B ATMEL-ATV750B Datasheet
737Kb / 16P
   High-Speed UV-Erasable Programmable Logic Device
ATV750B-10DM/883 ATMEL-ATV750B-10DM/883 Datasheet
737Kb / 16P
   High-Speed UV-Erasable Programmable Logic Device
ATV750B-10JC ATMEL-ATV750B-10JC Datasheet
737Kb / 16P
   High-Speed UV-Erasable Programmable Logic Device
ATV750B-10JI ATMEL-ATV750B-10JI Datasheet
737Kb / 16P
   High-Speed UV-Erasable Programmable Logic Device
ATV750B-10LM/883 ATMEL-ATV750B-10LM/883 Datasheet
737Kb / 16P
   High-Speed UV-Erasable Programmable Logic Device
More results

Similar Description - ATV750L-25LM

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATV5000 ATMEL-ATV5000 Datasheet
156Kb / 13P
   High Density UV Erasable Programmable Logic Device
ATV2500H ATMEL-ATV2500H Datasheet
661Kb / 15P
   High-Density UV-Erasable Programmable Logic Device
ATV2500B ATMEL-ATV2500B Datasheet
868Kb / 18P
   High-Speed High-Density UV Erasable Programmable Logic Device
AT22V10B ATMEL-AT22V10B Datasheet
217Kb / 9P
   High Speed UV Erasable Programmable Logic Device
AT22V10 ATMEL-AT22V10 Datasheet
277Kb / 11P
   High Speed UV Erasable Programmable Logic Device
ATV750B ATMEL-ATV750B Datasheet
737Kb / 16P
   High-Speed UV-Erasable Programmable Logic Device
AT22LV10 ATMEL-AT22LV10 Datasheet
507Kb / 11P
   Low-Voltage UV Erasable Programmable Logic Device
ATF2500C ATMEL-ATF2500C_14 Datasheet
620Kb / 24P
   High-performance, High-density, Electrically-erasable Programmable Logic Device
ATF22V10B ATMEL-ATF22V10B_10 Datasheet
628Kb / 16P
   High-performance Electrically Erasable Programmable Logic Device
ATF22LV10C ATMEL-ATF22LV10C Datasheet
1Mb / 19P
   High-performance Electrically Erasable Programmable Logic Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com