Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF0060BA03212T Datasheet(PDF) 2 Page - API Technologies Corp

Part # SF0060BA03212T
Description  60 MHz SAW Filter 1.26 MHz Bandwidth
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

SF0060BA03212T Datasheet(HTML) 2 Page - API Technologies Corp

  SF0060BA03212T Datasheet HTML 1Page - API Technologies Corp SF0060BA03212T Datasheet HTML 2Page - API Technologies Corp SF0060BA03212T Datasheet HTML 3Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
60 MHz SAW Filter
1.26 MHz Bandwidth
Part Number: SF0060BA03212T
Spectrum Microwave
400 Nickerson Road, Marlborough, MA 01752, USA
• Phone 1-508-251-6400 • Fax 1-508-251-6401
www.SpectrumMicrowave.com
DSSF0060BA03212T Rev A 9-Feb-2010
ECN 36650
Page 2 of 3
SPECIFICATION
Parameter
Min
Typ
Max
Units
Center Frequency (Fc)
1
59.98
60.00
60.02
MHz
1dB Bandwidth
2
1.26
1.61
-
MHz
3dB Bandwidth
2
-
1.85
1.92
MHz
55dB Bandwidth
2
-
3.4
4.2
MHz
Device Delay
2.9
2.93
3
us
Insertion Loss (over 1dB BW)
-
29.8
34
dB
Passband Amplitude Ripple
3
-
0.3
0.4
dB p-p
Passband Phase Ripple
3
-
0.5
2
deg p-p
Triple Travel and Spurious
55
58
-
dB
Input VSWR (@ Fc at 23C)
-
1.35
1.5
:1
Output VSWR (@ Fc at 23C)
-
1.35
1.5
:1
Temperature Coefficient
4
-
-0.032
-
ppm/
°C2
Source and Load Impedance
-
50
-
Ambient Temperature
25
˚C
Notes:
1. Defined as the average of the lower and upper 3 dB frequencies at room ambient.
2. All dB levels are defined relative to the insertion loss.
3. Evaluated over the minimum 1 dB bandwidth.
4. Temperature Coefficient inflection (Turnover) is approximately 45ºC.
MAXIMUM RATINGS
Parameter
Min
Max
Units
Storage Temperature Range
-40
85
˚C
Operating Temperature Range
-25
85
˚C
Input Power Level
-
13
dBm
MATCHING CIRCUIT
Ls1 = 470 nH
Rp1 = 910 Ω
Ls2 = 509 nH
Rp2 = 1100 Ω
Notes:
Recommend 2% toleranced matching components. Typical Inductor Q=40.
Values shown are for guidance only and may change depending upon board layout.
Input
50
Single-ended
3
15
22
10
Output
50
Single-ended


Similar Part No. - SF0060BA03212T

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
SF0060BA03213T APITECH-SF0060BA03213T Datasheet
146Kb / 3P
   60 MHz SAW Filter 6.15 MHz Bandwidth
SF0060BA03214T APITECH-SF0060BA03214T Datasheet
144Kb / 3P
   60 MHz SAW Filter 7.8 MHz Bandwidth
More results

Similar Description - SF0060BA03212T

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
SF0070CD21803T APITECH-SF0070CD21803T Datasheet
150Kb / 3P
   69.99 MHz SAW Filter 1.26 MHz Bandwidth
SF0070CD02386S APITECH-SF0070CD02386S Datasheet
174Kb / 3P
   69.99 MHz SAW Filter 1.26 MHz Bandwidth
logo
Transko Electronics, In...
TA160FD TRANSKO-TA160FD Datasheet
407Kb / 3P
   160.0 MHz IF SAW Filter / 1.26 MHz Bandwidth
Revision 1: 29. Oct. 2007
logo
Integrated Circuit Syst...
SF0070CD02386S ICST-SF0070CD02386S Datasheet
105Kb / 2P
   69.99 MHz Bandpass Filter 1.26 MHz bandwidth
logo
Oscilent Corporation
819-IF160.0M-F OSCILENT-819-IF160.0M-F_14 Datasheet
231Kb / 4P
   160.0 MHz Bandpass Filter 1.26 MHz Bandwidth
820-IF160.0M-F OSCILENT-820-IF160.0M-F_14 Datasheet
149Kb / 4P
   160.0 MHz Bandpass Filter 1.26 MHz Bandwidth
logo
Spectrum Microwave, Inc...
SF1880BA02524S SPECTRUM-SF1880BA02524S Datasheet
331Kb / 4P
   1880 MHz SAW Filter 60 MHz Bandwidth
logo
API Technologies Corp
SF1960BA02525S APITECH-SF1960BA02525S Datasheet
138Kb / 3P
   1960 MHz SAW Filter 60 MHz Bandwidth
SF2140BA02540S APITECH-SF2140BA02540S Datasheet
168Kb / 3P
   2140 MHz SAW Filter 60 MHz bandwidth
SF0060CN02291T APITECH-SF0060CN02291T Datasheet
122Kb / 3P
   60 MHz SAW Filter 7.8 MHz bandwidth
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com