Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USCHSXXXAVAVHTX Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # USCHSXXXAVAVHTX
Description  Digital Panel Meters Modular signal conditioner Type USC-DIN
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

USCHSXXXAVAVHTX Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  USCHSXXXAVAVHTX Datasheet HTML 1Page - List of Unclassifed Manufacturers USCHSXXXAVAVHTX Datasheet HTML 2Page - List of Unclassifed Manufacturers USCHSXXXAVAVHTX Datasheet HTML 3Page - List of Unclassifed Manufacturers USCHSXXXAVAVHTX Datasheet HTML 4Page - List of Unclassifed Manufacturers USCHSXXXAVAVHTX Datasheet HTML 5Page - List of Unclassifed Manufacturers USCHSXXXAVAVHTX Datasheet HTML 6Page - List of Unclassifed Manufacturers USCHSXXXAVAVHTX Datasheet HTML 7Page - List of Unclassifed Manufacturers USCHSXXXAVAVHTX Datasheet HTML 8Page - List of Unclassifed Manufacturers USCHSXXXAVAVHTX Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Specifications are subject to change without notice
USCDS040706
5
USC
Alarm output
(on request)
Alarm type
Over-range alarm,
up alarm,
down alarm,
down alarm with
start-up deactivation
up alarm with latch,
down alarm with latch
Alarm set-point
Adjustable from 0 to 100%
of displayed electric range
Hysteresis
0 to 100% of displayed range
On-time delay
0 to 255 s
Off-time delay
0 to 255 s
Output status
Selectable: normally energized
/de-energized
Min response time
500 ms, with filter excluded,
without alarm activation delay
Output channels
1 with module BO R1
(relay output).
2, independent with module
BO R2 (2 relay outputs).
4, independent with module
BO R4 (2 relay outputs +
2 open collector outputs).
BO R5 (4 relay outputs).
BO R1, R2, R4 relay outputs
Type SPDT
AC 1: 8A, 250VAC
DC 12: 5A, 24VDC
AC 15: 2.5A, 250VAC
DC 13: 2.5A, 24VDC
BO R5 relay output
Type SPST (NO)
AC 1: 5A, 250VAC
DC 12: 3A, 24VDC
AC 15: 1.5A, 250VAC
DC 13: 1.5A, 24VDC
Insulation
4000 VRMS output to
measuring input,
4000 VRMS output to
power supply input.
Open collector output
NPN transistor type
VON 1.2 VDC/ max. 100 mA
VOFF 30 VDC max.
Insulation
By means of opto-couplers
4000 VRMS output to
measuring input
4000 VRMS output to
power supply input
Single analogue output
(on request)
Module: BO AV
Range
0 to 20 mADC, 0 to 10 VDC
Scaling factor
Programmable within the
entire retransmission range;
allows to manage the
retransmission of all the
values from
0 to 20 mA / 0 to 10V
Accuracy
± 0.2% FS (@ 25°C ± 5°C)
Response time
≤ 10 ms
Termperature drift
± 200 ppm/°C
Load: 20 mA output
≤ 700 Ω
10 V output
≥ 10 kΩ
Insulation
By means of opto-couplers
4000V
rms
output to
measuring input
4000V
rms
output to
power supply input
Notes:
The two outputs cannot be
used at the same time.
Excitation output
(on request)
BQ LSE Module
Voltage
13 VDC ±10%
max. 50 mA
BQ LSF Module
Voltage
25 VDC ±10%
max. 25 mA
Insulation
25V
rms
output to
measuring input
4000 V
rms
output to
power supply input
Output characteristics (continuous)
displayed scale
compression/expansion
(max. 2 without filter, up to
10 with filter)
Electrical range
Programmable within the
whole measuring range
Decimal point position
Programmable within the
display range
Displayed range of the variable Programmable within the
display range
Diagnostics (only with Usc Soft) The display flashes when the
limits of the display range
are exceeded and the data
are updated up to 20%
of the rated display range.
Burn-out:
Only temperature inputs
Min / Max storage
Automatic storage
(in the EEPROM) of the
minimum and maximum
measured value from the
previous memory reset
Measurement selection
Depending on the module:
measuring range and type of
probe (resistance, RTD
thermoresistance, TC
thermocouple) or measuring
type (TRMS or DC).
Integration time selection
Automatic or from 100.0 to
999.9 ms only in the current
and voltage measurement.
Scaling factors
Operating mode
Electrical scale compression,
Software functions


Similar Part No. - USCHSXXXAVAVHTX

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
USC RUBYCON-USC Datasheet
71Kb / 4P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
logo
Advantech Co., Ltd.
USC-130 ADVANTECH-USC-130 Datasheet
772Kb / 3P
   11.6" ARM Based Android All-in-One Computer
6-Mar-2023
USC-130 ADVANTECH-USC-130 Datasheet
1Mb / 2P
   Multi- purpose stand
14-Jul-2020
USC-130AP-BC106 ADVANTECH-USC-130AP-BC106 Datasheet
772Kb / 3P
   11.6" ARM Based Android All-in-One Computer
6-Mar-2023
USC-130AP-BC201 ADVANTECH-USC-130AP-BC201 Datasheet
772Kb / 3P
   11.6" ARM Based Android All-in-One Computer
6-Mar-2023
More results

Similar Description - USCHSXXXAVAVHTX

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
USC-DIN ETC2-USC-DIN Datasheet
399Kb / 12P
   Digital Panel Meters Modular signal conditioner
UDM40 ETC2-UDM40 Datasheet
668Kb / 11P
   Digital Panel Meters Modular Indicator and Controller
UDM35 ETC2-UDM35 Datasheet
667Kb / 11P
   Digital Panel Meters Modular Indicator and Controller
logo
Murata Manufacturing Co...
DM9000 MURATA-DM9000 Datasheet
1Mb / 15P
   digital panel meters
logo
Tyco Electronics
30030 MACOM-30030 Datasheet
644Kb / 12P
   240 Series DIN Panel Meters
logo
List of Unclassifed Man...
EDM35V1D41 ETC2-EDM35V1D41 Datasheet
218Kb / 7P
   Panel Meters and Controllers Panel Meter Modular
logo
M-System Co.,Ltd.
47NLNT MSYSTEM-47NLNT Datasheet
176Kb / 5P
   Digital Panel Meters 47NL Series
47NLR MSYSTEM-47NLR Datasheet
242Kb / 4P
   Digital Panel Meters 47NL Series
47NLRT MSYSTEM-47NLRT Datasheet
187Kb / 4P
   Digital Panel Meters 47NL Series
47LYV MSYSTEM-47LYV Datasheet
154Kb / 5P
   Digital Panel Meters 47 Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com