Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1072HVMK Datasheet(PDF) 11 Page - Linear Technology

Part # LT1072HVMK
Description  1.25A High Efficiency Switching Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1072HVMK Datasheet(HTML) 11 Page - Linear Technology

Back Button LT1072HVMK Datasheet HTML 7Page - Linear Technology LT1072HVMK Datasheet HTML 8Page - Linear Technology LT1072HVMK Datasheet HTML 9Page - Linear Technology LT1072HVMK Datasheet HTML 10Page - Linear Technology LT1072HVMK Datasheet HTML 11Page - Linear Technology LT1072HVMK Datasheet HTML 12Page - Linear Technology LT1072HVMK Datasheet HTML 13Page - Linear Technology LT1072HVMK Datasheet HTML 14Page - Linear Technology LT1072HVMK Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
LT1072
1072fc
Positive to Negative Buck-Boost Converter
External Current Limit
LT1072 • TA08
D1
R1
500Ω
R2
≈ 2V
VX
VC
GND
LT1072
Voltage Boosted Boost Converter
LT1072 • TA09
D2
D1
TOTAL INDUCTANCE = 8mH
INTERLEAVE PRIMARY AND
SECONDARY FOR LOW LEAKAGE
INDUCTANCE
1
L1
N = 5
+
C2
0.047µF
R3
10k
VIN
15V
C1
200µF
R4
1.5k
1/2W
C3
0.68
R1
98k
VOUT
100V AT 75mA
R2
1.24k
VIN
VSW
FB
VC
GND
LT1072
+
C
C5
100µF*
VIN
10 TO 30V
*REQUIRED IF INPUT LEADS ≥ 2"
**PULSE ENGINEERING 92113
TO AVOID START-UP PROBLEMS
FOR INPUT VOLTAGES BELOW 10V,
CONNECT ANODE OF D3 TO VIN,
AND REMOVE R5. C1 MAY BE
REDUCED FOR LOWER OUTPUT
CURRENTS. C1 ≈ (500µF)(IOUT).
FOR 5V OUTPUTS, REDUCE R3
TO 1.5k, INCREASE C2 TO 0.3µF,
AND REDUCE R6 TO 100Ω
LT1072 • TA07
R4
47Ω
D1
D2
1N914
C1
1000µF
C
C3
2µF
R5
470Ω, 1W
C
C2
0.1µF
D3
1N4001
C4
5µF
R6
470Ω
R2
1.24k
L1**
200µH
R3
5k
VOUT
–12V AT 2A
R1
10.7k
VIN
VSW
FB
VC
GND
LT1072
+
+
+
TYPICAL APPLICATIO S


Similar Part No. - LT1072HVMK

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1072HVMK LINER-LT1072HVMK Datasheet
1,017Kb / 11P
   1.25A High Efficiency Switching Regulator
LT1072HVMK LINER-LT1072HVMK Datasheet
201Kb / 16P
   1.25A High Efficiency Switching Regulator
LT1072HVMK LINER-LT1072HVMK Datasheet
191Kb / 16P
   Available in MiniDiP, TO-220, and TO-3 Packages
More results

Similar Description - LT1072HVMK

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1072 LINER-LT1072 Datasheet
1,017Kb / 11P
   1.25A High Efficiency Switching Regulator
logo
ON Semiconductor
CS3972 ONSEMI-CS3972 Datasheet
94Kb / 8P
   1.25A High Efficiency Switching Regulator
December, 2001 - Rev. 9
logo
Cherry Semiconductor Co...
CS3972 CHERRY-CS3972 Datasheet
186Kb / 6P
   1.25A High Efficiency Switching Regulator
logo
Linear Technology
LT1072 LINER-LT1072_15 Datasheet
206Kb / 16P
   1.25A High Efficiency Switching Regulator
LT1072 LINER-LT1072_1 Datasheet
201Kb / 16P
   1.25A High Efficiency Switching Regulator
logo
Microsemi Corporation
LX2172 MICROSEMI-LX2172 Datasheet
259Kb / 6P
   1.25A HIGH-EFFICIENCY 100KHZ SWITCHING REGULATOR
logo
Unisonic Technologies
P2172 UTC-P2172_15 Datasheet
180Kb / 7P
   100KHZ, 1.25A HIGH EFFICIENCY SWITCHING REGULATORS
P2172 UTC-P2172 Datasheet
180Kb / 7P
   100KHZ, 1.25A HIGH EFFICIENCY SWITCHING REGULATORS
logo
Linear Technology
LT1170 LINER-LT1170_15 Datasheet
236Kb / 24P
   100kHz, 5A, 2.5A and 1.25A High Efficiency Switching Regulators
logo
Texas Instruments
LM34910C TI-LM34910C_15 Datasheet
848Kb / 19P
[Old version datasheet]   High Voltage (50V, 1.25A) Step Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com