Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1083CK-12 Datasheet(PDF) 10 Page - Linear Technology

Part # LT1083CK-12
Description  3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1083CK-12 Datasheet(HTML) 10 Page - Linear Technology

Back Button LT1083CK-12 Datasheet HTML 4Page - Linear Technology LT1083CK-12 Datasheet HTML 5Page - Linear Technology LT1083CK-12 Datasheet HTML 6Page - Linear Technology LT1083CK-12 Datasheet HTML 7Page - Linear Technology LT1083CK-12 Datasheet HTML 8Page - Linear Technology LT1083CK-12 Datasheet HTML 9Page - Linear Technology LT1083CK-12 Datasheet HTML 10Page - Linear Technology LT1083CK-12 Datasheet HTML 11Page - Linear Technology LT1083CK-12 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
LT1083/LT1084/LT1085 Fixed
1083ffd
T Package
3-Lead Plastic TO-220
(LTC DWG # 05-08-1420)
K Package
2-Lead TO-3 Metal Can
(LTC DWG # 05-08-1310)
K2 (TO-3) 0801
.038 – .043
(0.965 – 1.09)
.060 – .135
(1.524 – 3.429)
.320 – .350
(8.13 – 8.89)
.420 – .480
(10.67 – 12.19)
.760 – .775
(19.30 – 19.69)
.490 – .510
(12.45 – 12.95)
R
.167 – .177
(4.24 – 4.49)
R
.151 – .161
(3.86 – 4.09)
DIA, 2PLCS
1.177 – 1.197
(29.90 – 30.40)
.655 – .675
(16.64 – 17.15)
.067 – .077
(1.70 – 1.96)
.210 – .220
(5.33 – 5.59)
.425 – .435
(10.80 – 11.05)
.100
(2.540)
BSC
.028 – .038
(0.711 – 0.965)
T3 (TO-220) 0801
.045 – .055
(1.143 – 1.397)
.165 – .180
(4.191 – 4.572)
.095 – .115
(2.413 – 2.921)
.013 – .023
(0.330 – 0.584)
.520 – .570
(13.208 – 14.478)
.980 – 1.070
(24.892 – 27.178)
.218 – .252
(5.537 – 6.401)
.050
(1.270)
TYP
.147 – .155
(3.734 – 3.937)
DIA
.390 – .415
(9.906 – 10.541)
.330 – .370
(8.382 – 9.398)
.460 – .500
(11.684 – 12.700)
.570 – .620
(14.478 – 15.748)
.230 – .270
(5.842 – 6.858)
7.5A Regulator
15V
15V
15V
110VAC
T1
TRIAD
F-269U
+
+
+
+
+
OUT
IN
LT1083-12 OUT
IN
GND
C30B
C30B
34
20
Ω
20
Ω
1
2
L
1MH
T2
1N4003
1N4148
1N4003
1N914
C1
50,000
μF
100
μF
LT1004-1.2
1N4003
1
μF
0.1
μF
1
μF
100pF
560
Ω
16k*
16k*
11k*
11k*
12V
0A TO 7.5A
10k
82k
15k
2
2
2
3
3
3
8
8
–15V
–15V
–15V
15V
4
4
4
7
7
1
1
200k
15k
10k
2N3904
NC
8
6
7
1
LT1011
LT1011
LM301A
*1% FILM RESISTOR
L-DALE TO-5 TYPE
T2-STANCOR 11Z-2003
REGULATOR WITH SCR PREREGULATOR TO
LOWER POWER DISSIPATION. ABOUT 1.7V
DIFFERENTIAL IS MAINTAINED ACROSS THE
LT1083 INDEPENDENT OF LOAD CURRENT.
LT1083/4/5 TA05
TYPICAL APPLICATIO S
PACKAGE DESCRIPTIO
OBSOLETE PACKAGE


Similar Part No. - LT1083CK-12

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1083CK-12 LINER-LT1083CK-12 Datasheet
287Kb / 12P
   3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
logo
Linear Integrated Syste...
LT1083CK-12 LINEAR-LT1083CK-12 Datasheet
142Kb / 12P
   3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
logo
Linear Technology
LT1083CK-12 LINER-LT1083CK-12 Datasheet
148Kb / 12P
   3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
LT1083CK-12 LINER-LT1083CK-12 Datasheet
251Kb / 18P
   3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
More results

Similar Description - LT1083CK-12

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1084 LINER-LT1084_15 Datasheet
291Kb / 22P
   3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
LT1085IT-12 LINER-LT1085IT-12 Datasheet
148Kb / 12P
   3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
LT1084 LINER-LT1084_V01 Datasheet
251Kb / 18P
   3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
LT1083 LINER-LT1083 Datasheet
287Kb / 12P
   3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
logo
Linear Integrated Syste...
LT1083 LINEAR-LT1083_1 Datasheet
142Kb / 12P
   3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
logo
List of Unclassifed Man...
OM185-5ST ETC-OM185-5ST Datasheet
407Kb / 4P
   7.5A, 5A, 3A, 1.5A LOW DROPOUT FIXED VOLTAGE POSITIVE REGULATORS
logo
Linear Technology
LT1083 LINER-LT1083_05 Datasheet
203Kb / 16P
   7.5A, 5A, 3A Low Dropout Positive Adjustable Regulators
LT1085 LINER-LT1085_15 Datasheet
291Kb / 22P
   7.5A, 5A, 3A Low Dropout Positive Adjustable Regulators
LT1085IT-12 LINER-LT1085IT-12 Datasheet
187Kb / 12P
   7.5A, 5A, 3A Low Dropout Positive Adjustable Regulators
LT1083 LINER-LT1083_15 Datasheet
291Kb / 22P
   7.5A, 5A, 3A Low Dropout Positive Adjustable Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com