Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1206MR-1024M Datasheet(PDF) 6 Page - YAGEO Corporation

Part # 1206MR-1024M
Description  HIGH OHMIC CHIP RESISTORS RC high ohmic series
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

1206MR-1024M Datasheet(HTML) 6 Page - YAGEO Corporation

  1206MR-1024M Datasheet HTML 1Page - YAGEO Corporation 1206MR-1024M Datasheet HTML 2Page - YAGEO Corporation 1206MR-1024M Datasheet HTML 3Page - YAGEO Corporation 1206MR-1024M Datasheet HTML 4Page - YAGEO Corporation 1206MR-1024M Datasheet HTML 5Page - YAGEO Corporation 1206MR-1024M Datasheet HTML 6Page - YAGEO Corporation 1206MR-1024M Datasheet HTML 7Page - YAGEO Corporation 1206MR-1024M Datasheet HTML 8Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Chip Resistor Surface Mount
Product specification
6
8
SERIES
0805/1206 (RoHS Compliant)
RC-High ohmic
www.yageo.com
Dec 31, 2008 V.0
TESTS AND REQUIREMENTS
TEST
TEST METHOD
PROCEDURE
REQUIREMENTS
Life/
Operational Life/
Endurance
MIL-STD-202G-method 108A
IEC 60115-1 4.25.1
JIS C 5202-7.10
1,000 hours at 70±5 °C applied RCWV
1.5 hours on, 0.5 hour off, still air required
±(2%+0.05 Ω)
High
Temperature
Exposure/
Endurance at
upper category
temperature
MIL-STD-202G-method 108A
IEC 60115-1 4.25.3
JIS C 5202-7.11
1,000 hours at maximum operating temperature
depending on specification, unpowered
No direct impingement of forced air to the parts
Tolerances: 155±3 °C
±(1%+0.05 Ω)
Moisture
Resistance
MIL-STD-202G-method 106F
IEC 60115-1 4.24.2
Each temperature / humidity cycle is defined at 8
hours (method 106F), 3 cycles / 24 hours for 10d
with 25 °C / 65 °C 95% R.H, without steps 7a &
7b, unpowered
Parts mounted on test-boards, without
condensation on parts
Measurement at 24±2 hours after
test conclusion
±(2%+0.05 Ω)
Thermal Shock
MIL-STD-202G-method 107G
-55/+155 °C
Note: Number of cycles required is 300. Devices
unmounted
Maximum transfer time is 20 seconds. Dwell time
is 15 minutes. Air – Air
±(1%+0.05 Ω)
Short time
overload
MIL-R-55342D-para 4.7.5
IEC60115-1 4.13
2.5 times RCWV or maximum overload voltage
whichever is less for 5 sec at room temperature
±(2%+0.05 Ω)
No visible damage
Board Flex/
Bending
IEC60115-1 4.33
Device mounted on PCB test board as described,
only 1 board bending required
3 mm bending
Bending time: 60±5 seconds
Ohmic value checked during bending
±(1%+0.05 Ω)
No visible damage
Table 4 Test condition, procedure and requirements


Similar Part No. - 1206MR-1024M

ManufacturerPart #DatasheetDescription
logo
Ceramate Technical
1206M080KRR CERAMATE-1206M080KRR Datasheet
251Kb / 9P
   Zinc Oxide
1206M101KRR CERAMATE-1206M101KRR Datasheet
251Kb / 9P
   Zinc Oxide
1206M180KRR CERAMATE-1206M180KRR Datasheet
251Kb / 9P
   Zinc Oxide
1206M240KRR CERAMATE-1206M240KRR Datasheet
251Kb / 9P
   Zinc Oxide
1206M270KRR CERAMATE-1206M270KRR Datasheet
251Kb / 9P
   Zinc Oxide
More results

Similar Description - 1206MR-1024M

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
RC0805JR-0710RL YAGEO-RC0805JR-0710RL Datasheet
383Kb / 8P
   HIGH OHMIC CHIP RESISTORS RC high ohmic series
RC0805JR-075K6L YAGEO-RC0805JR-075K6L Datasheet
383Kb / 8P
   HIGH OHMIC CHIP RESISTORS RC high ohmic series
442941 YAGEO-442941 Datasheet
383Kb / 8P
   HIGH OHMIC CHIP RESISTORS
RC0805JR-071KL YAGEO-RC0805JR-071KL Datasheet
383Kb / 8P
   HIGH OHMIC CHIP RESISTORS
RC0805JR-0727KL YAGEO-RC0805JR-0727KL Datasheet
383Kb / 8P
   HIGH OHMIC CHIP RESISTORS
RC0805JR-07470KL YAGEO-RC0805JR-07470KL Datasheet
388Kb / 8P
   HIGH OHMIC CHIP RESISTORS
RC0805JR-07330RL YAGEO-RC0805JR-07330RL Datasheet
383Kb / 8P
   HIGH OHMIC CHIP RESISTORS
RC0805JR-0747KL YAGEO-RC0805JR-0747KL Datasheet
388Kb / 8P
   HIGH OHMIC CHIP RESISTORS RC high ohmic series 20%, 10%, 5% sizes 0805/1206 RoHS compliant
logo
WALSIN TECHNOLOGY CORPO...
WW08P WALSIN-WW08P Datasheet
239Kb / 7P
   High Power Low Ohmic Chip Resistors
logo
YAGEO Corporation
RL0805FR-7W0R022L YAGEO-RL0805FR-7W0R022L Datasheet
439Kb / 8P
   LOW OHMIC HIGH POWER CHIP RESISTORS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com