Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1021BCH-10 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1021BCH-10
Description  Precision Reference
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1021BCH-10 Datasheet(HTML) 2 Page - Linear Technology

  LT1021BCH-10 Datasheet HTML 1Page - Linear Technology LT1021BCH-10 Datasheet HTML 2Page - Linear Technology LT1021BCH-10 Datasheet HTML 3Page - Linear Technology LT1021BCH-10 Datasheet HTML 4Page - Linear Technology LT1021BCH-10 Datasheet HTML 5Page - Linear Technology LT1021BCH-10 Datasheet HTML 6Page - Linear Technology LT1021BCH-10 Datasheet HTML 7Page - Linear Technology LT1021BCH-10 Datasheet HTML 8Page - Linear Technology LT1021BCH-10 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
LT1021
1021fc
A
G
A
U
A
R
BSOLUTEXI
TI
S
Input Voltage .......................................................... 40V
Input/Output Voltage Differential ............................ 35V
Output-to-Ground Voltage (Shunt Mode Current Limit)
LT1021-5 ............................................................. 10V
LT1021-7 ............................................................. 10V
LT1021-10 ........................................................... 16V
Trim Pin-to-Ground Voltage
Positive ............................................... Equal to VOUT
Negative ........................................................... – 20V
Output Short-Circuit Duration
VIN = 35V ......................................................... 10 sec
VIN ≤ 20V ................................................... Indefinite
Operating Temperature Range
Commercial ............................................ 0
°C to 70°C
Industrial ........................................... – 40
°C to 85°C
Military ............................................ – 55
°C to 125°C
Storage Temperature Range ................ – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec)................ 300
°C
PACKAGE/ORDER I FOR ATIO
TJMAX = 150°C, θJA = 150°C/W,θJC = 45°C/W
TOP VIEW
NC*
NC*
NC*
VIN
VOUT
TRIM**
NC*
GND
8
7
6
5
3
2
1
4
H PACKAGE
8-LEAD TO-5 METAL CAN
TJMAX = 130°C, θJA = 130°C/W (N)
TJMAX = 130°C, θJA = 150°C/W (S)
(Note 1)
1
2
3
4
8
7
6
5
TOP VIEW
DNC*
VIN
DNC*
GND
DNC*
DNC*
V0UT
TRIM**
N8 PACKAGE
8-LEAD PDIP
S8 PACKAGE
8-LEAD PLASTIC SO
*CONNECTED INTERNALLY. DO NOT CONNECT EXTERNAL CIRCUITRY TO THESE PINS.
**NO TRIM PIN ON LT1021-7. DO NOT CONNECT EXTERNAL CIRCUITRY TO PIN 5 ON LT1021-7
ORDER PART NUMBER
*CONNECTED INTERNALLY. DO NOT CONNECT EXTERNAL CIRCUITRY TO THESE PINS.
**NO TRIM PIN ON LT1021-7. DO NOT CONNECT EXTERNAL CIRCUITRY TO PIN 5 ON LT1021-7
OBSOLETE
LT1021BCH-5
LT1021BMH-5
LT1021CCH-5
LT1021CMH-5
LT1021BMH-10
LT1021DCH-5
LT1021DMH-5
LT1021BCH-7
LT1021BMH-7
LT1021DCH-7
LT1021DMH-7
LT1021BCH-10
LT1021CMH-10
LT1021DCH-10
LT1021DMH-10
LT1021BCN8-5
LT1021CCN8-5
LT1021CIN8-5
LT1021DCN8-5
LT1021DIN8-5
LT1021BCN8-7
LT1021DCN8-7
LT1021BCN8-10
LT1021CCN8-10
LT1021CIN8-10
LT1021DCN8-10
LT1021DIN8-10
2105
2107
2110
N8 ORDER PART NUMBER
LT1021DCS8-5
LT1021DCS8-7
LT1021DCS8-10
S8 ORDER PART NUMBER
S8 PART MARKING
Order Options Tape and Reel: Add #TR
Lead Free: Add #PBF
Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/
Consult LTC Marketing for parts specified with wider operating temperature ranges.


Similar Part No. - LT1021BCH-10

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1021BCH-10 LINER-LT1021BCH-10 Datasheet
227Kb / 16P
   Precision Reference
LT1021BCH-10 LINER-LT1021BCH-10 Datasheet
228Kb / 16P
   Precision Reference
More results

Similar Description - LT1021BCH-10

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1021DCS8 LINER-LT1021DCS8 Datasheet
218Kb / 3P
   Precision Reference?
LT1236 LINER-LT1236_15 Datasheet
230Kb / 12P
   Precision Reference
LM399 LINER-LM399_15 Datasheet
171Kb / 8P
   Precision Reference
logo
Linear Dimensions Semic...
LT1021DCN8-10 LINEAR_DIMENSIONS-LT1021DCN8-10 Datasheet
238Kb / 16P
   Precision Reference
logo
National Semiconductor ...
LM199 NSC-LM199_05 Datasheet
651Kb / 10P
   Precision Reference
logo
Linear Technology
LM199 LINER-LM199 Datasheet
296Kb / 5P
   Precision Reference
logo
National Semiconductor ...
LM329 NSC-LM329_08 Datasheet
197Kb / 8P
   Precision Reference
logo
Linear Dimensions Semic...
LT1236ACS8-5PBF LINEAR_DIMENSIONS-LT1236ACS8-5PBF Datasheet
230Kb / 12P
   Precision Reference
logo
Linear Technology
LT1021 LINER-LT1021_05 Datasheet
228Kb / 16P
   Precision Reference
logo
National Semiconductor ...
LM129 NSC-LM129 Datasheet
165Kb / 10P
   Precision Reference
logo
Linear Technology
LT1236 LINER-LT1236 Datasheet
262Kb / 12P
   Precision Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com