Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1084MK-5 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1084MK-5
Description  3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1084MK-5 Datasheet(HTML) 4 Page - Linear Technology

  LT1084MK-5 Datasheet HTML 1Page - Linear Technology LT1084MK-5 Datasheet HTML 2Page - Linear Technology LT1084MK-5 Datasheet HTML 3Page - Linear Technology LT1084MK-5 Datasheet HTML 4Page - Linear Technology LT1084MK-5 Datasheet HTML 5Page - Linear Technology LT1084MK-5 Datasheet HTML 6Page - Linear Technology LT1084MK-5 Datasheet HTML 7Page - Linear Technology LT1084MK-5 Datasheet HTML 8Page - Linear Technology LT1084MK-5 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
LT1083/LT1084/LT1085 Fixed
1083ffd
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Quiescient Current
LT1084-3.3
VIN = 18V
5.0
10.0
mA
LT1085-3.3
VIN = 18V
5.0
10.0
mA
LT1085-3.6
VIN = 18V
5.0
10.0
mA
LT1083/4/5-5
VIN ≤ 20V
5.0
10.0
mA
LT1083/4/5-12
VIN ≤ 25V
5.0
10.0
mA
Thermal Regulation
LT1083-5/12
TA = 25°C, 30ms pulse
0.002
0.010
%/W
LT1084-3.3/5/12
0.003
0.015
%/W
LT1085-3.3/3.6/5/12
0.004
0.020
%/W
Ripple Rejection
f = 120Hz, COUT = 25μF Tantalum, IOUT = IFULLLOAD (Note 4)
LT1084-3.3
f = 120Hz, COUT = 25μF Tantalum, IOUT = 5A, VIN = 6.3V
60
72
dB
LT1085-3.3
f = 120Hz, COUT = 25μF Tantalum, VIN = 6.3V, IOUT = 3A
60
72
dB
LT1085-3.6
f = 120Hz, COUT = 25μF Tantalum, VIN = 6.6V, IOUT = 3A
60
72
dB
LT1083/4/5-5
VIN = 8V (Note 6)
60
68
dB
LT1083/4/5-12
VIN = 15V (Note 6)
54
60
dB
Temperature Stability
0.5
%
Long Term Stability
TA = 125°C, 1000 Hrs.
0.03
1.0
%
RMS Output Noise
TA = 25°C,
(% of VOUT)
10Hz =
≤ f ≤ 10kHz
0.003
%
Thermal Resistance
Control Circuitry/Power Transistor (See Applications Information)
Junctrion-to-Case
LT1083
K Package
0.6/1.6
°C/W
P Package
0.5/1.6
°C/W
LT1084
K Package
0.75/2.3
°C/W
P Package
0.65/2.3
°C/W
T Package
0.65/2.7
°C/W
LT1085
K Package
0.9/3.0
°C/W
T Package
0.7/3.0
°C/W
DD Package
0.7/3.0
°C/W
Note 5: Dropout voltage is specified over the full output current range of
the device. Test points and limits are shown on the Dropout Voltage curve.
Note 6: For LT1083 IFULL LOAD is 5A for – 55°C ≤ TJ ≤ –40°C and 7.5A for
TJ ≥ –40°C.
Note 7: 1.7V
≤ (VIN – VOUT) ≤ 25V for LT1084 at –55°C ≤ TJ ≤ –40°C.
Note 8: Dropout voltage 1.7V maximum for LT1084 at
–55
°C ≤ TJ ≤ –40°C.
Note 9: Full load current is not available at all input-output voltages.
See Notes 3, 4, 6.
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: See thermal regulation specifications for changes in output voltage
due to heating effects. Load and line regulation are measured at a constant
junction temperature by low duty cycle pulse testing.
Note 3: Line and load regulation are guaranteed up to the maximum power
dissipation (60W for the LT1083, 45W for the LT1084 (K, P), 30W for the
LT1084 (T) and 30W for the LT1085). Power dissipation is determined by
the input/output differential and the output current. Guaranteed maximum
power dissipation will not be available over the full input/output range.
Note 4: IFULL LOAD is defined in the current limit curves. The IFULLLOAD
curve is defined as the minimum value of current limit as a function of
input to output voltage. Note that the 60W power dissipation for the
LT1083 (45W for the LT1084 (K, P), 30W for the LT1084 (T), 30W for the
LT1085) is only achievable over a limited range of input to output voltage.
ELECTRICAL CHARACTERISTICS The denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C.


Similar Part No. - LT1084MK-5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1084MK-5 LINER-LT1084MK-5 Datasheet
287Kb / 12P
   3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
logo
Linear Integrated Syste...
LT1084MK-5 LINEAR-LT1084MK-5 Datasheet
142Kb / 12P
   3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
logo
Linear Technology
LT1084MK-5 LINER-LT1084MK-5 Datasheet
148Kb / 12P
   3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
LT1084MK-5 LINER-LT1084MK-5 Datasheet
251Kb / 18P
   3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
More results

Similar Description - LT1084MK-5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1084 LINER-LT1084_15 Datasheet
291Kb / 22P
   3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
LT1085CT-33 LINER-LT1085CT-33 Datasheet
148Kb / 12P
   3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
LT1084 LINER-LT1084_V01 Datasheet
251Kb / 18P
   3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
LT1083 LINER-LT1083 Datasheet
287Kb / 12P
   3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
logo
Linear Integrated Syste...
LT1083 LINEAR-LT1083_1 Datasheet
142Kb / 12P
   3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
logo
List of Unclassifed Man...
OM185-5ST ETC-OM185-5ST Datasheet
407Kb / 4P
   7.5A, 5A, 3A, 1.5A LOW DROPOUT FIXED VOLTAGE POSITIVE REGULATORS
logo
Linear Technology
LT1083 LINER-LT1083_05 Datasheet
203Kb / 16P
   7.5A, 5A, 3A Low Dropout Positive Adjustable Regulators
LT1085 LINER-LT1085_15 Datasheet
291Kb / 22P
   7.5A, 5A, 3A Low Dropout Positive Adjustable Regulators
LT1085IT-12 LINER-LT1085IT-12 Datasheet
187Kb / 12P
   7.5A, 5A, 3A Low Dropout Positive Adjustable Regulators
LT1083 LINER-LT1083_15 Datasheet
291Kb / 22P
   7.5A, 5A, 3A Low Dropout Positive Adjustable Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com