Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1021DIN8-5 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1021DIN8-5
Description  Precision Reference
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1021DIN8-5 Datasheet(HTML) 4 Page - Linear Technology

  LT1021DIN8-5 Datasheet HTML 1Page - Linear Technology LT1021DIN8-5 Datasheet HTML 2Page - Linear Technology LT1021DIN8-5 Datasheet HTML 3Page - Linear Technology LT1021DIN8-5 Datasheet HTML 4Page - Linear Technology LT1021DIN8-5 Datasheet HTML 5Page - Linear Technology LT1021DIN8-5 Datasheet HTML 6Page - Linear Technology LT1021DIN8-5 Datasheet HTML 7Page - Linear Technology LT1021DIN8-5 Datasheet HTML 8Page - Linear Technology LT1021DIN8-5 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
LT1021
1021fc
ELECTRICAL C
C
HARA TERISTICS
LT1021-10
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Output Voltage (Note 2)
LT1021C-10
9.995
10.00
10.005
V
LT1021B-10/LT1021D-10
9.950
10.00
10.050
V
Output Voltage Temperature Coefficient (Note 3)
TMIN ≤ TJ ≤ TMAX
LT1021B-10
2
5
ppm/
°C
LT1021C-10/LT1021D-10
5
20
ppm/
°C
Line Regulation (Note 4)
11.5V
≤ VIN ≤ 14.5V
1.0
4
ppm/V
6
ppm/V
14.5V
≤ VIN ≤ 40V
0.5
2
ppm/V
4
ppm/V
Load Regulation (Sourcing Current)
0
≤ IOUT ≤ 10mA
12
25
ppm/mA
(Note 4)
40
ppm/mA
Load Regulation (Shunt Mode)
1.7mA
≤ ISHUNT ≤ 10mA
50
100
ppm/mA
(Notes 4, 5)
150
ppm/mA
Supply Current (Series Mode)
1.2
1.7
mA
2.0
mA
Minimum Current (Shunt Mode)
VIN is Open
1.1
1.5
mA
1.7
mA
Output Voltage Noise (Note 6)
0.1Hz
≤ f ≤ 10Hz
6.0
µVP-P
10Hz
≤ f ≤ 1kHz
3.5
6
µVRMS
Long Term Stability of Output Voltage (Note 7)
∆t = 1000Hrs Noncumulative
15
ppm
Temperature Hysteresis of Output
∆T = ±25°C
5
ppm
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: Output voltage is measured immediately after turn-on. Changes
due to chip warm-up are typically less than 0.005%.
Note 3: Temperature coefficient is measured by dividing the change in
output voltage over the temperature range by the change in temperature.
Separate tests are done for hot and cold; TMIN to 25°C and 25°C to TMAX.
Incremental slope is also measured at 25
°C.
Note 4: Line and load regulation are measured on a pulse basis. Output
changes due to die temperature change must be taken into account
separately. Package thermal resistance is 150
°C/W for TO-5 (H), 130°C/W
for N and 150
°C/W for the SO-8.
Note 5: Shunt mode regulation is measured with the input open. With the
input connected, shunt mode current can be reduced to 0mA. Load
regulation will remain the same.
Note 6: RMS noise is measured with a 2-pole highpass filter at 10Hz and a
2-pole lowpass filter at 1kHz. The resulting output is full-wave rectified and
then integrated for a fixed period, making the final reading an average as
opposed to RMS. Correction factors are used to convert from average to
RMS and correct for the non-ideal bandpass of the filters.
Peak-to-peak noise is measured with a single highpass filter at 0.1Hz and a
2-pole lowpass filter at 10Hz. The unit is enclosed in a still-air environment
to eliminate thermocouple effects on the leads. Test time is 10 seconds.
Note 7: Consult factory for units with long term stability data.
The
denotes specifications that apply over the full operating temperature
range, otherwise specifications are TA = 25°C. VIN = 15V, IOUT = 0, unless otherwise noted.


Similar Part No. - LT1021DIN8-5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1021DIN8-5 LINER-LT1021DIN8-5 Datasheet
227Kb / 16P
   Precision Reference
LT1021DIN8-5 LINER-LT1021DIN8-5 Datasheet
228Kb / 16P
   Precision Reference
More results

Similar Description - LT1021DIN8-5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1021DCS8 LINER-LT1021DCS8 Datasheet
218Kb / 3P
   Precision Reference?
LT1236 LINER-LT1236_15 Datasheet
230Kb / 12P
   Precision Reference
LM399 LINER-LM399_15 Datasheet
171Kb / 8P
   Precision Reference
logo
Linear Dimensions Semic...
LT1021DCN8-10 LINEAR_DIMENSIONS-LT1021DCN8-10 Datasheet
238Kb / 16P
   Precision Reference
logo
National Semiconductor ...
LM199 NSC-LM199_05 Datasheet
651Kb / 10P
   Precision Reference
logo
Linear Technology
LM199 LINER-LM199 Datasheet
296Kb / 5P
   Precision Reference
logo
National Semiconductor ...
LM329 NSC-LM329_08 Datasheet
197Kb / 8P
   Precision Reference
logo
Linear Dimensions Semic...
LT1236ACS8-5PBF LINEAR_DIMENSIONS-LT1236ACS8-5PBF Datasheet
230Kb / 12P
   Precision Reference
logo
Linear Technology
LT1021 LINER-LT1021_05 Datasheet
228Kb / 16P
   Precision Reference
logo
National Semiconductor ...
LM129 NSC-LM129 Datasheet
165Kb / 10P
   Precision Reference
logo
Linear Technology
LT1236 LINER-LT1236 Datasheet
262Kb / 12P
   Precision Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com