Electronic Components Datasheet Search |
|
USCHSXSYR1AVLTX Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers |
|
USCHSXSYR1AVLTX Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers |
6 / 12 page 6 Specifications are subject to change without notice USCDS0407063 USC AC/DC voltage 90 to 260V (standard) 18 to 60V (on request) Energy consumption ≤ 30VA/12W (90 to 260V) ≤ 20VA/12W (18 to 60V) Supply Specifications Linearization Points Up to 16 Input range Selectable by every single point Output range Selectable by every single point UscSoft Software for programming USC by means of PC (Windows 95, 98se, ME, XP) by means of serial port RS485 and relevant connection cable. UscSoft includes programming, displaying, min-max storage functions. The software is available in English, Spanish, Italian, German and French. See also “The programming of USC by means of PC”. TC Opening of probe’s connection: EEE indication RTD Opening of probe’s connection: EEE indication probe’s short circuit: -EEE indication. Digital filter Filter operating range 0 to 9999 Filtering coefficient 1 to 32 Scaling Selection of min value of the input range. Selection of max value of the input range. Selection of decimal point position. Selection of min display value. Selection of max display value. Software functions (continuous) Safety Standards Safety EN 61010-1, IEC 61010-1 Connections Screw type Wire section Max 2.5mm2 Housing Dimensions 44 x 113 x 107 mm Material PC-ABS, self-extinguishing: UL 94 V-0 Protection degree IP20 Weight 560 g approx (included all modules and packing) Approvals CE, UR, CSA Operating 0° to 50°C (32° to 122°F) temperature (H.R. < 90% non-condensing) Storage -10° to 60°C (14° to 140°F) temperature (H.R. < 90% non-condensing) Insulation reference 300 V RMS to ground voltage (500V input) Insulation See table “Insulation between inputs and outputs” Dielectric strength 4000 V RMS for 1 minute Rejection NMRR 40 dB, 40 to 60 Hz CMRR 100 dB, 40 to 60 Hz EMC EN61000-6-2, IEC61000-6-2 EN61000-6-3, IEC61000-6-3 General Specifications |
Similar Part No. - USCHSXSYR1AVLTX |
|
Similar Description - USCHSXSYR1AVLTX |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |