Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USCTRXSYR1AVLTX Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # USCTRXSYR1AVLTX
Description  Digital Panel Meters Modular signal conditioner Type USC-DIN
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

USCTRXSYR1AVLTX Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  USCTRXSYR1AVLTX Datasheet HTML 1Page - List of Unclassifed Manufacturers USCTRXSYR1AVLTX Datasheet HTML 2Page - List of Unclassifed Manufacturers USCTRXSYR1AVLTX Datasheet HTML 3Page - List of Unclassifed Manufacturers USCTRXSYR1AVLTX Datasheet HTML 4Page - List of Unclassifed Manufacturers USCTRXSYR1AVLTX Datasheet HTML 5Page - List of Unclassifed Manufacturers USCTRXSYR1AVLTX Datasheet HTML 6Page - List of Unclassifed Manufacturers USCTRXSYR1AVLTX Datasheet HTML 7Page - List of Unclassifed Manufacturers USCTRXSYR1AVLTX Datasheet HTML 8Page - List of Unclassifed Manufacturers USCTRXSYR1AVLTX Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
Specifications are subject to change without notice
USCDS0407063
USC
Input impedances and overloads
(*) Max. generated measuring current for resistance equal to 0
Output specifications
RS422/RS485
(on request)
Module: BR SX
Serial output
Bidirectional (static and
dynamic variables).
LED
Display of data
reception/transmission
Connections
Multidrop, 2 or 4 wires,
Distance
1000m
Terminalization
Directly on the module
by means of jumper
Addresses
1 to 255, selectable
by means of software
Protocol
MODBUS RTU/JBUS
Data (bidirectional)
Dynamic (reading only)
Measurement, min value
max value
alarm status
Static (reading/writing)
All programming parameters,
min max reset
Data format
8 data bit, no parity,
1 stop bit
Baud rate
selectable 4800, 9600,19200
and 38400 bit/s
Insulation
By means of opto-couplers
4000 V
rms
output to
measuring inputs
4000 V
rms
output to
power supply input
RS232
(on request)
Module: BR SY
Serial output
Bidirectional (static and
dynamic variables)
Connections
3 wires,
Distance
max. 15m
Data format
1 start bit, 8 data bit,
no parity, 1 stop bit
Baud rate
selectable 4800, 9600,
19200 and 38400 bit/s
Other characteristics
As per RS422/485
Module
Inputs
Type
Impedance
Overload (continuous)
Overload (1s)
BQ LSX/
BQ LSE/
BQ LSF
-200µA to +200µA
-2mA to +2mA
-20mA to +20mA
-200mV to +200mV
-2V to +2V
-20V to +20V
AC/DC
AC/DC
AC/DC
AC/DC
AC/DC
AC/DC
≤2.2kΩ
≤22Ω
≤22Ω
≥2.2kΩ
≥200kΩ
≥200kΩ
5mA
50mA
50mA
10V
50V
50V
10mA
150mA
150mA
20V
100V
100V
BQ HSX
-200mA to +200mA
-2A to +2A
-5A to +5A
-20V to +20V
-200V to +200V
-500V to +500V
AC/DC
AC/DC
AC/DC
AC/DC
AC/DC
AC/DC
≤1Ω
≤0.012Ω
≤0.012Ω
≥2MΩ
≥2MΩ
≥2MΩ
0.8A
7.5A
7.5A
750V
750V
750V
1A
100A
100A
1000V
1000V
1000V
BQ TRX
Thermo-
couple
-50°C to +760°C
-58 °F to +1400 °F
-200°C to +1260°C
-328 °F to +2300°F
-200°C to +1000°C
-328°F to +1832°F
-50°C to +1750°C
-58°F to +3182°F
-200°C to +400°C
-328°F to +752°F
J
J
K
K
E
E
S
S
T
T
ILK <0.5µA
Max 5V
Max 10V
BQ TRX
Thermoresis-
tance
-200°C to +850°C
-328°F to +1562°F
-200,0°C to +200,0°C
-328°F to +392°F
-200,0°C to +200.0°C
-328°F to +392°F
-60°C to +180°C
-76°F to +356°F
Pt100
Pt100
Pt250/Pt100
Pt250/Pt100
Pt1000/Pt500
Pt1000/Pt500
Ni100
Ni100
800µA (*)
800µA (*)
90µA (*)
90µA (*)
800µA (*)
800µA (*)
800µA (*)
800µA (*)
Max 5V
Max 10V
BQ TRX
Resistance
0 to 20
0 to 200
0 to 2000
0 to 20.00k
800µA (*)
90µA (*)
800µA (*)
90µA (*)
Max 5V
Max 10V


Similar Part No. - USCTRXSYR1AVLTX

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
USC RUBYCON-USC Datasheet
71Kb / 4P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
logo
Advantech Co., Ltd.
USC-130 ADVANTECH-USC-130 Datasheet
772Kb / 3P
   11.6" ARM Based Android All-in-One Computer
6-Mar-2023
USC-130 ADVANTECH-USC-130 Datasheet
1Mb / 2P
   Multi- purpose stand
14-Jul-2020
USC-130AP-BC106 ADVANTECH-USC-130AP-BC106 Datasheet
772Kb / 3P
   11.6" ARM Based Android All-in-One Computer
6-Mar-2023
USC-130AP-BC201 ADVANTECH-USC-130AP-BC201 Datasheet
772Kb / 3P
   11.6" ARM Based Android All-in-One Computer
6-Mar-2023
More results

Similar Description - USCTRXSYR1AVLTX

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
USC-DIN ETC2-USC-DIN Datasheet
399Kb / 12P
   Digital Panel Meters Modular signal conditioner
UDM40 ETC2-UDM40 Datasheet
668Kb / 11P
   Digital Panel Meters Modular Indicator and Controller
UDM35 ETC2-UDM35 Datasheet
667Kb / 11P
   Digital Panel Meters Modular Indicator and Controller
logo
Murata Manufacturing Co...
DM9000 MURATA-DM9000 Datasheet
1Mb / 15P
   digital panel meters
logo
Tyco Electronics
30030 MACOM-30030 Datasheet
644Kb / 12P
   240 Series DIN Panel Meters
logo
List of Unclassifed Man...
EDM35V1D41 ETC2-EDM35V1D41 Datasheet
218Kb / 7P
   Panel Meters and Controllers Panel Meter Modular
logo
M-System Co.,Ltd.
47NLNT MSYSTEM-47NLNT Datasheet
176Kb / 5P
   Digital Panel Meters 47NL Series
47NLR MSYSTEM-47NLR Datasheet
242Kb / 4P
   Digital Panel Meters 47NL Series
47NLRT MSYSTEM-47NLRT Datasheet
187Kb / 4P
   Digital Panel Meters 47NL Series
47LYV MSYSTEM-47LYV Datasheet
154Kb / 5P
   Digital Panel Meters 47 Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com