Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP707 Datasheet(PDF) 2 Page - Sipex Corporation

Part # SP707
Description  Low Power Microprocessor Supervisory Circuits
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP707 Datasheet(HTML) 2 Page - Sipex Corporation

  SP707 Datasheet HTML 1Page - Sipex Corporation SP707 Datasheet HTML 2Page - Sipex Corporation SP707 Datasheet HTML 3Page - Sipex Corporation SP707 Datasheet HTML 4Page - Sipex Corporation SP707 Datasheet HTML 5Page - Sipex Corporation SP707 Datasheet HTML 6Page - Sipex Corporation SP707 Datasheet HTML 7Page - Sipex Corporation SP707 Datasheet HTML 8Page - Sipex Corporation SP707 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
SP705DS/09
SP705 Low Power Microprocessor Supervisory Circuits
© Copyright 2000 Sipex Corporation
2
R
E
T
E
M
A
R
A
P.
N
I
M.
P
Y
T.
X
A
MS
T
I
N
US
N
O
I
T
I
D
N
O
C
V
,
e
g
n
a
R
e
g
a
t
l
o
V
g
n
i
t
a
r
e
p
O
C
C
0
.
15
.
5V
I
,
t
n
e
r
r
u
C
y
l
p
p
u
S
Y
L
P
P
U
S
0
40
6
µAV
=
R
M
C
C
g
n
i
t
a
o
l
F
I
D
W
,
g
n
i
t
a
o
l
F
r
o
d
l
o
h
s
e
r
h
T
t
e
s
e
R0
5
.
4
5
2
.
4
5
6
.
4
0
4
.
4
5
7
.
4
0
5
.
4
V2
e
t
o
N
,
L
3
1
8
P
S
,
7
0
7
P
S
,
5
0
7
P
S
2
e
t
o
N
,
M
3
1
8
P
S
,
8
0
7
P
S
,
6
0
7
P
S
s
i
s
e
r
e
t
s
y
H
d
l
o
h
s
e
r
h
T
t
e
s
e
R0
4V
m2
e
t
o
N
t
,
h
t
d
i
W
e
s
l
u
P
t
e
s
e
R
S
R
0
4
10
0
20
8
2s
m2
e
t
o
N
T
E
S
E
Re
g
a
t
l
o
V
t
u
p
t
u
OV
C
C
5
.
1
-
8
.
0
0
4
.
0
0
3
.
0
V
2
e
t
o
N
I
E
C
R
U
O
S
0
0
8
=
µA
I
E
C
R
U
O
S
4
=
µ V
,
A
C
C
V
1
.
1
=
I
K
N
I
S
A
m
2
.
3
=
V
C
C
I
,
V
1
=
K
N
I
S
0
5
=
µA
t
,
d
o
i
r
e
P
t
u
o
e
m
i
T
g
o
d
h
c
t
a
W
D
W
0
0
.
10
6
.
15
2
.
2s
M
3
1
8
P
S
,
L
3
1
8
P
S
,
6
0
7
P
S
,
5
0
7
P
S
t
,
h
t
d
i
W
e
s
l
u
P
I
D
W
P
W
0
5s
nV
L
I
V
,
V
4
.
0
=
H
I
V
X
8
.
0
=
C
C
,
d
l
o
h
s
e
r
h
T
t
u
p
n
I
I
D
W
W
O
L
H
G
I
H5
.
3
8
.
0V
M
3
1
8
P
S
,
L
3
1
8
P
S
,
6
0
7
P
S
,
5
0
7
P
S
V
C
C
V
5
=
t
n
e
r
r
u
C
t
u
p
n
I
I
D
W
5
7
-
0
3
0
2
-
5
7
µAM
3
1
8
P
S
,
L
3
1
8
P
S
,
6
0
7
P
S
,
5
0
7
P
S
V
=
I
D
W
C
C
M
3
1
8
P
S
,
L
3
1
8
P
S
,
6
0
7
P
S
,
5
0
7
P
S
V
0
=
I
D
W
ABSOLUTE MAXIMUM RATINGS
This is a stress rating only and functional operation
of the device at these or any other conditions above
those indicated in the operation sections of this
specification is not implied. Exposure to absolute
maximum rating conditions for extended periods of
time may affect reliability and cause permanent
damage to the device.
V
cc
.......................................................................................
-0.3V to +6.0V
All Other Inputs (Note 1) ......... -0.3V to (Vcc+0.3V)
Input Current:
V
cc
.............................................................................................................
20mA
GND ............................................................ 20mA
Output Current (all outputs) ......................... 20mA
ESD Rating ..................................................... 4KV
Continuous Power Dissipation
Plastic DIP (derate 9.09mW/
°C above +70°C)727mW
SO (derate 5.88mW/
°C above +70°C) ...... 471mW
Mini SO (derate 4.10mW/
°C above +70°C) 330mW
Storage Temperature Range ....... -65
°C to +160°C
Lead Temperature (soldering, 10s) ............ +300
°C
SPECIFICATIONS
V
CC = 4.75V to 5.50V for SP705/707/813L, VCC = 4.50V to 5.50V for SP706/708/813M, TA = TMIN to TMAX, unless otherwise noted, typical at 25
oC.


Similar Part No. - SP707

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP707 SIPEX-SP707 Datasheet
197Kb / 18P
   Low Power Microprocessor Supervisory Circuits
SP707 SIPEX-SP707 Datasheet
429Kb / 18P
   Low Power Microprocessor Supervisory Circuits
logo
Exar Corporation
SP707 EXAR-SP707 Datasheet
1Mb / 18P
   Low Power Microprocessor Supervisory Circuits
logo
Sipex Corporation
SP707 SIPEX-SP707 Datasheet
201Kb / 18P
   Low Power Microprocessor Supervisory Circuits
logo
Exar Corporation
SP707 EXAR-SP707 Datasheet
1Mb / 17P
   Low Power Microprocessor Supervisory Circuits
More results

Similar Description - SP707

ManufacturerPart #DatasheetDescription
logo
Shanghai Consonance Ele...
CN705 CONSONANCE-CN705 Datasheet
390Kb / 14P
   Low Power Microprocessor Supervisory Circuits
logo
Sipex Corporation
SP706REN-L SIPEX-SP706REN-L Datasheet
201Kb / 18P
   Low Power Microprocessor Supervisory Circuits
logo
Exar Corporation
SP705 EXAR-SP705 Datasheet
1Mb / 18P
   Low Power Microprocessor Supervisory Circuits
logo
Sipex Corporation
SP705 SIPEX-SP705 Datasheet
197Kb / 18P
   Low Power Microprocessor Supervisory Circuits
logo
Exar Corporation
SP813LCN-L EXAR-SP813LCN-L Datasheet
1Mb / 17P
   Low Power Microprocessor Supervisory Circuits
logo
Sipex Corporation
SP705 SIPEX-SP705 Datasheet
197Kb / 18P
   Low Power Microprocessor Supervisory Circuits
SP705 SIPEX-SP705_06 Datasheet
429Kb / 18P
   Low Power Microprocessor Supervisory Circuits
logo
Exar Corporation
SP690A EXAR-SP690A Datasheet
406Kb / 16P
   Low Power Microprocessor Supervisory
logo
Analog Devices
ADM707ARZ AD-ADM707ARZ Datasheet
338Kb / 12P
   Low Cost Microprocessor Supervisory Circuits
Rev. G
ADM708ARZ AD-ADM708ARZ Datasheet
338Kb / 12P
   Low Cost Microprocessor Supervisory Circuits
Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com