Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1083CP-5 Datasheet(PDF) 9 Page - Linear Technology

Part # LT1083CP-5
Description  3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1083CP-5 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT1083CP-5 Datasheet HTML 4Page - Linear Technology LT1083CP-5 Datasheet HTML 5Page - Linear Technology LT1083CP-5 Datasheet HTML 6Page - Linear Technology LT1083CP-5 Datasheet HTML 7Page - Linear Technology LT1083CP-5 Datasheet HTML 8Page - Linear Technology LT1083CP-5 Datasheet HTML 9Page - Linear Technology LT1083CP-5 Datasheet HTML 10Page - Linear Technology LT1083CP-5 Datasheet HTML 11Page - Linear Technology LT1083CP-5 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
LT1083/LT1084/LT1085 Fixed
1083ffd
case- to-heat sink interface, and heat sink resistance itself.
New thermal resistance specifications have been devel-
oped to more accurately reflect device temperature and
ensure safe operating temperatures. The data section for
these new regulators provides a separate thermal resis-
tance and maximum junction temperature for both the
Control Section and the Power Section. Previous regula-
tors, with a single junction-to-case thermal resistance
specification, used an average of the two values provided
here and therefore could allow excessive junction tem-
peratures under certain conditions of ambient tempera-
ture and heat sink resistance. To avoid this possibility,
calculations should be made for both sections to ensure
that both thermal limits are met.
Junction-to-case thermal resistance is specified from the
IC junction to the bottom of the case directly below the die.
This is the lowest resistance path for heat flow. Proper
mounting is required to ensure the best possible thermal
flow from this area of the package to the heat sink. Thermal
compound at the case-to-heat sink interface is strongly
recommended. If the case of the device must be electroni-
cally isolated, a thermally conductive spacer can be used
as long as its added contribution to thermal resistance is
considered. Note that the case of all devices in this series
is electronically connected to the ouput.
For example, using a LT1083-5CP (TO-3P, Commercial)
and assuming:
VIN(max continuous) = 9V, VOUT = 5V, IOUT = 6A,
TA = 75°C, θHEAT SINK = 1°C/W,
θCASE-TO-HEAT SINK = 0.2°C/W for P package with
thermal compound.
Power dissipation under these conditions is equal to:
PD = (VIN – VOUT) (IOUT) = 24W
Junction temperature will be equal to:
TJ = TA + PD HEAT SINK + θCASE-TO-HEAT SINK + θJC)
For the Control Section:
TJ = 75°C + 24W (1°C/W + 0.2°C/W + 0.5°C/W) =
118
°C
118
°C < 125°C = TJMAX (Control Section Commer-
cial Range)
For the Power Transistor:
TJ = 75°C + 24W (1°C/W + 0.2°C/W + 1.6°C/W) =
142
°C
142
°C < 150°C = TJMAX (Power Transistor Commer-
cial Range)
In both cases the junction temperature is below the
maximum rating for the respective sections, ensuring
reliable operation.
High Efficiency Regulator
+
28V
INPUT
28V
470
Ω
28V
4N28
1N914
1N914
LT1011
10k
10k
10k
1k
1M
MR1122
1mH
10,000
μF
OUTPUT
LT1083-5 OUT
IN
GND
LT1083/4/5 TA03
+
APPLICATIO S I FOR ATIO
TYPICAL APPLICATIO S
Paralleling Regulators
LT1083-5 OUT
IN
VIN
VOUT = 5V
IOUT = 0A TO 15A
GND
LT1083-5
0.015
Ω
OUT
2 FEET #18 WIRE*
IN
GND
*THE #18 WIRE ACTS
AS BALLAST RESISTANCE
INSURING CURRENT SHARING
BETWEEN BOTH DEVICES
LT1083/4/5 TA04


Similar Part No. - LT1083CP-5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1083CP-5 LINER-LT1083CP-5 Datasheet
287Kb / 12P
   3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
logo
Linear Integrated Syste...
LT1083CP-5 LINEAR-LT1083CP-5 Datasheet
142Kb / 12P
   3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
logo
Linear Technology
LT1083CP-5 LINER-LT1083CP-5 Datasheet
148Kb / 12P
   3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
LT1083CP-5 LINER-LT1083CP-5 Datasheet
251Kb / 18P
   3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
LT1083CP-5PBF LINER-LT1083CP-5PBF Datasheet
251Kb / 18P
   3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
More results

Similar Description - LT1083CP-5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1084 LINER-LT1084_15 Datasheet
291Kb / 22P
   3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
LT1085CT-33 LINER-LT1085CT-33 Datasheet
148Kb / 12P
   3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
LT1084 LINER-LT1084_V01 Datasheet
251Kb / 18P
   3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
LT1083 LINER-LT1083 Datasheet
287Kb / 12P
   3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
logo
Linear Integrated Syste...
LT1083 LINEAR-LT1083_1 Datasheet
142Kb / 12P
   3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
logo
List of Unclassifed Man...
OM185-5ST ETC-OM185-5ST Datasheet
407Kb / 4P
   7.5A, 5A, 3A, 1.5A LOW DROPOUT FIXED VOLTAGE POSITIVE REGULATORS
logo
Linear Technology
LT1083 LINER-LT1083_05 Datasheet
203Kb / 16P
   7.5A, 5A, 3A Low Dropout Positive Adjustable Regulators
LT1085 LINER-LT1085_15 Datasheet
291Kb / 22P
   7.5A, 5A, 3A Low Dropout Positive Adjustable Regulators
LT1085IT-12 LINER-LT1085IT-12 Datasheet
187Kb / 12P
   7.5A, 5A, 3A Low Dropout Positive Adjustable Regulators
LT1083 LINER-LT1083_15 Datasheet
291Kb / 22P
   7.5A, 5A, 3A Low Dropout Positive Adjustable Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com