Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62040DRCR Datasheet(PDF) 3 Page - ATMEL Corporation

Part # TPS62040DRCR
Description  AVR32 EVK1104 Evaluation Kit
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TPS62040DRCR Datasheet(HTML) 3 Page - ATMEL Corporation

  TPS62040DRCR Datasheet HTML 1Page - ATMEL Corporation TPS62040DRCR Datasheet HTML 2Page - ATMEL Corporation TPS62040DRCR Datasheet HTML 3Page - ATMEL Corporation TPS62040DRCR Datasheet HTML 4Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Your Electronic Engineering Resource 
 
Legal Disclaimer: The content of the pages of this website is for your general information and use only. It is subject to change without notice. From time to time, this website may
also include links to other websites. These links are provided for your convenience to provide further information. They do not signify that we endorse the website(s). We have no
responsibility for the content of the linked website(s). Your use of any information or materials on this website is entirely at your own risk, for which we shall not be liable. It shall
be your own responsibility to ensure that any products, services or information available through this website meet your specific requirements.
Similar Products:
Part Number
Manufactu
rer
Description
Support Device
Farnell
P/N
Newark
P/N
ATEVK1100
Atmel
KIT, Evaluation for AVR32
AT32UC3A
AVR32 AT32UC3A
1629540
02P6232
ATEVK1105
Atmel
KIT, Evaluation for AVR32
AT32UC3A
AVR32 AT32UC3A
1715478
15R0261
ATSTK600
Atmel
ATSTK600
-
Development
Tools
&
Eval/Demo
AT32UC3B164,
Tmega168,
AT32UC3A0512
NA
94M6265
Document List:
Datasheets:
Part Number
Description
Size
AT32UC3A0512
AVR32 32-Bit Microcontroller
655.6KB
AT45DB642D
AT45DB642D 64-megabit 2.7V Dual-interface DataFlash
1.37MB
AVR32UC
AVR32UC Technical Reference Manual
1.18MB
MT48LC16M16A2
MT48LC16M16A2 Synchronous Dram
1.47MB
QProx QT60168
QProx QT60168, QT60248 16,24 Key QMatrix IC
867KB
TPS2112
TPS2112Autoswitching Power Aux
164KB
TPS62040DRC
TPS62040DRC - 1.2 A 1.25 MHZ, High Efficiency
372KB
TPA6130A2RTJ
138-mW Directpath stereo headphone amplifie with I2C volume
control
1.16MB
Application Notes:
File Name
Size
AVR32 How to use the SSC in I2S mode
116KB
AVR32 UC3A3 High Speed USB Design Guidelines
88KB
AVR and AVR32 - Quick Reference Guide
9.78MB
AVR JTAGICE mkII On-Chip Debug System
348KB
AVR JTAGICE mkII Quick Start Guide
100KB
Designing for Efficient Production with In-System Re-programmable Flash Microcontrollers
228KB
How to Compile the standalone AVR32 Software Framework in AVR32 Studio V2
302KB
JTAGICE mkII Communication Protocol
0.98MB


Similar Part No. - TPS62040DRCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62040DRCR TI1-TPS62040DRCR Datasheet
944Kb / 30P
[Old version datasheet]   1.2 A/1.25 MHz, HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62040DRCR TI1-TPS62040DRCR Datasheet
1Mb / 30P
[Old version datasheet]   1.2 A/1.25 MHz, HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62040DRCR TI1-TPS62040DRCR Datasheet
1Mb / 30P
[Old version datasheet]   1.2 A/1.25 MHz, HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62040DRCRG4 TI1-TPS62040DRCRG4 Datasheet
944Kb / 30P
[Old version datasheet]   1.2 A/1.25 MHz, HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62040DRCRG4 TI1-TPS62040DRCRG4 Datasheet
1Mb / 30P
[Old version datasheet]   1.2 A/1.25 MHz, HIGH-EFFICIENCY STEP-DOWN CONVERTER
More results

Similar Description - TPS62040DRCR

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17681EVKITC MAXIM-MAX17681EVKITC Datasheet
2Mb / 11P
   Evaluation Kit
Rev 0; 2/16
logo
STMicroelectronics
UM0382 STMICROELECTRONICS-UM0382 Datasheet
1Mb / 32P
   Evaluation Kit
January 2007 Rev 2
logo
Maxim Integrated Produc...
MAX2043 MAXIM-MAX2043_1 Datasheet
190Kb / 7P
   Evaluation Kit
Rev 0; 5/06
MAX2170 MAXIM-MAX2170 Datasheet
446Kb / 8P
   Evaluation Kit
Rev 0; 12/06
MAX2396 MAXIM-MAX2396 Datasheet
730Kb / 13P
   Evaluation Kit
Rev 0; 5/03
MAX2410 MAXIM-MAX2410_1 Datasheet
82Kb / 8P
   Evaluation Kit
Rev 1; 3/98
MAX2411A MAXIM-MAX2411A_1 Datasheet
96Kb / 6P
   Evaluation Kit
Rev 1; 2/98
MAX2685 MAXIM-MAX2685_1 Datasheet
162Kb / 6P
   Evaluation Kit
Rev 0; 7/99
MAX3558 MAXIM-MAX3558_1 Datasheet
471Kb / 5P
   Evaluation Kit
Rev 0; 11/03
MAX2649 MAXIM-MAX2649_1 Datasheet
163Kb / 4P
   Evaluation Kit
Rev 0; 9/02
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com