Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RN73A3A1K0ATG Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # RN73A3A1K0ATG
Description  SMD High Power Precision Resistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RN73A3A1K0ATG Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  RN73A3A1K0ATG Datasheet HTML 1Page - List of Unclassifed Manufacturers RN73A3A1K0ATG Datasheet HTML 2Page - List of Unclassifed Manufacturers RN73A3A1K0ATG Datasheet HTML 3Page - List of Unclassifed Manufacturers RN73A3A1K0ATG Datasheet HTML 4Page - List of Unclassifed Manufacturers RN73A3A1K0ATG Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
-55
-40
-20
0
20
40
60 70 80
100
120
140 155
100
80
60
40
20
0
Ambient Temperature (°C)
For resistors operated in ambient temperatures above 70°C, power rating must be derated in accordance with this curve.
Power Derating Curve
Characteristics - Environmental
Requirement
Test Method
Tol. ≤ 0.05%
Tol. > 0.05%
Temperature Coefficient
As per TCRs specified in value range table on page 1
+25/-55/+25/+125/+25°C
of Resistance (TCR):
Short Time Overload:
ΔR ±0.05%
ΔR ±0.2%
RCWV* 2.5 or max. overload
ΔR ±0.2% for high power rating
voltage for 5 seconds
Insulation Resistance:
>1000MΩ
Apply 100VDC for 1 minute
ΔR ±0.05%
ΔR ±0.2%
70 ±2°C, max. working voltage
Endurance:
>7kΩ ΔR ±0.5%
for 1000hrs with 1.5hrs
ΔR ±0.5% for high power rating
“ON” and 0.5hrs “OFF”
Damp Heat with Load:
ΔR ±0.05%
ΔR ±0.3%
40 ±2°C, 90 - 95% R.H. max. working voltage
ΔR ±0.5% for high power rating
hrs with 1.5hrs “ON” and 0.5hrs “OFF”
Bending Strength:
ΔR ±0.05%
ΔR ±0.2%
Bending amplitude 3mm for 10 seconds
Solderability:
95% min. coverage
245 ±5°C for 3 seconds
Resistance to Soldering Heat:
ΔR ±0.05%
ΔR ±0.2%
260 ±5°C for 10 seconds
Dielectric Withstand Voltage:
By type
Max. overload voltage for 1 minute
Thermal Shock:
ΔR ±0.05%
ΔR ±0.25%
-55°C to +150°C, 100 cycles
Low Temperature Operation:
ΔR ±0.05%
ΔR ±0.2%
1 hour, -65°C, followed by 45 minutes of RCWV
ΔR ±0.5% for high power rating
Reference Standards: MIL-STD-202, JIS-C 5201-1
Storage Temperature: 25±3°C; Humidity < 80%RH
2512
Rated Power @ 70°C:
0.5W
Resistance Range (Ohms) Min:
24R9 24R9 24R9 4R7 24R9 4R7
Max: 100K 500K 100K 1M0 100K 1M0
Tolerance (%):
0.01
0.05
0.1
Code Letter:
LA
B
Selection Series:
E24 & E96
Temp. Coefficient (ppm/°C):
510
5
10
5
10
Code Letter:
AC
A
C
A
C
Limiting Element Voltage:
150V
Max. Overload Voltage:
300V
Operating Temp. Range:
-55 to +155°C
Climatic Category (°C):
55/125/55
Insulation Resistance Dry Min:
1000MΩ
Stability:
0.5%
SMD High Power Precision Resistors
Type RN73 Series
1773270 CIS BI 06/2011
Dimensions are in millimeters
Dimensions are shown for
For email, phone or live chat, go to: te.com/help
and inches unless otherwise
reference purposes only.
specified. Values in brackets
Specifications subject
are standard equivalents.
to change.


Similar Part No. - RN73A3A1K0ATG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RN73A3A1K0ATG ETC2-RN73A3A1K0ATG Datasheet
271Kb / 5P
   SMD High Power Precision Resistors
More results

Similar Description - RN73A3A1K0ATG

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
RP73 TEC-RP73 Datasheet
311Kb / 10P
   SMD High Power Precision Resistors
logo
Tyco Electronics
RN73C2A1K0BTG MACOM-RN73C2A1K0BTG Datasheet
294Kb / 6P
   SMD High Power Precision Resistors
RP73PF2A41R2BTDF MACOM-RP73PF2A41R2BTDF Datasheet
199Kb / 6P
   SMD High Power Precision Resistors
logo
List of Unclassifed Man...
RP73PF1J38R3BTDF ETC2-RP73PF1J38R3BTDF Datasheet
199Kb / 6P
   SMD High Power Precision Resistors
logo
Tyco Electronics
RP73D2B715RBTG MACOM-RP73D2B715RBTG Datasheet
199Kb / 6P
   SMD High Power Precision Resistors
logo
List of Unclassifed Man...
RN73C2A1K1BTDF ETC2-RN73C2A1K1BTDF Datasheet
271Kb / 5P
   SMD High Power Precision Resistors
logo
Tyco Electronics
1676474-2 MACOM-1676474-2 Datasheet
271Kb / 5P
   SMD High Power Precision Resistors
1773270 MACOM-1773270 Datasheet
271Kb / 5P
   SMD High Power Precision Resistors
logo
List of Unclassifed Man...
RP73PF1J1K91BTDF ETC2-RP73PF1J1K91BTDF Datasheet
199Kb / 6P
   SMD High Power Precision Resistors
RN73C2A105RBTG ETC2-RN73C2A105RBTG Datasheet
271Kb / 5P
   SMD High Power Precision Resistors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com