Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1587CT-3.6 Datasheet(PDF) 11 Page - Linear Technology

Part # LT1587CT-3.6
Description  7A, 4.6A, 3A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1587CT-3.6 Datasheet(HTML) 11 Page - Linear Technology

Back Button LT1587CT-3.6 Datasheet HTML 7Page - Linear Technology LT1587CT-3.6 Datasheet HTML 8Page - Linear Technology LT1587CT-3.6 Datasheet HTML 9Page - Linear Technology LT1587CT-3.6 Datasheet HTML 10Page - Linear Technology LT1587CT-3.6 Datasheet HTML 11Page - Linear Technology LT1587CT-3.6 Datasheet HTML 12Page - Linear Technology LT1587CT-3.6 Datasheet HTML 13Page - Linear Technology LT1587CT-3.6 Datasheet HTML 14Page - Linear Technology LT1587CT-3.6 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
LT1584/LT1585/LT1587
158457a
APPLICATIONS INFORMATION
Overload Recovery
The LT1584 devices have safe-area protection similar to
the LT1083/LT1084/LT1085. The safe-area protection de-
creases current limit as input-to-output voltage increases.
This behavior keeps the power transistor inside a safe
operating region for all values of input-to-output voltage.
The LT1584 protection circuitry provides some output
current at all values of input-to-output voltage up to the 7V
maximum supply voltage. When power is first applied, the
input voltage rises and the output voltage follows the input.
The input-to-output voltage remains small and the regula-
tor can supply large output currents. This action permits
the regulator to start-up into very heavy loads.
With higher input voltages, a problem can occur where the
removal of an output short does not permit the output
voltage to recover. This problem is not unique to the
LT1584 devices and is present on the LT1083/LT1084/
LT1085 family and older generation linear regulators. The
problem occurs with a heavy output load, a high input
voltage, and a low output voltage. An example is immedi-
ately after the removal of a short circuit. The load line of
such a load may intersect the output current curve at two
points. If this happens, two stable output operating points
exist for the regulator. With this double intersection, the
power supply may require cycling down to zero and back up
again to make the output recover. This situation does not
occur with the LT1585/LT1587 because no foldback cir-
cuitry is required to provide safe-area protection.
Ripple Rejection
The typical curve for ripple rejection reflects values for the
LT1584/LT1585/LT1587 fixed output voltage parts be-
tween 3.3V and 3.6V. In applications that require improved
ripple rejection, use the adjustable devices. A bypass
capacitor from the adjust pin to ground reduces the output
ripple by the ratio of VOUT/1.25V. The impedance of the
adjust pin capacitor at the ripple frequency should be less
than the value of R1 (typically in the range of 100
Ω to
120
Ω) in the feedback divider network in Figure 2. There-
fore, the value of the required adjust pin capacitor is a
function of the input ripple frequency. For example, if R1
equals 100
Ω and the ripple frequency equals 120Hz, the
adjust pin capacitor should be 22
µF. At 10kHz, only 0.22µF
is needed.
Output Voltage
The LT1584/LT1585/LT1587 adjustable regulators develop
a 1.25V reference voltage between the output pin and the
adjust pin (see Figure 3). Placing a resistor R1 between
these two terminals causes a constant current to flow
through R1 and down through R2 to set the overall output
voltage. Normally, this current is the specified minimum
load current of 10mA. The current out of the adjust pin adds
to the current from R1 and is typically 55
µA. Its output
voltage contribution is small and only needs consideration
when very precise output voltage setting is required.
LT1584
ADJ
VIN
VOUT
IN
R1
VREF
R2
VOUT = VREF (1 + R2/R1) + IADJ (R2)
OUT
IADJ
55
µA
LT1585 • F03
C1
10
µF
C2
22
µF
+
+
Figure 3. Basic Adjustable Regulator
Load Regulation
It is not possible to provide true remote load sensing
because the LT1584/LT1585/LT1587 are three-terminal
devices. Load regulation is limited by the resistance of the
wire connecting the regulators to the load. Load regulation
per the data sheet specification is measured at the bottom
of the package.
For fixed voltage devices, negative side sensing is a true
Kelvin connection with the ground pin of the device re-
turned to the negative side of the load. This is illustrated in
Figure 4.
LT1584-3.3
RP
PARASITIC
LINE RESISTANCE
GND
VIN
RL
IN
OUT
LT1585 • F04
Figure 4. Connection for Best Load Regulation


Similar Part No. - LT1587CT-3.6

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1587CT-3.6 LINER-LT1587CT-3.6 Datasheet
276Kb / 12P
   7A, 4.6A, 3A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
LT1587CT-3.6 LINER-LT1587CT-3.6 Datasheet
220Kb / 16P
   7A, 4.6A, 3A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
More results

Similar Description - LT1587CT-3.6

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1584 LINER-LT1584_15 Datasheet
226Kb / 16P
   7A, 4.6A, 3A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
LT1584 LINER-LT1584 Datasheet
276Kb / 12P
   7A, 4.6A, 3A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
T1587 LINER-T1587_15 Datasheet
226Kb / 16P
   7A, 4.6A, 3A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
LT1584 LINER-LT1584_1 Datasheet
220Kb / 16P
   7A, 4.6A, 3A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
LT1585 LINER-LT1585_15 Datasheet
226Kb / 16P
   7A, 4.6A, 3A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
logo
TelCom Semiconductor, I...
TCL1584 TELCOM-TCL1584 Datasheet
144Kb / 13P
   7A / 5A / 4.6A / 3A, FAST RESPONSE, LOW DROPOUT POSITIVE LINEAR VOLTAGE REGULATORS
logo
Linear Technology
LT1585A-3.3 LINER-LT1585A-3.3_15 Datasheet
170Kb / 12P
   5A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
LT1585A LINER-LT1585A Datasheet
253Kb / 12P
   5A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
LT1585A LINER-LT1585A_15 Datasheet
170Kb / 12P
   5A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
logo
Anpec Electronics Corop...
APL1085 ANPEC-APL1085_12 Datasheet
199Kb / 12P
   3A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 3.3V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com