Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1765EFE Datasheet(PDF) 5 Page - Linear Technology

Part # LT1765EFE
Description  Monolithic 3A, 1.25MHz Step-Down Switching Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1765EFE Datasheet(HTML) 5 Page - Linear Technology

  LT1765EFE Datasheet HTML 1Page - Linear Technology LT1765EFE Datasheet HTML 2Page - Linear Technology LT1765EFE Datasheet HTML 3Page - Linear Technology LT1765EFE Datasheet HTML 4Page - Linear Technology LT1765EFE Datasheet HTML 5Page - Linear Technology LT1765EFE Datasheet HTML 6Page - Linear Technology LT1765EFE Datasheet HTML 7Page - Linear Technology LT1765EFE Datasheet HTML 8Page - Linear Technology LT1765EFE Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
LT1765/LT1765-1.8/LT1765-2.5/
LT1765-3.3/LT1765-5
5
1765fd
TYPICAL PERFORMANCE CHARACTERISTICS
LOAD CURRENT (A)
0.001
0.01
0.1
1
1765 G07
3.5
3.3
3.1
2.9
2.7
2.5
SHUTDOWN VOLTAGE (V)
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1765 G08
300
250
200
150
100
50
0
VIN = 15V
INPUT VOLTAGE (V)
0
5
10
15
20
25
30
1765 G09
1200
1000
800
600
400
200
0
UNDERVOLTAGE
LOCKOUT
FEEDBACK VOLTAGE (V)
0
0.2
0.4
0.6
0.8
1
1.2
1765 G10
4
3
2
1
0
40
30
20
10
0
FB CURRENT
SWITCH CURRENT
1765 G11
INPUT VOLTAGE (V)
0
5
10
15
20
25
3.0
2.8
2.6
2.4
2.2
2.0
L = 4.7μH
L = 2.2μH
L = 1.5μH
INPUT VOLTAGE (V)
05
10
15
20
25
1765 G12
3.0
2.8
2.6
2.4
2.2
L = 4.7μH
L = 2.2μH
L = 1.5μH
Current Limit Foldback
Maximum Load Current,
VOUT = 5V
Maximum Load Current,
VOUT = 2.5V
Minimum Input Voltage for
2.5V Out
SHDN Supply Current
Input Supply Current


Similar Part No. - LT1765EFE

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1765EFE LINER-LT1765EFE Datasheet
195Kb / 20P
   Monolithic 3A, 1.25MHz Step-Down Switching Regulator
LT1765EFE-1.8 LINER-LT1765EFE-1.8 Datasheet
195Kb / 20P
   Monolithic 3A, 1.25MHz Step-Down Switching Regulator
LT1765EFE-1.8PBF LINER-LT1765EFE-1.8PBF Datasheet
195Kb / 20P
   Monolithic 3A, 1.25MHz Step-Down Switching Regulator
LT1765EFE-2.5 LINER-LT1765EFE-2.5 Datasheet
195Kb / 20P
   Monolithic 3A, 1.25MHz Step-Down Switching Regulator
LT1765EFE-2.5PBF LINER-LT1765EFE-2.5PBF Datasheet
195Kb / 20P
   Monolithic 3A, 1.25MHz Step-Down Switching Regulator
More results

Similar Description - LT1765EFE

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1765-5 LINER-LT1765-5_15 Datasheet
216Kb / 20P
   Monolithic 3A, 1.25MHz Step-Down Switching Regulator
LT1765 LINER-LT1765 Datasheet
247Kb / 20P
   Monolithic 3A, 1.25MHz Step-Down Switching Regulator
LT1765EFE-5 LINER-LT1765EFE-5 Datasheet
195Kb / 20P
   Monolithic 3A, 1.25MHz Step-Down Switching Regulator
LT1765 LINER-LT1765_15 Datasheet
216Kb / 20P
   Monolithic 3A, 1.25MHz Step-Down Switching Regulator
LT1765-1.8 LINER-LT1765-1.8_15 Datasheet
216Kb / 20P
   Monolithic 3A, 1.25MHz Step-Down Switching Regulator
LT1765-2.5 LINER-LT1765-2.5_15 Datasheet
216Kb / 20P
   Monolithic 3A, 1.25MHz Step-Down Switching Regulator
LT1765-3.3 LINER-LT1765-3.3_15 Datasheet
216Kb / 20P
   Monolithic 3A, 1.25MHz Step-Down Switching Regulator
logo
Semtech Corporation
SC4517A SEMTECH-SC4517A Datasheet
269Kb / 15P
   1.25MHz, 1.5A Step-Down Switching Regulator
logo
Linear Technology
LT1767 LINER-LT1767 Datasheet
242Kb / 16P
   Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
LT1767-5 LINER-LT1767-5_15 Datasheet
435Kb / 20P
   Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com