Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

14272 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 14272
Description  5 Minute Epoxy
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

14272 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  14272 Datasheet HTML 1Page - List of Unclassifed Manufacturers 14272 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Technical Data Sheet
Revision Date: 11.11.10 Rev 4
Unit 3, Shipton Way, Express Business Park, Northampton Road, Rushden,
NN10 6GL, UK
ITW Devcon Industrial Products, Liebigstraße 21, 24145 KIEL,
Deutschland/Germany
5 Minute
® Epoxy
ORDERING INFORMATION
Stock No.
14251
14210
14201
14270
14272
Package Size
25ml Dev-tube
70g Twin-tube
500g Tub
50ml Cartridge
400ml Cartridge
Description
A rapid-curing, general-purpose adhesive / encapsulant. It forms a hard, rigid bond or
coating in minutes
Features
 100% reactive, no solvents
 Good dielectric strength
 Good solvent resistance
Intended Use
 Cures fast for quick metal to metal bonding and repairs
 Pots and encapsulates electronic components and assemblies
 Suitable for bonding metals, fabrics, ceramics, glass, wood and concrete (in
combinations)
PRODUCT DATA
Physical
Properties
(Uncured)
Colour
Light Amber
Mixed Viscosity
10,000cps
Mixed Ratio by Volume & Weight
1:1
Working time 28 grams @ 23˚C
3 - 6 minutes
Fixture time
10-15 minutes
Functional cure @ 23˚C
45 - 60 minutes
Full Cure
12 hours
Mixed Density
1.10 gm/cc
Performance
characteristics
(cured)
7 days cured at 24
˚C
Adhesive tensile shear ASTM D1002
13 MPa
T Peel
4-5 N/10mm
Service temperature, dry
-40 - 93˚C
Tensile Elongation
1%
Specific Volume
909 cm
3/kg
% solids by volume
100
Cured hardness, ASTM D2240
85D
Dielectric strength, ASTM D149
19.6 KV/mm
Chemical
Resistance
7 days room temperature cure (30 days immersion)
Acetic (dilute)10%
Poor
Acetone
Poor
Ammonia
Poor
Corn Oil
Excellent
Cutting oil
Excellent
Ethanol
Poor
Petrol (unleaded)
Excellent
Glycols/Antifreeze
Fair
Hydrochloric 10%
Poor
Isopropanol
Poor
Kerosene
Excellent
MEK
Poor
Mineral Spirits
Excellent
Motor Oil
Excellent
Sodium Hydroxide
10%
Poor
Sulphuric 10%
Poor
Please contact ITW Devcon for other chemicals


Similar Part No. - 14272

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
1427 APITECH-1427 Datasheet
464Kb / 1P
   Medium Power, N or SMK Connectors
logo
List of Unclassifed Man...
1427-1 ETC2-1427-1 Datasheet
228Kb / 2P
   MICRO PIN, SWAGE MOUNT
1427-1 ETC2-1427-1 Datasheet
430Kb / 1P
   MICRO PINS
logo
API Technologies Corp
1427-1 APITECH-1427-1 Datasheet
464Kb / 1P
   Medium Power, N or SMK Connectors
logo
List of Unclassifed Man...
1427-2 ETC2-1427-2 Datasheet
228Kb / 2P
   MICRO PIN, SWAGE MOUNT
More results

Similar Description - 14272

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
DNF318U-4 STANLEY-DNF318U-4 Datasheet
181Kb / 10P
   5 type, Water clear epoxy
logo
List of Unclassifed Man...
ISD4003 ETC-ISD4003 Datasheet
2Mb / 30P
   Single-Chip Voice Record/Playback Devices 4-, 5-, 6-, and 8-Minute Durations
logo
KODENSHI_AUK CORP.
SP217 KODENSHI-SP217 Datasheet
153Kb / 3P
   TO-5 type header with clear epoxy encapsulation
logo
Renesas Technology Corp
R8C-3MT RENESAS-R8C-3MT Datasheet
112Kb / 21P
   Sample Program: 3-Minute Timer
logo
List of Unclassifed Man...
231-20 ETC2-231-20 Datasheet
184Kb / 1P
   DLELECTRIC WITHSTANDING:500VAC FOR ONE MINUTE.
ISD5008 ETC-ISD5008 Datasheet
1Mb / 47P
   SINGLE CHIP VOICE RECORD PLAYBACK DEVICE 4-, 5-, 6-, AND 8- MINUTE DURATIONS
logo
E-SWITCH
N802110 E-SWITCH-N802110 Datasheet
169Kb / 1P
   DIELECTRIC STRENGTH: 500VAC MIN FOR 1 MINUTE.
TL1270F160BLQBT E-SWITCH-TL1270F160BLQBT Datasheet
223Kb / 1P
   DIELECTRIC STRENGTH: 250 VAC FOR ONE MINUTE
N802104 E-SWITCH-N802104 Datasheet
94Kb / 1P
   DIELECTRIC STRENGTH: 500VAC MIN FOR 1 MINUTE.
N802106 E-SWITCH-N802106 Datasheet
109Kb / 1P
   DIELECTRIC STRENGTH: 500VAC MIN FOR 1 MINUTE.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com