Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS3307-33DR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS3307-33DR
Description  TRIPLE PROCESSOR SUPERVISORS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS3307-33DR Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS3307-33DR Datasheet HTML 2Page - Texas Instruments TPS3307-33DR Datasheet HTML 3Page - Texas Instruments TPS3307-33DR Datasheet HTML 4Page - Texas Instruments TPS3307-33DR Datasheet HTML 5Page - Texas Instruments TPS3307-33DR Datasheet HTML 6Page - Texas Instruments TPS3307-33DR Datasheet HTML 7Page - Texas Instruments TPS3307-33DR Datasheet HTML 8Page - Texas Instruments TPS3307-33DR Datasheet HTML 9Page - Texas Instruments TPS3307-33DR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
www.ti.com
Electrical Characteristics
TPS3307-18, TPS3307-25, TPS3307-33
SLVS199C – DECEMBER 1998 – REVISED DECEMBER 2006
Over recommended operating free-air temperature range (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VDD = 2V to 6V, IOH = –20 µA
VDD – 0.2V
VOH
High-level output voltage
VDD = 3.3V, IOH = –2mA
VDD – 0.4V
V
VDD = 6V, IOH = –3mA
VDD – 0.4V
VDD = 2V to 6V, IOL = 20µA
0.2
VOL
Low-level output voltage
VDD = 3.3V, IOL = 2mA
0.4
V
VDD = 6V, IOL = 3mA
0.4
Power-up reset voltage(1)
VDD ≥ 1.1V, IOL = 20µA
0.4
V
VSENSE3
VDD = 2V to 6V, TA = 0°C to +85°C
1.22
1.25
1.28
1.64
1.68
1.72
2.20
2.25
2.30
V
VSENSE1,
VSENSE2
2.86
2.93
3
4.46
4.55
4.64
Negative-going input threshold
VIT–
VDD = 2V to 6V,
voltage(2)
VSENSE3
1.22
1.25
1.29
V
TA = –40°C to +85°C
1.64
1.68
1.73
2.20
2.25
2.32
VSENSE1,
V
VSENSE2
2.86
2.93
3.02
4.46
4.55
4.67
VIT–= 1.25V
10
VIT–= 1.68V
15
Vhys
Hysteresis at VSENSEn input
VIT–= 2.25V
20
mV
VIT–= 2.93V
30
VIT–= 4.55V
40
MR
MR = 0.7 × VDD, VDD = 6V
–130
–180
SENSE1
VSENSE1 = VDD = 6V
5
8
µA
IH
High-level input current
SENSE2
VSENSE2 = VDD = 6V
6
9
SENSE3
VSENSE3 = VDD
–25
25
nA
MR
MR = 0V, VDD = 6V
–430
–600
µA
IL
Low-level input current
SENSEn
VSENSE1,2,3 = 0V
–25
25
nA
IDD
Supply current
40
µA
Ci
Input capacitance
VI = 0V to VDD
10
pF
(1)
The lowest supply voltage at which RESET becomes active. tr, VDD ≥ 15µs/V
(2)
To ensure best stability of the threshold voltage, a bypass capacitor (ceramic 0.1
µF) should be placed close to the supply terminals.
6
Submit Documentation Feedback


Similar Part No. - TPS3307-33DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3307-33DR TI-TPS3307-33DR Datasheet
430Kb / 14P
[Old version datasheet]   TRIPLE PROCESSOR SUPERVISORS
TPS3307-33DR TI1-TPS3307-33DR Datasheet
1Mb / 20P
[Old version datasheet]   TRIPLE PROCESSOR SUPERVISORS
TPS3307-33DRG4 TI-TPS3307-33DRG4 Datasheet
430Kb / 14P
[Old version datasheet]   TRIPLE PROCESSOR SUPERVISORS
TPS3307-33DRG4 TI1-TPS3307-33DRG4 Datasheet
1Mb / 20P
[Old version datasheet]   TRIPLE PROCESSOR SUPERVISORS
More results

Similar Description - TPS3307-33DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3307- TI-TPS3307- Datasheet
430Kb / 14P
[Old version datasheet]   TRIPLE PROCESSOR SUPERVISORS
TPS3307-18-EP TI1-TPS3307-18-EP_16 Datasheet
984Kb / 18P
[Old version datasheet]   TRIPLE PROCESSOR SUPERVISORS
TPS3307-18 TI1-TPS3307-18_16 Datasheet
1Mb / 20P
[Old version datasheet]   TRIPLE PROCESSOR SUPERVISORS
TPS3307-18-Q1 TI1-TPS3307-18-Q1_16 Datasheet
801Kb / 15P
[Old version datasheet]   TRIPLE PROCESSOR SUPERVISORS
logo
Analog Devices
ADM13307 AD-ADM13307_15 Datasheet
299Kb / 12P
   Triple Processor Supervisors
REV. 0
logo
Texas Instruments
TPS3307-18-Q1 TI-TPS3307-18-Q1 Datasheet
255Kb / 12P
[Old version datasheet]   TRIPLE PROCESSOR SUPERVISORS
TPS3307-25DG4 TI-TPS3307-25DG4 Datasheet
1Mb / 20P
[Old version datasheet]   TRIPLE PROCESSOR SUPERVISORS
logo
Analog Devices
ADM13307-5ARZ AD-ADM13307-5ARZ Datasheet
299Kb / 12P
   Triple Processor Supervisors
REV. 0
ADM13307 AD-ADM13307 Datasheet
299Kb / 12P
   Triple Processor Supervisors
REV. 0
logo
Texas Instruments
TPS3307-18-EP TI-TPS3307-18-EP Datasheet
166Kb / 10P
[Old version datasheet]   TRIPLE PROCESSOR SUPERVISORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com