Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1965IDD-3.3-PBF Datasheet(PDF) 10 Page - Linear Technology

Part # LT1965IDD-3.3-PBF
Description  1.1A, Low Noise, Low Dropout Linear Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1965IDD-3.3-PBF Datasheet(HTML) 10 Page - Linear Technology

Back Button LT1965IDD-3.3-PBF Datasheet HTML 6Page - Linear Technology LT1965IDD-3.3-PBF Datasheet HTML 7Page - Linear Technology LT1965IDD-3.3-PBF Datasheet HTML 8Page - Linear Technology LT1965IDD-3.3-PBF Datasheet HTML 9Page - Linear Technology LT1965IDD-3.3-PBF Datasheet HTML 10Page - Linear Technology LT1965IDD-3.3-PBF Datasheet HTML 11Page - Linear Technology LT1965IDD-3.3-PBF Datasheet HTML 12Page - Linear Technology LT1965IDD-3.3-PBF Datasheet HTML 13Page - Linear Technology LT1965IDD-3.3-PBF Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
LT1965 Series
10
1965fa
TYPICAL PERFORMANCE CHARACTERISTICS
Load Regulation
Output Noise Spectral Density
RMS Output Noise vs Load
Current (10Hz to 100kHz)
LT1965-1.8 10Hz to 100kHz
Output Noise
LT1965-3.3 Transient Response
LT1965-2.5 SHDN Transient
Response
Ripple Rejection vs Temperature
LT1965 Minimum Input Voltage
60
80
100
70
90
1965 G35
TEMPERATURE (°C)
–50
–25
0
25
50
75
100
125
IL = 0.75A
VIN = VOUT(NOMINAL) + 1V + 0.5P-P
RIPPLE AT f = 120Hz
0
0.5
1.0
1.5
2.0
2.5
1965 G36
TEMPERATURE (°C)
–50
0
50
100
125
–25
25
75
IL = 1.1A
IL = 500mA
IL = 100mA
–30
–25
–20
–15
–10
–5
0
1965 G37
TEMPERATURE (°C)
–50
0
50
100
125
–25
25
75
LT1965
LT1965-2.5
VIN = VOUT(NOMINAL) + 1V
(LT1965-1.5/-1.8/-2.5/-3.3)
VIN = 2.3V (LT1965)
ΔIL = 1mA TO 1.1A
LT1965-3.3
LT1965-1.8
LT1965-1.5
0.01
0.10
1.00
FREQUENCY (Hz)
10
100
1k
10k
100k
1965 G38
LT1965-3.3
LT1965
LT1965-1.5
LT1965-1.8
LT1965-2.5
COUT = 10μF
IL = 1.1A
LOAD CURRENT (A)
20
30
50
70
80
0.0001
0.01
0.1
10
10
0.001
1
60
40
0
1965 G39
LT1965-2.5
LT1965-3.3
LT1965-1.8
LT1965
COUT = 10μF
IL = 1.1A
LT1965-1.5
400μs/DIV
VOUT
100μV/DIV
1965 G40
0
0.0
–100
–50
0
50
100
0.5
1.0
1.5
10
20
30
40
50
60
70
80
1965 G41
TIME (μs)
VIN = 4.3V
CIN = 10μF CERAMIC
COUT = 10μF CERAMIC
VOUT = 3.3V
TIME (μs)
0
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0.0
80
20
40
60
100
70
10
30
50
90
1965 G42
OUTPUT
SHDN
VIN = 3.3V
COUT = 10μF CERAMIC
RL = 2.5k, IL = 1mA FOR VOUT = 2.5V


Similar Part No. - LT1965IDD-3.3-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1965IDD-3.3-PBF LINER-LT1965IDD-3.3-PBF Datasheet
237Kb / 20P
   1.1A, Low Noise, Low Dropout Linear Regulator
More results

Similar Description - LT1965IDD-3.3-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1965 LINER-LT1965_15 Datasheet
981Kb / 22P
   1.1A, Low Noise, Low Dropout Linear Regulator
logo
Linear Integrated Syste...
LT1965EMS8E LINEAR-LT1965EMS8E Datasheet
908Kb / 22P
   1.1A, Low Noise, Low Dropout Linear Regulator
logo
Linear Technology
LT1965 LINER-LT1965 Datasheet
208Kb / 16P
   1.1A, Low Noise, Low Dropout Linear Regulator
LT1965 LINER-LT1965_1 Datasheet
237Kb / 20P
   1.1A, Low Noise, Low Dropout Linear Regulator
logo
Eutech Microelectronics...
EUP7967A EUTECH-EUP7967A Datasheet
202Kb / 9P
   300mA Low-Noise Low-Dropout Linear Regulator
EUP7965 EUTECH-EUP7965 Datasheet
375Kb / 15P
   150mA Low-Noise Low-Dropout Linear Regulator
logo
Sangdest Microelectroni...
SULR1730 SMC-SULR1730 Datasheet
335Kb / 12P
   150mA, Low Noise, Low Dropout Linear Regulator
logo
Maxim Integrated Produc...
MAX1598 MAXIM-MAX1598 Datasheet
363Kb / 9P
   Low-Noise, Low-Dropout, 200mA Linear Regulator
Rev 0; 10/02
logo
Analog Intergrations Co...
AIC1730 AIC-AIC1730_15 Datasheet
269Kb / 12P
   150mA, Low Noise, Low Dropout Linear Regulator
AIC1730 AIC-AIC1730 Datasheet
222Kb / 12P
   Low Noise Low Dropout, 150mA Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com