Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T491A157M010AT7280 Datasheet(PDF) 1 Page - Kemet Corporation

Part # T491A157M010AT7280
Description  T491 Industrial Grade MnO2 Series
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T491A157M010AT7280 Datasheet(HTML) 1 Page - Kemet Corporation

  T491A157M010AT7280 Datasheet HTML 1Page - Kemet Corporation T491A157M010AT7280 Datasheet HTML 2Page - Kemet Corporation T491A157M010AT7280 Datasheet HTML 3Page - Kemet Corporation T491A157M010AT7280 Datasheet HTML 4Page - Kemet Corporation T491A157M010AT7280 Datasheet HTML 5Page - Kemet Corporation T491A157M010AT7280 Datasheet HTML 6Page - Kemet Corporation T491A157M010AT7280 Datasheet HTML 7Page - Kemet Corporation T491A157M010AT7280 Datasheet HTML 8Page - Kemet Corporation T491A157M010AT7280 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
T2005-1 • 5/18/2011
1
One WORLD
One Brand
One Strategy
One Focus
One Team
One KEMET
Benefits
• Meets or Exceeds EIA Standard 535BAAC
• Taped and Reeled per EIA 481-1
• Symmetrical, Compliant Terminations
• Optical Gold-Plated Terminations
• Laser-marked Case
• 100% Surge current test on C, D, E, U, V, X sizes
• Halogen Free Epoxy
• Capacitance: 0:1µF to 1000µF
• Tolerance: ±10%, ±20%
• Voltage: 2.5-50 VDC
• Extended Range Values
• Low Profile Case Sizes
• RoHS Compliance & Lead Free Terminations
(See www.kemet.com for transition information)
• Operating Temperature: -55ºC to +125ºC
Applications
Typical applications include decoupling and filtering in industrial
and automotive end applications such as DC/DC converters,
portable electronics, telecommunications, and control units.
Overview
The KEMET T491 Series, designed specifically for today’s highly
automated surface mount processes and equipment, is the
leading choice for surface mount designs. The T491 combines
KEMET’s proven solid tantalum technology, acclaimed and
respected throughout the world, with the latest in materials,
processes and automation, resulting in unsurpassed total
performance and value.
This product meets or exceeds the requirements of EIA standard
535BAAC. The physical outline and dimensions of this series
conform to this global standard. Five low profile case sizes
are available in the T491 Series. The R/2012-12, S/3216-12
and T/3528-12 case sizes have a maximum height of 1.2 mm.
The U/6032-15 size has a maximum height of 1.5 mm, and the
V/7343-20 has a maximum height of 2.0 mm.
The T491 standard terminations are 100% matte tin and provide
excellent wetting characteristics and compatibility with today's
surface mount solder systems. Tin/lead (Sn/Pb) terminations
are available upon request for any part number. Gold-plated
terminations are also available for use with conductive epoxy
attachment processes. The symmetrical terminations offer total
compliancy to provide the thermal and mechanical stress relief
required with today's technology. Lead frame attachments to the
tantalum pellet are made via a microprocessor-controlled welding
operation, and a high temperature silver epoxy adhesive system.
Standard packaging of these devices is tape and reel in
accordance with EIA 481-1. This system provides perfect
compatibility with all tape-fed placement units.
Standard MnO
2 Tantalum Surface Mount Capacitors
T491 Industrial Grade MnO
2 Series
Environmental Compliance
RoHS Compliant (6/6)* according to Directive 2002/95/EC
*When ordered with 100% Sn Solder
SPICE
For a detailed analysis of specific part numbers, please visit kemet.com for a free download of KEMET's SPICE software. The KEMET
SPICE program is freeware intended to aid design engineers in analyzing the performance of these capacitors over frequency,
temperature, ripple, and DC bias conditions.


Similar Part No. - T491A157M010AT7280

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T491A157M010AT KEMET-T491A157M010AT Datasheet
1Mb / 24P
   Standard MnO2 Tantalum Surface Mount Capacitors T491 Industrial Grade MnO2 Series
T491A157M010AT KEMET-T491A157M010AT Datasheet
1Mb / 23P
   T491 Industrial Grade MnO2 Series
More results

Similar Description - T491A157M010AT7280

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T491C105K050AT KEMET-T491C105K050AT Datasheet
2Mb / 25P
   T491 Series Industrial Grade MnO2
T491A475M016AT KEMET-T491A475M016AT Datasheet
1Mb / 24P
   T491 Industrial Grade MnO2 Series
T491A105M016ZT KEMET-T491A105M016ZT Datasheet
1Mb / 23P
   T491 Industrial Grade MnO2 Series
T491B156K016AT KEMET-T491B156K016AT Datasheet
2Mb / 24P
   T491 Series Industrial Grade MnO2
T491A106M006AT KEMET-T491A106M006AT Datasheet
2Mb / 24P
   T491 Industrial Grade MnO2 Series
T491A106M010AT KEMET-T491A106M010AT Datasheet
1Mb / 24P
   T491 Industrial Grade MnO2 Series
T491C107K016ZT KEMET-T491C107K016ZT Datasheet
1Mb / 24P
   T491 Industrial Grade MnO2 Series
T491C226K006AT KEMET-T491C226K006AT Datasheet
1Mb / 23P
   T491 Industrial Grade MnO2 Series
T491B475K020AT KEMET-T491B475K020AT Datasheet
2Mb / 24P
   T491 Series Industrial Grade MnO2
T491C475K020AT KEMET-T491C475K020AT Datasheet
1Mb / 24P
   Standard MnO2 Tantalum Surface Mount Capacitors T491 Industrial Grade MnO2 Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com