Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S29GL01GS10FHIV013 Datasheet(PDF) 4 Page - SPANSION

Part # S29GL01GS10FHIV013
Description  GL-S MirrorBit짰 Eclipse??Flash Non-Volatile Memory Family
Download  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29GL01GS10FHIV013 Datasheet(HTML) 4 Page - SPANSION

  S29GL01GS10FHIV013 Datasheet HTML 1Page - SPANSION S29GL01GS10FHIV013 Datasheet HTML 2Page - SPANSION S29GL01GS10FHIV013 Datasheet HTML 3Page - SPANSION S29GL01GS10FHIV013 Datasheet HTML 4Page - SPANSION S29GL01GS10FHIV013 Datasheet HTML 5Page - SPANSION S29GL01GS10FHIV013 Datasheet HTML 6Page - SPANSION S29GL01GS10FHIV013 Datasheet HTML 7Page - SPANSION S29GL01GS10FHIV013 Datasheet HTML 8Page - SPANSION S29GL01GS10FHIV013 Datasheet HTML 9Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 106 page
background image
4
GL-S MirrorBit® Family
S29GL_128S_01GS_00_08 October 9, 2013
Da ta
Sh e e t
Performance Summary
Maximum Read Access Times
Density
Voltage Range
Random Access
Time (tACC)
Page Access Time
(tPACC)
CE# Access Time
(tCE)
OE# Access Time
(tOE)
128 Mb
Full VCC= VIO
90
15
90
25
VersatileIO VIO
10025100
35
256 Mb
Full VCC= VIO
90
15
90
25
VersatileIO VIO
10025100
35
512 Mb
Full VCC= VIO
10015100
25
VersatileIO VIO
11025110
35
1 Gb
Full VCC= VIO
10015100
25
VersatileIO VIO
11025110
35
Typical Program and Erase Rates
Buffer Programming (512 bytes)
1.5 MB/s
Sector Erase (128 kbytes)
477 kB/s
Maximum Current Consumption
Active Read at 5 MHz, 30 pF
60 mA
Program
100 mA
Erase
100 mA
Standby
100 µA


Similar Part No. - S29GL01GS10FHIV013

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29GL01GS10FHI010 SPANSION-S29GL01GS10FHI010 Datasheet
3Mb / 104P
   GL-S MirrorBit Eclipse Flash Non-Volatile Memory Family
S29GL01GS10FHI020 SPANSION-S29GL01GS10FHI020 Datasheet
3Mb / 104P
   GL-S MirrorBit Eclipse Flash Non-Volatile Memory Family
More results

Similar Description - S29GL01GS10FHIV013

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29GL01GS11TFI020 SPANSION-S29GL01GS11TFI020 Datasheet
3Mb / 104P
   GL-S MirrorBit짰 Eclipse??Flash Non-Volatile Memory Family
S29GL128S10TFI010 SPANSION-S29GL128S10TFI010 Datasheet
3Mb / 104P
   GL-S MirrorBit짰 Eclipse??Flash Non-Volatile Memory Family
S29GL01GS SPANSION-S29GL01GS Datasheet
3Mb / 104P
   GL-S MirrorBit짰 Eclipse??Flash Non-Volatile Memory Family
S29GL128S10DHIV10 SPANSION-S29GL128S10DHIV10 Datasheet
906Kb / 106P
   GL-S MirrorBit짰 Eclipse??Flash Non-Volatile Memory Family
S29GL01GS11TFIV20 SPANSION-S29GL01GS11TFIV20 Datasheet
3Mb / 104P
   GL-S MirrorBit Eclipse Flash Non-Volatile Memory Family
S29GL01GS10TFI010 SPANSION-S29GL01GS10TFI010 Datasheet
3Mb / 104P
   GL-S MirrorBit Eclipse Flash Non-Volatile Memory Family
S29GL512S11TFIV20 SPANSION-S29GL512S11TFIV20 Datasheet
3Mb / 104P
   GL-S MirrorBit Eclipse Flash Non-Volatile Memory Fam
S25FL512SAGMFI010 SPANSION-S25FL512SAGMFI010 Datasheet
1Mb / 140P
   512 Mbit (64 Mbyte) MirrorBit짰 Flash Non-Volatile Memory
S25FL256SAGMFI000 SPANSION-S25FL256SAGMFI000 Datasheet
5Mb / 153P
   MirrorBit짰 Flash Non-Volatile Memory CMOS 3.0 Volt Core with Versatile I/O
S25FS-S SPANSION-S25FS-S Datasheet
8Mb / 154P
   MirrorBit Flash Non-Volatile Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com