Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S29GL01GS10FHIV013 Datasheet(PDF) 10 Page - SPANSION

Part # S29GL01GS10FHIV013
Description  GL-S MirrorBit짰 Eclipse??Flash Non-Volatile Memory Family
Download  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29GL01GS10FHIV013 Datasheet(HTML) 10 Page - SPANSION

Back Button S29GL01GS10FHIV013 Datasheet HTML 6Page - SPANSION S29GL01GS10FHIV013 Datasheet HTML 7Page - SPANSION S29GL01GS10FHIV013 Datasheet HTML 8Page - SPANSION S29GL01GS10FHIV013 Datasheet HTML 9Page - SPANSION S29GL01GS10FHIV013 Datasheet HTML 10Page - SPANSION S29GL01GS10FHIV013 Datasheet HTML 11Page - SPANSION S29GL01GS10FHIV013 Datasheet HTML 12Page - SPANSION S29GL01GS10FHIV013 Datasheet HTML 13Page - SPANSION S29GL01GS10FHIV013 Datasheet HTML 14Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 106 page
background image
10
GL-S MirrorBit® Family
S29GL_128S_01GS_00_08 October 9, 2013
Da ta
Sh e e t
1.
Product Overview
The GL-S family consists of 128-Mbit to 1Gbit, 3.0V core, Versatile I/O, non-volatile, flash memory devices.
These devices have a 16-bit (word) wide data bus and use only word boundary addresses. All read accesses
provide 16 bits of data on each bus transfer cycle. All writes take 16 bits of data from each bus transfer cycle.
Figure 1.1 Block Diagram
:
Note:
** AMAX GL01GS = A25, AMAX GL512S = A24, AMAX GL256S = A23, AMAX GL128S = A22
The GL-S family combines the best features of eXecute In Place (XIP) and Data Storage flash memories.
This family has the fast random access of XIP flash along with the high density and fast program speed of
Data Storage flash.
Read access to any random location takes 90 ns to 120 ns depending on device density and I/O power
supply voltage. Each random (initial) access reads an entire 32-byte aligned group of data called a Page.
Other words within the same Page may be read by changing only the low order 4 bits of word address. Each
access within the same Page takes 15 ns to 30 ns. This is called Page Mode read. Changing any of the
higher word address bits will select a different Page and begin a new initial access. All read accesses are
asynchronous.
Input/Output
Buffers
X-Decoder
Y-Decoder
Chip Enable
Output Enable
Logic
Erase Voltage
Generator
PGM Voltage
Generator
Timer
VCC Detector
State
Control
Command
Register
VCC
VSS
V
IO
WE#
WP#
CE#
OE#
STB
STB
DQ15DQ0
Sector Switches
RY/BY#
RESET#
Data
Latch
Y-Gating
Cell Matrix
AMax**–A0


Similar Part No. - S29GL01GS10FHIV013

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29GL01GS10FHI010 SPANSION-S29GL01GS10FHI010 Datasheet
3Mb / 104P
   GL-S MirrorBit Eclipse Flash Non-Volatile Memory Family
S29GL01GS10FHI020 SPANSION-S29GL01GS10FHI020 Datasheet
3Mb / 104P
   GL-S MirrorBit Eclipse Flash Non-Volatile Memory Family
More results

Similar Description - S29GL01GS10FHIV013

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29GL01GS11TFI020 SPANSION-S29GL01GS11TFI020 Datasheet
3Mb / 104P
   GL-S MirrorBit짰 Eclipse??Flash Non-Volatile Memory Family
S29GL128S10TFI010 SPANSION-S29GL128S10TFI010 Datasheet
3Mb / 104P
   GL-S MirrorBit짰 Eclipse??Flash Non-Volatile Memory Family
S29GL01GS SPANSION-S29GL01GS Datasheet
3Mb / 104P
   GL-S MirrorBit짰 Eclipse??Flash Non-Volatile Memory Family
S29GL128S10DHIV10 SPANSION-S29GL128S10DHIV10 Datasheet
906Kb / 106P
   GL-S MirrorBit짰 Eclipse??Flash Non-Volatile Memory Family
S29GL01GS11TFIV20 SPANSION-S29GL01GS11TFIV20 Datasheet
3Mb / 104P
   GL-S MirrorBit Eclipse Flash Non-Volatile Memory Family
S29GL01GS10TFI010 SPANSION-S29GL01GS10TFI010 Datasheet
3Mb / 104P
   GL-S MirrorBit Eclipse Flash Non-Volatile Memory Family
S29GL512S11TFIV20 SPANSION-S29GL512S11TFIV20 Datasheet
3Mb / 104P
   GL-S MirrorBit Eclipse Flash Non-Volatile Memory Fam
S25FL512SAGMFI010 SPANSION-S25FL512SAGMFI010 Datasheet
1Mb / 140P
   512 Mbit (64 Mbyte) MirrorBit짰 Flash Non-Volatile Memory
S25FL256SAGMFI000 SPANSION-S25FL256SAGMFI000 Datasheet
5Mb / 153P
   MirrorBit짰 Flash Non-Volatile Memory CMOS 3.0 Volt Core with Versatile I/O
S25FS-S SPANSION-S25FS-S Datasheet
8Mb / 154P
   MirrorBit Flash Non-Volatile Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com