Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1731ES8-8.4 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1731ES8-8.4
Description  Lithium-Ion Linear Battery Charger Controller
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1731ES8-8.4 Datasheet(HTML) 1 Page - Linear Technology

  LTC1731ES8-8.4 Datasheet HTML 1Page - Linear Technology LTC1731ES8-8.4 Datasheet HTML 2Page - Linear Technology LTC1731ES8-8.4 Datasheet HTML 3Page - Linear Technology LTC1731ES8-8.4 Datasheet HTML 4Page - Linear Technology LTC1731ES8-8.4 Datasheet HTML 5Page - Linear Technology LTC1731ES8-8.4 Datasheet HTML 6Page - Linear Technology LTC1731ES8-8.4 Datasheet HTML 7Page - Linear Technology LTC1731ES8-8.4 Datasheet HTML 8Page - Linear Technology LTC1731ES8-8.4 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
LTC1731-8.2/LTC1731-8.4
sn1731 17318fs
FEATURES
APPLICATIO S
DESCRIPTIO
TYPICAL APPLICATIO
Lithium-Ion Linear
Battery Charger Controller
The LTC
®1731-8.2/LTC1731-8.4 are complete constant-
current/constant-voltage linear charger controllers for 2-
cell lithium-ion (Li-Ion)batteries. Nickel-cadmium (NiCd)
and nickel-metal-hydride (NiMH) batteries can also be
charged with constant current using external termina-
tion. The external sense resistor sets the charge current
with 7% accuracy. An internal resistor divider and preci-
sion reference set the final float potential with 1% accu-
racy. The output float voltages are set internally to 8.2V
(LTC1731-8.2) or 8.4V (LTC1731-8.4).
When the input supply is removed, the LTC1731-8.2/
LTC1731-8.4 automatically enter a low current sleep mode,
dropping the battery drain current to typically 15
µA. An
internal comparator detects the end-of-charge (C/10) con-
dition while a programmable timer, using an external
capacitor, sets the total charge time. Fully discharged cells
are automatically trickle charged at 10% of the pro-
grammed current until battery voltage exceeds 4.95V.
The LTC1731-8.2/LTC1731-8.4 are available in the 8-pin
MSOP and SO packages. For 1-cell Li-Ion battery charg-
ing, see the LTC1731-4.1 and LTC1731-4.2 data sheets.
s
Complete Linear Charger Controller for
2-Cell Lithium-Ion Batteries
s
1% Voltage Accuracy
s
Programmable Charge Current
s
C/10 Charge Current Detection Output
s
Programmable Charge Termination Timer
s
Space Saving 8-Pin MSOP Package
s
Automatic Sleep Mode When Input Supply
is Removed (15
µA Battery Drain)
s
Automatic Trickle Charging of Low Voltage Cells
s
Programmable for Constant-Current-Only Mode
s
Cellular Phones
s
Handheld Computers
s
Charging Docks and Cradles
s
Programmable Current Source
, LTC and LT are registered trademarks of Linear Technology Corporation.
400mA Li-Ion Charger
VCC
VIN = 9V
SENSE
DRV
2k
RSENSE
0.2
RPROG*
19.6k
2-CELL
Li-ION
LTC1731-8.4
*SHUTDOWN INVOKED BY FLOATING THE PROG PIN
BAT
CHRG
8
7
MBRM120T3
10
µF
1731 TA01
1
µF
IBAT = 400mA
CTIMER
0.1
µF
Q1
Si9430DY
6
1
5
4
2
3
TIMER
PROG
GND
+
CHARGE
STATUS
Typical Li-Ion Charge Cycle
TIME (HOURS)
0
400
300
200
100
0
9
8
7
6
1.5
2.5
1731 TA01b
0.5
1.0
2.0
3.0
CONSTANT
VOLTAGE
CONSTANT
CURRENT
TIMER
STOPS
CHRG
LED OFF
BATTERY VOLTAGE
400mA HR BATTERY
CHARGE CURRENT


Similar Part No. - LTC1731ES8-8.4

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1731ES8-8.2 LINER-LTC1731ES8-8.2 Datasheet
161Kb / 12P
   Lithium-Ion Linear Battery Charger Controller
More results

Similar Description - LTC1731ES8-8.4

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1732-8.4 LINER-LTC1732-8.4 Datasheet
148Kb / 12P
   Lithium-Ion Linear Battery Charger Controller
LTC1732-4.2 LINER-LTC1732-4.2_15 Datasheet
181Kb / 12P
   Lithium-Ion Linear Battery Charger Controller
LTC1732-4 LINER-LTC1732-4 Datasheet
169Kb / 12P
   Lithium-Ion Linear Battery Charger Controller
LTC1731-8.4 LINER-LTC1731-8.4_15 Datasheet
161Kb / 12P
   Lithium-Ion Linear Battery Charger Controller
LTC1732-8.4 LINER-LTC1732-8.4_15 Datasheet
160Kb / 12P
   Lithium-Ion Linear Battery Charger Controller
LTC1732-4 LINER-LTC1732-4_15 Datasheet
181Kb / 12P
   Lithium-Ion Linear Battery Charger Controller
LTC1731ES8-84 LINER-LTC1731ES8-84 Datasheet
161Kb / 12P
   Lithium-Ion Linear Battery Charger Controller
LTC1731-8.2 LINER-LTC1731-8.2_15 Datasheet
161Kb / 12P
   Lithium-Ion Linear Battery Charger Controller
LTC1732-4 LINER-LTC1732-4_00 Datasheet
151Kb / 8P
   Lithium-Ion Linear Battery Charger Controller
logo
Dongguan Pingjingsemi T...
PJ4054B PJSEMI-PJ4054B Datasheet
3Mb / 6P
   Linear Lithium-ion Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com