Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1731ES8-8.2 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC1731ES8-8.2
Description  Lithium-Ion Linear Battery Charger Controller
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1731ES8-8.2 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC1731ES8-8.2 Datasheet HTML 4Page - Linear Technology LTC1731ES8-8.2 Datasheet HTML 5Page - Linear Technology LTC1731ES8-8.2 Datasheet HTML 6Page - Linear Technology LTC1731ES8-8.2 Datasheet HTML 7Page - Linear Technology LTC1731ES8-8.2 Datasheet HTML 8Page - Linear Technology LTC1731ES8-8.2 Datasheet HTML 9Page - Linear Technology LTC1731ES8-8.2 Datasheet HTML 10Page - Linear Technology LTC1731ES8-8.2 Datasheet HTML 11Page - Linear Technology LTC1731ES8-8.2 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
LTC1731-8.2/LTC1731-8.4
sn1731 17318fs
For best stability over temperature and time, 1% resistors
are recommended. The closest 1% resistor value is 19.6k.
Programming the Timer
The programmable timer is used to terminate the charge.
The length of the timer is programmed by an external
capacitor at the TIMER pin. The total charge time is:
Time (Hours) = (3 Hours)(CTIMER/0.1µF)
The timer starts when the input voltage greater than 8.2V
is applied and the program resistor is connected to ground.
After a time-out occurs, the CHRG output will become high
impedance indicating that the charge cycle has ended.
Connecting the TIMER pin to VCC disables the timer and
also puts the charger into a constant-current mode. To
only disable the timer function, short the TIMER pin to
GND.
CHRG Status Output Pin
When the charge cycle starts, the CHRG pin is pulled to
ground by an internal N-channel MOSFET that can drive an
LED. When the charge current drops to 10% of the full-
scale current (C/10), the N-channel MOSFET turns off and
a weak 100
µAcurrentsourcetogroundisconnectedtothe
CHRG pin. After a time-out occurs, the CHRG pin goes
high impedance indicating that the charge cycle has ended.
By using two different value pull-up resistors, a micropro-
cessor can detect three states from this pin (charging,
C/10 and stop charging). See Figure 1.
APPLICATIONS INFORMATION
Charger Conditions
The charger is off when any of the following conditions
exist: the VCC pin is less than 8.2V, the droput voltage (VCC
- VBAT) is less than 54mV, the PROG pin is floating, or the
timer has ended. The DRV pin will be pulled to VCC and the
internal resistor divider is disconnected to reduce the
current drain on the battery.
Undervoltage Lockout (UVLO)
An internal undervoltage lockout circuit monitors the input
voltage and keeps the charger in shutdown mode until VCC
rises above 8.2V. To prevent oscillation around
VCC = 8.2V, the UVLO circuit has built-in hysteresis.
Trickle Charge and Defective Battery Detection
At the beginning of the charging sequence, if the battery
voltage is less than 4.95V the charger goes into trickle
charge mode. The charge current is reduced to 10% of the
full-scale current. If the low battery voltage persists for
one quarter of the total charging time, the battery is
considered defective, charging will be terminated and the
CHRG pin output is forced to a high impedance state.
Shutdown
The LTC1731-8.2/LTC1731-8.4 can be forced into shut-
down by floating the PROG pin and allowing the internal
2.5
µA current source to pull the pin above the 2.457V
shutdown threshold voltage. The DRV pin is then pulled
up to VCC turning off the external P-channel MOSFET. The
internal timer is reset in the shutdown mode.
Programming Charge Current
The formula for the battery charge current (see Block
Diagram) is:
IBAT = (2.457V/RPROG)(800Ω/RSENSE)
where RPROG is the total resistance from the PROG pin to
ground.
For example, if 0.5A charge current is needed, select a
value for RSENSE that will drop 100mV at the maximum
charge current. RSENSE = 0.1V/0.5A = 0.2Ω, then calculate:
RPROG = (2.457V/500mA)(800Ω/0.2Ω) = 19.656k
2k
100k
CHRG
1731 F01
VCC
LTC1731-8.4
V +
VDD
OUT
µPROCESSOR
IN
2
7
Figure 1. Microprocessor Interface


Similar Part No. - LTC1731ES8-8.2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1731ES8-8.2 LINER-LTC1731ES8-8.2 Datasheet
161Kb / 12P
   Lithium-Ion Linear Battery Charger Controller
More results

Similar Description - LTC1731ES8-8.2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1732-8.4 LINER-LTC1732-8.4 Datasheet
148Kb / 12P
   Lithium-Ion Linear Battery Charger Controller
LTC1732-4.2 LINER-LTC1732-4.2_15 Datasheet
181Kb / 12P
   Lithium-Ion Linear Battery Charger Controller
LTC1732-4 LINER-LTC1732-4 Datasheet
169Kb / 12P
   Lithium-Ion Linear Battery Charger Controller
LTC1731-8.4 LINER-LTC1731-8.4_15 Datasheet
161Kb / 12P
   Lithium-Ion Linear Battery Charger Controller
LTC1732-8.4 LINER-LTC1732-8.4_15 Datasheet
160Kb / 12P
   Lithium-Ion Linear Battery Charger Controller
LTC1732-4 LINER-LTC1732-4_15 Datasheet
181Kb / 12P
   Lithium-Ion Linear Battery Charger Controller
LTC1731ES8-84 LINER-LTC1731ES8-84 Datasheet
161Kb / 12P
   Lithium-Ion Linear Battery Charger Controller
LTC1731-8.2 LINER-LTC1731-8.2_15 Datasheet
161Kb / 12P
   Lithium-Ion Linear Battery Charger Controller
LTC1732-4 LINER-LTC1732-4_00 Datasheet
151Kb / 8P
   Lithium-Ion Linear Battery Charger Controller
logo
Dongguan Pingjingsemi T...
PJ4054B PJSEMI-PJ4054B Datasheet
3Mb / 6P
   Linear Lithium-ion Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com