Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VY1221K31Y5SG6V0 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VY1221K31Y5SG6V0
Description  AC Line Rated Disc Capacitors Class X1, 760 VAC, Class Y1, 500 VAC
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VY1221K31Y5SG6V0 Datasheet(HTML) 2 Page - Vishay Siliconix

  VY1221K31Y5SG6V0 Datasheet HTML 1Page - Vishay Siliconix VY1221K31Y5SG6V0 Datasheet HTML 2Page - Vishay Siliconix VY1221K31Y5SG6V0 Datasheet HTML 3Page - Vishay Siliconix VY1221K31Y5SG6V0 Datasheet HTML 4Page - Vishay Siliconix VY1221K31Y5SG6V0 Datasheet HTML 5Page - Vishay Siliconix VY1221K31Y5SG6V0 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Document Number: 28537
For technical questions, contact: CDC@vishay.com
www.vishay.com
Revision: 12-Apr-10
83
VY1 Series
AC Line Rated Disc Capacitors
Class X1, 760 VAC, Class Y1, 500 VAC
Vishay BCcomponents
Notes
(1) 15th digit of the clear text code number to be completed with the packaging code
• Straight leads are available on request
• Coating extension DR valid for straight leads only
• On request available: ± 10 % tolerance
• On request available: Leadspacing 12.5 mm
ORDERING INFORMATION
C
(pF)
TOL.
(%)
TEMP.
COEFFICIENT
BODY
DIAMETER
DMAX.
(mm)
BODY
THICKNESS
TMAX.
(mm)
LEAD
SPACING
F
(mm)
CLEAR TEXT CODE
15TH DIGIT:
T = REEL; U = AMMO; 3 = BULK (1)
RoHS COMPLIANT
RoHS AND
HALOGEN-FREE
10
± 10
U2J (N750)
8.0
5.0
10.0
VY1100K31U2JQ6*V0
VY1100K31U2JG6*V0
15
VY1150K31U2JQ6*V0
VY1150K31U2JG6*V0
22
VY1220K31U2JQ6*V0
VY1220K31U2JG6*V0
33
Y5S (2C3)
VY1330K31Y5SQ6*V0
VY1330K31Y5SG6*V0
47
VY1470K31Y5SQ6*V0
VY1470K31Y5SG6*V0
68
VY1680K31Y5SQ6*V0
VY1680K31Y5SG6*V0
100
VY1101K31Y5SQ6*V0
VY1101K31Y5SG6*V0
150
VY1151K31Y5SQ6*V0
VY1151K31Y5SG6*V0
220
VY1221K31Y5SQ6*V0
VY1221K31Y5SG6*V0
330
VY1331K31Y5SQ6*V0
VY1331K31Y5SG6*V0
470
± 20
Y5U (2E3)
VY1471M31Y5UQ6*V0
VY1471M31Y5UG6*V0
680
VY1681M31Y5UQ6*V0
VY1681M31Y5UG6*V0
1000
9.0
VY1102M35Y5UQ6*V0
VY1102M35Y5UG6*V0
1500
10.5
VY1152M41Y5UQ6*V0
VY1152M41Y5UG6*V0
2200
12.0
VY1222M47Y5UQ6*V0
VY1222M47Y5UG6*V0
3300
15.0
VY1332M59Y5UQ6*V0
VY1332M59Y5UG6*V0
3900
15.5
VY1392M61Y5UQ6*V0
VY1392M61Y5UG6*V0
4700
16.0
VY1472M63Y5UQ6*V0
VY1472M63Y5UG6*V0


Similar Part No. - VY1221K31Y5SG6V0

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VY1221K31Y5SG6V0 VISHAY-VY1221K31Y5SG6V0 Datasheet
452Kb / 6P
   AC Line Rated Disc Capacitors Class X1, 760 VAC, Class Y1, 500 VAC
Revision: 12-Apr-10
VY1221K31Y5SG6V0 VISHAY-VY1221K31Y5SG6V0 Datasheet
183Kb / 8P
   AC Line Rated Ceramic Disc Capacitors Class X1, 760 VAC, Class Y1, 500 VAC
Revision: 18-Oct-13
More results

Similar Description - VY1221K31Y5SG6V0

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VY1222M47Y5UQ6UV0 VISHAY-VY1222M47Y5UQ6UV0 Datasheet
127Kb / 6P
   AC Line Rated Disc Capacitors Class X1, 760 VAC, Class Y1, 500 VAC
Revision: 11-Jun-12
VY1152M41Y5UQ63V0 VISHAY-VY1152M41Y5UQ63V0 Datasheet
452Kb / 6P
   AC Line Rated Disc Capacitors Class X1, 760 VAC, Class Y1, 500 VAC
Revision: 12-Apr-10
VY1101K31Y5SQ63V0 VISHAY-VY1101K31Y5SQ63V0 Datasheet
452Kb / 6P
   AC Line Rated Disc Capacitors Class X1, 760 VAC, Class Y1, 500 VAC
Revision: 12-Apr-10
VY1102M35Y5UG63V0 VISHAY-VY1102M35Y5UG63V0 Datasheet
127Kb / 6P
   AC Line Rated Disc Capacitors Class X1, 760 VAC, Class Y1, 500 VAC
Revision: 11-Jun-12
440LD22-R VISHAY-440LD22-R Datasheet
162Kb / 5P
   AC Line Rated Ceramic Disc Capacitors Class X1, 760 VAC/Class Y1, 500 VAC
Revision: 25-Jun-13
440LT33-R VISHAY-440LT33-R Datasheet
162Kb / 5P
   AC Line Rated Ceramic Disc Capacitors Class X1, 760 VAC/Class Y1, 500 VAC
Revision: 25-Jun-13
VKP222MCQED0KR VISHAY-VKP222MCQED0KR Datasheet
138Kb / 4P
   AC Line Rated Ceramic Disc Capacitors Class X1, 760 VAC, Class Y1, 500 VAC
Revision: 02-Apr-13
WKP681MCPQG0KR VISHAY-WKP681MCPQG0KR Datasheet
140Kb / 4P
   AC Line Rated Ceramic Disc Capacitors Class X1, 760 VAC, Class Y1, 500 VAC
Revision: 03-Apr-13
SMDY1 VISHAY-SMDY1 Datasheet
169Kb / 7P
   AC Line Rated Ceramic Disc Capacitors Class X1, 760 VAC, Class Y1, 500 VAC
WKP472MCPEJ0KR VISHAY-WKP472MCPEJ0KR Datasheet
140Kb / 4P
   AC Line Rated Ceramic Disc Capacitors Class X1, 760 VAC, Class Y1, 500 VAC
Revision: 03-Apr-13
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com