Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VY1221K31Y5SG6V0 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # VY1221K31Y5SG6V0
Description  AC Line Rated Disc Capacitors Class X1, 760 VAC, Class Y1, 500 VAC
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VY1221K31Y5SG6V0 Datasheet(HTML) 4 Page - Vishay Siliconix

  VY1221K31Y5SG6V0 Datasheet HTML 1Page - Vishay Siliconix VY1221K31Y5SG6V0 Datasheet HTML 2Page - Vishay Siliconix VY1221K31Y5SG6V0 Datasheet HTML 3Page - Vishay Siliconix VY1221K31Y5SG6V0 Datasheet HTML 4Page - Vishay Siliconix VY1221K31Y5SG6V0 Datasheet HTML 5Page - Vishay Siliconix VY1221K31Y5SG6V0 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Document Number: 28537
For technical questions, contact: CDC@vishay.com
www.vishay.com
Revision: 12-Apr-10
85
VY1 Series
AC Line Rated Disc Capacitors
Class X1, 760 VAC, Class Y1, 500 VAC
Vishay BCcomponents
Notes
(1) See ordering information table
(2) Cumulative pitch error: ± 1 mm/20 pitches
(3) Obliquity maximum 3°
REEL AND TAPE DATA in millimeters
DIMENSIONS OF TAPE
SYMBOL
PARAMETER
DIMENSIONS
(mm)
FIG. 2
D (1)
Body diameter
16.0 max.
d
Lead diameter
0.6 ± 0.05
P
Pitch of component
25.4 ± 1
P0 (2)
Pitch of sprocket hole
12.7 ± 0.3
P1 (3)
Distance, hole center to lead
7.7 ± 1.0
P2 (3)
Distance, hole to center of component
12.7 ± 1.5
F
Lead spacing
10.0 + 0.6/- 0.4
Δh
Average deviation across tape
± 1.0 max.
ΔP
Average deviation in direction of reeling
± 1.0 max.
W
Carrier tape width
18.0 + 1 - 0.5
W0
Hold-down tape width
5.0 min.
W1
Position of sprocket hole
9.0 + 0.75 - 0.5
W2
Distance of hold-down tape
3.0 max.
H1
Maximum component height
40.0
H0
Height to seating plane (for kinked leads)
16.0 ± 0.5
H0
Height to seating plane (for straight leads)
20.0 ± 0.5
L
Length of cut leads
11.0 max.
I
Length of lead protrusion
1.0 max.
D0
Diameter of sprocket hole
4.0 ± 0.2
t
Total tape thickness
0.9 max.
51 max.
355.6 ± 2.0
45 max.
28 ± 1.5
8.0
Reel with capacitors on tape
330
360
55
Ammopack with capacitors on tape


Similar Part No. - VY1221K31Y5SG6V0

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VY1221K31Y5SG6V0 VISHAY-VY1221K31Y5SG6V0 Datasheet
452Kb / 6P
   AC Line Rated Disc Capacitors Class X1, 760 VAC, Class Y1, 500 VAC
Revision: 12-Apr-10
VY1221K31Y5SG6V0 VISHAY-VY1221K31Y5SG6V0 Datasheet
183Kb / 8P
   AC Line Rated Ceramic Disc Capacitors Class X1, 760 VAC, Class Y1, 500 VAC
Revision: 18-Oct-13
More results

Similar Description - VY1221K31Y5SG6V0

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VY1222M47Y5UQ6UV0 VISHAY-VY1222M47Y5UQ6UV0 Datasheet
127Kb / 6P
   AC Line Rated Disc Capacitors Class X1, 760 VAC, Class Y1, 500 VAC
Revision: 11-Jun-12
VY1152M41Y5UQ63V0 VISHAY-VY1152M41Y5UQ63V0 Datasheet
452Kb / 6P
   AC Line Rated Disc Capacitors Class X1, 760 VAC, Class Y1, 500 VAC
Revision: 12-Apr-10
VY1101K31Y5SQ63V0 VISHAY-VY1101K31Y5SQ63V0 Datasheet
452Kb / 6P
   AC Line Rated Disc Capacitors Class X1, 760 VAC, Class Y1, 500 VAC
Revision: 12-Apr-10
VY1102M35Y5UG63V0 VISHAY-VY1102M35Y5UG63V0 Datasheet
127Kb / 6P
   AC Line Rated Disc Capacitors Class X1, 760 VAC, Class Y1, 500 VAC
Revision: 11-Jun-12
440LD22-R VISHAY-440LD22-R Datasheet
162Kb / 5P
   AC Line Rated Ceramic Disc Capacitors Class X1, 760 VAC/Class Y1, 500 VAC
Revision: 25-Jun-13
440LT33-R VISHAY-440LT33-R Datasheet
162Kb / 5P
   AC Line Rated Ceramic Disc Capacitors Class X1, 760 VAC/Class Y1, 500 VAC
Revision: 25-Jun-13
VKP222MCQED0KR VISHAY-VKP222MCQED0KR Datasheet
138Kb / 4P
   AC Line Rated Ceramic Disc Capacitors Class X1, 760 VAC, Class Y1, 500 VAC
Revision: 02-Apr-13
WKP681MCPQG0KR VISHAY-WKP681MCPQG0KR Datasheet
140Kb / 4P
   AC Line Rated Ceramic Disc Capacitors Class X1, 760 VAC, Class Y1, 500 VAC
Revision: 03-Apr-13
SMDY1 VISHAY-SMDY1 Datasheet
169Kb / 7P
   AC Line Rated Ceramic Disc Capacitors Class X1, 760 VAC, Class Y1, 500 VAC
WKP472MCPEJ0KR VISHAY-WKP472MCPEJ0KR Datasheet
140Kb / 4P
   AC Line Rated Ceramic Disc Capacitors Class X1, 760 VAC, Class Y1, 500 VAC
Revision: 03-Apr-13
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com