Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MOEH Datasheet(PDF) 1 Page - MMD Components

Part # MOEH
Description  MOEH & MOEZ Series ??Euro Package 5 Pin OCXO
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMD [MMD Components]
Direct Link  http://www.mmdcomp.com
Logo MMD - MMD Components

MOEH Datasheet(HTML) 1 Page - MMD Components

  MOEH_12 Datasheet HTML 1Page - MMD Components MOEH_12 Datasheet HTML 2Page - MMD Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MMD Monitor/Quartztek
30400 Esperanza, Rancho Santa Margarita, CA, 92688
Phone: (949) 709-5075, Fax: (949) 709-3536, www.mmdcomp.com
Sales@mmdcomp.com
MOEH060611F
Revisions only with customer approval
Pg 1 of 2
Revision:
M
MO
OE
EH
H &
& M
MO
OE
EZ
Z S
Se
erriie
ess
E
Eu
urro
o P
Pa
acck
ka
ag
ge
e 5
5 P
Piin
n O
OC
CX
XO
O
 Oven Controlled Oscillator
 1.0 MHz to 150.0 MHz Available
 SC Crystal Option
 RoHS Option Available
 ±2ppb to ±500ppb
Frequency Range
1.000MHZ to 150.000MHZ
Stability
Frequency at +25ºC at time of shipment
±10 ppb at +25ºC with Vnom on Pin 1
Frequency vs. Ambient
See Part Number Guide for Options
Frequency vs. Voltage
Less than ±5 ppb for 5% change in Supply Voltage
Frequency vs. Load
Less than ±5 ppb for 5% change in Load
Frequency
vs. Time
AT Cut
±1.0 ppm per year after 30 days
SC Cut
±0.1 ppm per year after 30 days
Warm Up
3 min at +25ºC to ±1.0 ppm of final frequency (1 hr reading)
Supply and Reference Voltages
Supply Voltage (Vdd)
+3.30 VDC ±5%
+5.00 VDC ±5%
+12.00 VDC ±5%
Supply
Current
Steady State
540 mA
360 mA
150 mA
Warm Up
1000 mA
720 mA
650 mA
Reference Voltage (Output)
+3.00 VDC ±5%
+4.00 VDC ±5%
4.00 VDC ±5%
Output
HCMOS
Logic “0” (max)
+0.33 VDC
+0.50 VDC
+0.50 VDC
Logic “1” (min)
+2.97 VDC
+4.50 VDC
+4.50 VDC
Symmetry (50% of Waveform)
See Part Number Guide for Options
Load
15pF
SINEWAVE
Amplitude
See Part Number Guide for Options
Spurious (Harmonics)
-20 dBc
Spurious (Non Harmonics)
-80 dBc
Load
50Ω
Electronic Frequency Control
Control Voltage Range
0.00 to +3.30 VDC
0.00 to + 5.00 VDC
0.00 to + 5.00 VDC
Vnom (Pin 1)
+1.65 VDC
+2.50 VDC
+2.50 VDC
Total
Frequency
Change
AT Cut
±1.0 ppm typ
SC Cut
±0.6 ppm min
Slope
Positive
Input Impedance
100kΩ typ
SC Cut Crystal
AT Cut Crystal
10 Hz
110 dBC
-100 dBc
100 Hz
-130 dBc
-110 dBc
1 kHz
-140 dBc
-135 dBc
10 kHz
-155 dBc
-140 dBc
Phase Noise at 10.000MHZ


Similar Part No. - MOEH_12

ManufacturerPart #DatasheetDescription
logo
MMD Components
MOEH3100A MMD-MOEH3100A Datasheet
127Kb / 1P
   Oven Controlled Oscillator
MOEH3100B MMD-MOEH3100B Datasheet
127Kb / 1P
   Oven Controlled Oscillator
MOEH3100C MMD-MOEH3100C Datasheet
127Kb / 1P
   Oven Controlled Oscillator
MOEH5100A MMD-MOEH5100A Datasheet
127Kb / 1P
   Oven Controlled Oscillator
MOEH5100B MMD-MOEH5100B Datasheet
127Kb / 1P
   Oven Controlled Oscillator
More results

Similar Description - MOEH_12

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FTE5-AH FOX-FTE5-AH Datasheet
154Kb / 1P
   EURO Package Precision OCXO
FTE5-AS FOX-FTE5-AS Datasheet
173Kb / 1P
   EURO Package Precision OCXO
logo
Transko Electronics, In...
OX-E TRANSKO-OX-E Datasheet
425Kb / 2P
   OCXO 36.1 X 27.2 X 13mm “EURO” PACKAGE
Rev. 2: Mar. 2015
logo
MMD Components
MODZ MMD-MODZ_12 Datasheet
126Kb / 2P
   MODZ Series 2??Square, 5 Pin OCXO
MOAH MMD-MOAH_12 Datasheet
108Kb / 2P
   MOAH & MOAZ Series ??1??Square, 5 Pin OCXO
MOCH MMD-MOCH_12 Datasheet
111Kb / 2P
   MOCH & MOCZ Series 1.5??Square, 5 Pin OCXO
logo
Raltron Electronics Cor...
OX2000A RALTRON-OX2000A Datasheet
132Kb / 2P
   Miniature OCXO in standard 14-pin DIP package
logo
Zetex Semiconductors
SC70-5 ZETEX-SC70-5 Datasheet
195Kb / 3P
   Surface mounted, 5 pin package Package outline
TSOT23-5 ZETEX-TSOT23-5 Datasheet
165Kb / 3P
   Surface mounted, 5 pin package
logo
Advanced XTAL Products
AXIOM10 AXTAL-AXIOM10 Datasheet
54Kb / 2P
   OCXO in SMD package
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com