Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4555EUD-PBF Datasheet(PDF) 7 Page - Linear Technology

Part # LTC4555EUD-PBF
Description  SIM Power Supply and Level Translator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4555EUD-PBF Datasheet(HTML) 7 Page - Linear Technology

  LTC4555EUD-PBF Datasheet HTML 1Page - Linear Technology LTC4555EUD-PBF Datasheet HTML 2Page - Linear Technology LTC4555EUD-PBF Datasheet HTML 3Page - Linear Technology LTC4555EUD-PBF Datasheet HTML 4Page - Linear Technology LTC4555EUD-PBF Datasheet HTML 5Page - Linear Technology LTC4555EUD-PBF Datasheet HTML 6Page - Linear Technology LTC4555EUD-PBF Datasheet HTML 7Page - Linear Technology LTC4555EUD-PBF Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
LTC4555
7
4555fb
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no representa-
tion that the interconnection of its circuits as described herein will not infringe on existing patent rights.
PACKAGE DESCRIPTION
UD Package
16-Lead Plastic QFN (3mm
× 3mm)
(Reference LTC DWG # 05-08-1691)
3.00
0.10
(4 SIDES)
RECOMMENDED SOLDER PAD PITCH AND DIMENSIONS
1.45
0.05
(4 SIDES)
NOTE:
1. DRAWING CONFORMS TO JEDEC PACKAGE OUTLINE MO-220 VARIATION (WEED-2)
2. DRAWING NOT TO SCALE
3. ALL DIMENSIONS ARE IN MILLIMETERS
4. DIMENSIONS OF EXPOSED PAD ON BOTTOM OF PACKAGE DO NOT INCLUDE
MOLD FLASH. MOLD FLASH, IF PRESENT, SHALL NOT EXCEED 0.15mm ON ANY SIDE
5. EXPOSED PAD SHALL BE SOLDER PLATED
6. SHADED AREA IS ONLY A REFERENCE FOR PIN 1 LOCATION
ON THE TOP AND BOTTOM OF PACKAGE
PIN 1
TOP MARK
(NOTE 6)
0.40
0.10
BOTTOM VIEW—EXPOSED PAD
1.45
0.10
(4-SIDES)
0.75
0.05
R = 0.115
TYP
0.25
0.05
1
PIN 1 NOTCH R = 0.20 TYP
OR 0.25
45 CHAMFER
15
16
2
0.50 BSC
0.200 REF
2.10
0.05
3.50
0.05
0.70 0.05
0.00 – 0.05
(UD16) QFN 0904
0.25 0.05
0.50 BSC
PACKAGE OUTLINE


Similar Part No. - LTC4555EUD-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4555EUD-PBF LINER-LTC4555EUD-PBF Datasheet
102Kb / 8P
   SIM Power Supply and Level Translator
More results

Similar Description - LTC4555EUD-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4555 LINER-LTC4555 Datasheet
102Kb / 8P
   SIM Power Supply and Level Translator
LTC1555L LINER-LTC1555L_15 Datasheet
142Kb / 8P
   SIM Power Supply and Level Translator
LTC4555 LINER-LTC4555_15 Datasheet
107Kb / 8P
   SIM Power Supply and Level Translator
LTC1555 LINER-LTC1555_15 Datasheet
245Kb / 12P
   SIM Power Supply and Level Translator
LTC1556 LINER-LTC1556_15 Datasheet
245Kb / 12P
   SIM Power Supply and Level Translator
LTC1555 LINER-LTC1555 Datasheet
255Kb / 12P
   SIM Power Supply and Level Translator
LTC1555L LINER-LTC1555L Datasheet
136Kb / 8P
   SIM Power Supply and Level Translator
LTC1555L-1.8 LINER-LTC1555L-1.8 Datasheet
150Kb / 8P
   SIM Power Supply and Level Translator
LTC1555L-1.8 LINER-LTC1555L-1.8_15 Datasheet
143Kb / 8P
   SIM Power Supply and Level Translator
LTC4555EUD LINER-LTC4555EUD Datasheet
107Kb / 8P
   SIM Power Supply and Level Translator-13
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com