Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTCH Datasheet(PDF) 2 Page - MMD Components

Part # MTCH
Description  MTCH, MTCS, & MTCZ SERIES TCXO
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMD [MMD Components]
Direct Link  http://www.mmdcomp.com
Logo MMD - MMD Components

MTCH Datasheet(HTML) 2 Page - MMD Components

  MTCH Datasheet HTML 1Page - MMD Components MTCH Datasheet HTML 2Page - MMD Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MMD Monitor/Quartztek
30400 Esperanza, Rancho Santa Margarita, CA, 92688
Phone: (949) 709-5075, Fax: (949) 709-3536, www.mmdcomp.com
Sales@mmdcomp.com
Revision:
MTCH011011L
Revisions only with customer approval
Pg 2 of 2
Part Number Guide
Mechanical Details
Tape & Reel Dimensions
Frequency Stability vs Temperature Table
9.61 [.378]
MAX
11.70 [0.461]
MAX
7.00 [.276]
7.62 [.300]
1.20 [.047]
8.26 [.325]
7.62 [.300]
2.54 [.100]
2.54 [.100]
1.40 [.055]
1
78
14
TRIMMER ACCESS
A = 3.00 [.118] MAX
B = 5.00 [.197] MAX
DIMENSION IN BRACKETS ARE IN INCHES
EXTERNAL BYPASS CAPACITOR IS RECOMMENDED
UNIT IS NOT HERMETICALLY SEALED
OUTPUT
PIN 8
SUPPLY VOLTAGE
PIN 1
PIN 7
PIN CONNECTIONS
VOLTAGE CONTROL
OR NO CONNECTION
CASE GROUND
PIN 14
Frequency
MT
9.6 x 11.7 SMD
Please Consult with MMD Sales Department for any other Parameters or Options
Supply Voltage
5 = +5 VDC
3 = +3.3 VDC
2 = +2.5 VDC
Frequency
Stability
10 = ±1.0 ppm
15 = ±1.5 ppm
20 = ±2.0 ppm
25 = ±2.5 ppm
30 = ±3.0 ppm
50 = ±5.0 ppm
Output
H = HCMOS
S = Clipped Sinewave
Z = Sinewave
Operating
Temperature
A = 0°C to +50°C
C = -20°C to +70°C
D = -30°C to +70°C
E = -30°C to +80°C
F = -40°C to +85°C
G = 0°C to +70°C
Pin 1 Connection
Blank = No Connect
V = Voltage Control
Packaging
Blank = Bulk
T = Tape and Reel
Height Option
A = 3.00 [.118] max
B = 5.00 [.197] max
C = C series (w/ trimmer)
Series Option
Symmetry
Blank = 40/60%
A = 45/55%
RoHS Compliant
Blank = Not Compliant
F = is Compliant
C
Code
Stability
10
15
20
25
30
50
Temp
±1.0ppm
±1.5ppm
±2.0ppm
±2.5ppm
±3.0ppm
±5.0ppm
A
0°C TO +50°C
G
0°C TO +70°C
C
-20°C TO +70°C
D
-30°C TO +70°C
F
-40°C TO +85°C
● = Available
= Consult with the Manufacturer
NOTES: UNLESS OTHERWISE SPECIFIED
1. Applicable Standards / Specifications
ANSI Y14.5M, Dimensions and Tolerances
EIA-481-B, 8 mm through 200mm Embossed Carrier Taping and 8 mm and 12 mm
Punched Carrier Taping of Surface Mount Components for Automatic Handling.
2. Dimensions are in millimeters [inch].
3. Tolerances are ±0.1 [.004] mm unless otherwise specified.
4. Do not scale drawing.
NOTES: UNLESS OTHERWISE SPECIFIED
1. Applicable Standards / Specifications
ANSI Y14.5M, Dimensions and Tolerances
EIA-481-B, 8 mm through 200mm Embossed Carrier Taping and 8 mm and 12 mm
Punched Carrier Taping of Surface Mount Components for Automatic Handling.
2. Dimensions are in millimeters [inch].
3. Tolerances are ±0.1 [.004] mm unless otherwise specified.
4. Do not scale drawing.
REEL DIA
DIRECTION OF FEED
Q3
Q1
Q4
Q2
Q3
Q1
Q4
Q2
PITCH
Tape Width
REEL DIA
330 [13.0]
Q1
PIN 1 ORIENT.
24.00 [.945]
12.00 [.471]
TAPE WIDTH
PITCH


Similar Part No. - MTCH

ManufacturerPart #DatasheetDescription
logo
MMD Components
MTCH MMD-MTCH Datasheet
437Kb / 2P
   11.7 x 9.6 SMD Package
logo
Microchip Technology
MTCH101 MICROCHIP-MTCH101 Datasheet
1,002Kb / 37P
   2, 5 and 8-Channel Proximity/Touch Controller Data Sheet
07/14/15
MTCH101 MICROCHIP-MTCH101 Datasheet
511Kb / 20P
   Single-Channel Proximity Detector
11/29/12
MTCH101 MICROCHIP-MTCH101 Datasheet
538Kb / 22P
   Single-Channel Proximity Detector
2012 10/26/12
MTCH101-I/OT MICROCHIP-MTCH101-I/OT Datasheet
511Kb / 20P
   Single-Channel Proximity Detector
11/29/12
More results

Similar Description - MTCH

ManufacturerPart #DatasheetDescription
logo
Epson Company
TG-5031CJ EPSON-TG-5031CJ Datasheet
374Kb / 2P
   TCXO/VC-TCXO
logo
Pletronics, Inc.
THM1031035LK044 PLETRONICS-THM1031035LK044 Datasheet
238Kb / 6P
   THM1 Series TCXO
logo
Kyocera Kinseki Corpota...
TCXO-201CA KSS-TCXO-201CA Datasheet
124Kb / 1P
   TCXO, VC-TCXO
TCXO-204C2 KSS-TCXO-204C2 Datasheet
127Kb / 1P
   TCXO, VC-TCXO
TCXO-205CA KSS-TCXO-205CA Datasheet
127Kb / 1P
   TCXO, VC-TCXO
TCXO-208C KSS-TCXO-208C Datasheet
159Kb / 1P
   TCXO, VC-TCXO
logo
ECS, Inc.
ECS-TXO-3225 ECS-ECS-TXO-3225 Datasheet
127Kb / 1P
   HCMOS TCXO/VC-TCXO
ECS-TXO-5032 ECS-ECS-TXO-5032 Datasheet
135Kb / 1P
   HCMOS TCXO/VC-TCXO
logo
Advanced Crystal Techno...
SMPT-6 ACT-SMPT-6 Datasheet
741Kb / 3P
   TCXO
08/10/2013
logo
IQD Frequency Products ...
LFTCXO075801 IQD-LFTCXO075801 Datasheet
145Kb / 2P
   TCXO
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com