Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JW050F1 Datasheet(PDF) 3 Page - Lineage Power Corporation

Part # JW050F1
Description  dc-dc Converters; 36 to 75 Vdc Input, 3.3 Vdc Output; 33 W to 99 W
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

JW050F1 Datasheet(HTML) 3 Page - Lineage Power Corporation

  JW050F1 Datasheet HTML 1Page - Lineage Power Corporation JW050F1 Datasheet HTML 2Page - Lineage Power Corporation JW050F1 Datasheet HTML 3Page - Lineage Power Corporation JW050F1 Datasheet HTML 4Page - Lineage Power Corporation JW050F1 Datasheet HTML 5Page - Lineage Power Corporation JW050F1 Datasheet HTML 6Page - Lineage Power Corporation JW050F1 Datasheet HTML 7Page - Lineage Power Corporation JW050F1 Datasheet HTML 8Page - Lineage Power Corporation JW050F1 Datasheet HTML 9Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Lineage Power
3
Data Sheet
April 2008
dc-dc Converters; 36 to 75 Vdc Input, 3.3 Vdc Output; 33 W to 99 W
JW050F, JW075F, JW100F, JW150F Power Modules:
Electrical Specifications (continued)
Table 2. Output Specifications
Parameter
Device
Symbol
Min
Typ
Max
Unit
Output Voltage Set Point
(VI = 48 V; IO = IO, max; TC = 25 °C)
All
VO, set
3.25
3.3
3.35
Vdc
Output Voltage
(Over all operating input voltage, resistive load,
and temperature conditions until end of life. See
Figure 19.)
All
VO
3.20
3.40
Vdc
Output Regulation:
Line (VI = 36 V to 75 V)
Load (IO = IO, min to IO, max)
Temperature (TC = –40 °C to +100 °C)
All
All
All
0.01
0.05
15
0.1
0.2
50
%VO
%VO
mV
Output Ripple and Noise Voltage (See
Figure 18.):
RMS
Peak-to-peak (5 Hz to 20 MHz)
All
All
40
150
mVrms
mVp-p
External Load Capacitance
All
0
*
µF
Output Current
(At IO < IO, min, the modules may exceed output
ripple specifications.)
JW050F
JW075F
JW100F
JW150F
IO
IO
IO
IO
0.5
0.5
0.5
0.5
10
15
20
30
A
A
A
A
Output Current-limit Inception
(VO = 90% of VO, nom)
JW050F
JW075F
JW100F
JW150F
IO, cli
IO, cli
IO, cli
IO, cli
12.0
18.0
23.0
34.5
14
21
26
39
A
A
A
A
Output Short-circuit Current (VO = 250 mV)
All
170
%IO, max
Efficiency
(VI = 48 V; IO = IO, max; TC = 70 °C)
JW050F
JW075F
JW100F
JW150F
η
η
η
η
80
80
80
80
%
%
%
%
Switching Frequency
All
500
kHz
Dynamic Response
(ýIO/ýt = 1 A/10 µs, VI = 48 V, TC = 25 °C; tested
with a 10 µF aluminum and a 1.0 µF ceramic
capacitor across the load; see Figures 14 and
15):
Load Change from IO = 50% to 75% of IO, max:
Peak Deviation
Settling Time (VO < 10% of peak deviation)
Load Change from IO = 50% to 25% of IO, max:
Peak Deviation
Settling Time (VO < 10% of peak deviation)
All
All
All
All
3.8
300
3.8
300
%VO, set
µs
%VO, set
µs
* Consult your sales representative or the factory.
† These are manufacturing test limits. In some situations, results may differ.


Similar Part No. - JW050F1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
JW050A MACOM-JW050A Datasheet
1Mb / 20P
   Power Modules: dc-dc Converters; 36 to 75 Vdc Input, 5 Vdc Output; 50 W to 150 W
JW050A1 MACOM-JW050A1 Datasheet
1Mb / 20P
   Power Modules: dc-dc Converters; 36 to 75 Vdc Input, 5 Vdc Output; 50 W to 150 W
logo
Lineage Power Corporati...
JW050B LINEAGEPOWER-JW050B Datasheet
573Kb / 20P
   dc-dc Converters; 36 to 75 Vdc Input, 12 Vdc Output; 50 W to 150 W
JW050B1 LINEAGEPOWER-JW050B1 Datasheet
573Kb / 20P
   dc-dc Converters; 36 to 75 Vdc Input, 12 Vdc Output; 50 W to 150 W
More results

Similar Description - JW050F1

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
JBW050F1 LINEAGEPOWER-JBW050F1 Datasheet
349Kb / 16P
   36 to 75 Vdc Input, 3.3 Vdc Output; 33 W
FW300A1 LINEAGEPOWER-FW300A1 Datasheet
599Kb / 20P
   dc-dc Converters 36 to 75 Vdc Input, 5 Vdc Output 250 W to 300 W
JW050B1 LINEAGEPOWER-JW050B1 Datasheet
573Kb / 20P
   dc-dc Converters; 36 to 75 Vdc Input, 12 Vdc Output; 50 W to 150 W
logo
Tyco Electronics
JW150A MACOM-JW150A Datasheet
1Mb / 20P
   Power Modules: dc-dc Converters; 36 to 75 Vdc Input, 5 Vdc Output; 50 W to 150 W
logo
Lineage Power Corporati...
JAW050A1 LINEAGEPOWER-JAW050A1 Datasheet
435Kb / 16P
   JAW050A and JAW075A Power Modules; dc-dc Converters 36 Vdc to 75 Vdc Input, 5 Vdc Output; 50 W to 75 W
QHW075F1-Q LINEAGEPOWER-QHW075F1-Q Datasheet
502Kb / 20P
   QHW050F1-Q, QHW075F1-Q, and QHW100F1-Q Power Modules; dc-dc Converters: 36 to 75 Vdc Input, 3.3 Vdc Output; 33 W to 66 W
logo
Tyco Electronics
JFC050C MACOM-JFC050C Datasheet
378Kb / 20P
   dc-dc Converters; 18 to 36 Vdc Input; 15 Vdc Output; 50 W to 100 W
logo
Lineage Power Corporati...
FW300B1 LINEAGEPOWER-FW300B1 Datasheet
562Kb / 20P
   FW250B1 and FW300B1 Power Modules: dc-dc Converters: 36 Vdc to 75 Vdc Input, 12 Vdc Output; 250 W to 300 W
LAW005A LINEAGEPOWER-LAW005A Datasheet
358Kb / 8P
   LAW005-Series Power Modules dc-dc Converters 36 Vdc to 75 Vdc Input 5 W
logo
Tyco Electronics
FC250F1 MACOM-FC250F1 Datasheet
1Mb / 20P
   Power Module: dc-dc Converter; 18 Vdc to 36 Vdc Input, 3.3 Vdc Output; 165 W
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com