Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JW050F1 Datasheet(PDF) 11 Page - Lineage Power Corporation

Part # JW050F1
Description  dc-dc Converters; 36 to 75 Vdc Input, 3.3 Vdc Output; 33 W to 99 W
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

JW050F1 Datasheet(HTML) 11 Page - Lineage Power Corporation

Back Button JW050F1 Datasheet HTML 7Page - Lineage Power Corporation JW050F1 Datasheet HTML 8Page - Lineage Power Corporation JW050F1 Datasheet HTML 9Page - Lineage Power Corporation JW050F1 Datasheet HTML 10Page - Lineage Power Corporation JW050F1 Datasheet HTML 11Page - Lineage Power Corporation JW050F1 Datasheet HTML 12Page - Lineage Power Corporation JW050F1 Datasheet HTML 13Page - Lineage Power Corporation JW050F1 Datasheet HTML 14Page - Lineage Power Corporation JW050F1 Datasheet HTML 15Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Lineage Power
11
Data Sheet
April 2008
dc-dc Converters; 36 to 75 Vdc Input, 3.3 Vdc Output; 33 W to 99 W
JW050F, JW075F, JW100F, JW150F Power Modules:
Feature Descriptions (continued)
Remote Sense
Remote sense minimizes the effects of distribution
losses by regulating the voltage at the remote-sense
connections. The voltage between the remote-sense
pins and the output terminals must not exceed the out-
put voltage sense range given in the Feature Specifica-
tions table, i.e.:
[VO(+) – VO(–)] – [SENSE(+) – SENSE(–)] ð 0.5 V
The voltage between the VO(+) and VO(–) terminals
must not exceed the minimum value of the output over-
voltage protection. This limit includes any increase in
voltage due to remote-sense compensation and output
voltage set-point adjustment (trim). See Figure 21.
If not using the remote-sense feature to regulate the
output at the point of load, then connect SENSE(+) to
VO(+) and SENSE(–) to VO(–) at the module.
Although the output voltage can be increased by both
the remote sense and by the trim, the maximum
increase for the output voltage is not the sum of both.
The maximum increase is the larger of either the
remote sense or the trim. Consult the factory if you
need to increase the output voltage more than the
above limitation.
The amount of power delivered by the module is defined
as the voltage at the output terminals multiplied by the
output current. When using remote sense and trim, the
output voltage of the module can be increased, which at
the same output current would increase the power output
of the module. Care should be taken to ensure that the
maximum output power of the module remains at or
below the maximum rated power.
VO(+)
SENSE(+)
SENSE(–)
VO (–)
VI(+)
VI(–)
IO
LOAD
CONTACT AND
DISTRIBUTION LOSSES
SUPPLY
II
CONTACT
RESISTANCE
8-651 (C).m
Figure 21. Effective Circuit Configuration for
Single-Module Remote-Sense Operation
Output Voltage Set-Point Adjustment
(Trim)
Output voltage trim allows the user to increase or
decrease the output voltage set point of a module. This
is accomplished by connecting an external resistor
between the TRIM pin and either the SENSE(+) or
SENSE(–) pins. The trim resistor should be positioned
close to the module.
If not using the trim feature, leave the TRIM pin open.
With an external resistor between the TRIM and
SENSE(–) pins (Radj-down), the output voltage set point
(VO, adj) decreases (see Figure 22). The following equa-
tion determines the required external-resistor value to
obtain a percentage output voltage change of ý%.
Radj-down
100
Δ%
----------2
⎝⎠
⎛⎞ kΩ
=
The test results for this configuration are displayed in
Figure 23. This figure applies to all output voltages.
With an external resistor connected between the TRIM
and SENSE(+) pins (Radj-up), the output voltage set
point (VO, adj) increases (see Figure 24).
The following equation determines the required exter-
nal-resistor value to obtain a percentage output voltage
change of ý%.
Radj-up
VO 100 Δ%
+
()
1.225
Δ%
--------------------------------------
100 2
Δ%
+
()
Δ%
----------------------------------
⎝⎠
⎛⎞ kΩ
=
The test results for this configuration are displayed in
Figure 25.
The voltage between the VO(+) and VO(–) terminals
must not exceed the minimum value of the output over-
voltage protection. This limit includes any increase in
voltage due to remote-sense compensation and output
voltage set-point adjustment (trim). See Figure 21.
Although the output voltage can be increased by both
the remote sense and by the trim, the maximum
increase for the output voltage is not the sum of both.
The maximum increase is the larger of either the
remote sense or the trim. Consult the factory if you
need to increase the output voltage more than the
above limitation.
The amount of power delivered by the module is defined
as the voltage at the output terminals multiplied by the
output current. When using remote sense and trim, the
output voltage of the module can be increased, which at
the same output current would increase the power output
of the module. Care should be taken to ensure that the
maximum output power of the module remains at or
below the maximum rated power.


Similar Part No. - JW050F1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
JW050A MACOM-JW050A Datasheet
1Mb / 20P
   Power Modules: dc-dc Converters; 36 to 75 Vdc Input, 5 Vdc Output; 50 W to 150 W
JW050A1 MACOM-JW050A1 Datasheet
1Mb / 20P
   Power Modules: dc-dc Converters; 36 to 75 Vdc Input, 5 Vdc Output; 50 W to 150 W
logo
Lineage Power Corporati...
JW050B LINEAGEPOWER-JW050B Datasheet
573Kb / 20P
   dc-dc Converters; 36 to 75 Vdc Input, 12 Vdc Output; 50 W to 150 W
JW050B1 LINEAGEPOWER-JW050B1 Datasheet
573Kb / 20P
   dc-dc Converters; 36 to 75 Vdc Input, 12 Vdc Output; 50 W to 150 W
More results

Similar Description - JW050F1

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
JBW050F1 LINEAGEPOWER-JBW050F1 Datasheet
349Kb / 16P
   36 to 75 Vdc Input, 3.3 Vdc Output; 33 W
FW300A1 LINEAGEPOWER-FW300A1 Datasheet
599Kb / 20P
   dc-dc Converters 36 to 75 Vdc Input, 5 Vdc Output 250 W to 300 W
JW050B1 LINEAGEPOWER-JW050B1 Datasheet
573Kb / 20P
   dc-dc Converters; 36 to 75 Vdc Input, 12 Vdc Output; 50 W to 150 W
logo
Tyco Electronics
JW150A MACOM-JW150A Datasheet
1Mb / 20P
   Power Modules: dc-dc Converters; 36 to 75 Vdc Input, 5 Vdc Output; 50 W to 150 W
logo
Lineage Power Corporati...
JAW050A1 LINEAGEPOWER-JAW050A1 Datasheet
435Kb / 16P
   JAW050A and JAW075A Power Modules; dc-dc Converters 36 Vdc to 75 Vdc Input, 5 Vdc Output; 50 W to 75 W
QHW075F1-Q LINEAGEPOWER-QHW075F1-Q Datasheet
502Kb / 20P
   QHW050F1-Q, QHW075F1-Q, and QHW100F1-Q Power Modules; dc-dc Converters: 36 to 75 Vdc Input, 3.3 Vdc Output; 33 W to 66 W
logo
Tyco Electronics
JFC050C MACOM-JFC050C Datasheet
378Kb / 20P
   dc-dc Converters; 18 to 36 Vdc Input; 15 Vdc Output; 50 W to 100 W
logo
Lineage Power Corporati...
FW300B1 LINEAGEPOWER-FW300B1 Datasheet
562Kb / 20P
   FW250B1 and FW300B1 Power Modules: dc-dc Converters: 36 Vdc to 75 Vdc Input, 12 Vdc Output; 250 W to 300 W
LAW005A LINEAGEPOWER-LAW005A Datasheet
358Kb / 8P
   LAW005-Series Power Modules dc-dc Converters 36 Vdc to 75 Vdc Input 5 W
logo
Tyco Electronics
FC250F1 MACOM-FC250F1 Datasheet
1Mb / 20P
   Power Module: dc-dc Converter; 18 Vdc to 36 Vdc Input, 3.3 Vdc Output; 165 W
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com