Electronic Components Datasheet Search |
|
T520D227M2R5A Datasheet(PDF) 10 Page - Kemet Corporation |
|
T520D227M2R5A Datasheet(HTML) 10 Page - Kemet Corporation |
10 / 24 page © KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com T2015_T520 • 12/4/2013 10 10 KEMET Organic Capacitor (KO-CAP) – T520 Series Polymer Tantalum (1) Standard with tin terminations (14th character = T). Tin/lead terminations is also available (14th character = H). Also available on large (13 inch) reels. Add 7280 to the end of the part number. Higher voltage ratings and tighter tolerance product including ESR may be substituted within the same size at KEMET's option. Voltage substitutions will be marked with the higher voltage rating. Substitutions can include better than series. Blue color text denotes "Under Development" Bold text denotes black epoxy product Rated Voltage Rated Cap Case Code/ Case Size KEMET Part Number DC Leakage DF ESR Maximum Allowable Ripple Current Moisture Sensitivity Rated Temp VDC µF KEMET/EIA (See below for part options) µA @ 20°C Maximum/5 Minutes % @ 20°C 120 Hz Maximum mΩ @ 20°C 100 kHz Maximum (mA) 45°C 100 kHz Temperature ≤ 260ºC (ºC) 6.3 150 B/3528-21 T520B157M006A(1)E035 95 8 35 1900 3 105 6.3 150 B/3528-21 T520B157M006A(1)E045 95 8 45 1700 3 105 6.3 150 B/3528-21 T520B157M006A(1)E070 95 8 70 1300 3 105 6.3 150 C/6032-28 T520C157M006A(1)E015 95 8 15 3300 3 105 6.3 150 C/6032-28 T520C157M006A(1)E025 95 8 25 2600 3 105 6.3 150 C/6032-28 T520C157M006A(1)E045 95 8 45 1900 3 105 6.3 150 C/6032-28 T520C157M006A(1)E055 95 8 55 1700 3 105 6.3 150 U/6032-15 T520U157M006A(1)E045 95 8 45 1700 3 105 6.3 150 U/6032-15 T520U157M006A(1)E055 95 8 55 1600 3 105 6.3 150 L/6032-19 T520L157M006A(1)E012 95 8 12 3500 3 105 6.3 150 L/6032-19 T520L157M006A(1)E025 95 8 25 2400 3 105 6.3 150 W/7343-15 T520W157M006A(1)E025 95 10 25 2700 3 105 6.3 150 W/7343-15 T520W157M006A(1)E040 95 10 40 2100 3 105 6.3 150 V/7343-19 T520V157M006A(1)E006 95 10 6 5600 3 105 6.3 150 V/7343-19 T520V157M006A(1)E007 95 10 7 5200 3 105 6.3 150 V/7343-19 T520V157M006A(1)E009 95 10 9 4600 3 105 6.3 150 V/7343-19 T520V157M006A(1)E012 95 10 12 3900 3 105 6.3 150 V/7343-19 T520V157M006A(1)E015 95 10 15 3500 3 105 6.3 150 V/7343-19 T520V157M006A(1)E018 95 10 18 3200 3 105 6.3 150 V/7343-19 T520V157M006A(1)E025 95 10 25 2700 3 105 6.3 150 V/7343-19 T520V157M006A(1)E040 95 10 40 2200 3 105 6.3 150 V/7343-19 T520V157M006A(1)E045 95 10 45 2000 3 105 6.3 150 D/7343-31 T520D157M006A(1)E006 95 10 6 6100 3 105 6.3 150 D/7343-31 T520D157M006A(1)E007 95 10 7 5700 3 105 6.3 150 D/7343-31 T520D157M006A(1)E015 95 10 15 3900 3 105 6.3 150 D/7343-31 T520D157M006A(1)E025 95 10 25 3000 3 105 6.3 150 D/7343-31 T520D157M006A(1)E055 95 10 55 2000 3 105 6.3 220 B/3528-21 T520B227M006A(1)E025 139 8 25 2300 3 105 6.3 220 B/3528-21 T520B227M006A(1)E035 139 8 35 1900 3 105 6.3 220 B/3528-21 T520B227M006A(1)E045 139 8 45 1700 3 105 6.3 220 B/3528-21 T520B227M006A(1)E070 139 8 70 1300 3 105 6.3 220 C/6032-28 T520C227M006A(1)E015 139 8 15 3300 3 105 6.3 220 C/6032-28 T520C227M006A(1)E018 139 8 18 3000 3 105 6.3 220 C/6032-28 T520C227M006A(1)E025 139 8 25 2600 3 105 6.3 220 C/6032-28 T520C227M006A(1)E045 139 8 45 1900 3 105 6.3 220 V/7343-19 T520V227M006A(1)E007 139 10 7 5200 3 105 6.3 220 V/7343-19 T520V227M006A(1)E009 139 10 9 4600 3 105 6.3 220 V/7343-19 T520V227M006A(1)E012 139 10 12 3900 3 105 6.3 220 V/7343-19 T520V227M006A(1)E015 139 10 15 3500 3 105 6.3 220 V/7343-19 T520V227M006A(1)E018 139 10 18 3200 3 105 6.3 220 V/7343-19 T520V227M006A(1)E025 139 10 25 2700 3 105 6.3 220 V/7343-19 T520V227M006A(1)E040 139 10 40 2200 3 105 6.3 220 D/7343-31 T520D227M006A(1)E006 139 10 6 6100 3 105 6.3 220 D/7343-31 T520D227M006A(1)E007 139 10 7 5700 3 105 6.3 220 D/7343-31 T520D227M006A(1)E009 139 10 9 5000 3 105 6.3 220 D/7343-31 T520D227M006A(1)E015 139 10 15 3900 3 105 6.3 220 D/7343-31 T520D227M006A(1)E018 139 10 18 3500 3 105 6.3 220 D/7343-31 T520D227M006A(1)E025 139 10 25 3000 3 105 6.3 220 D/7343-31 T520D227M006A(1)E040 139 10 40 2400 3 105 VDC µF KEMET/EIA (See below for part options) µA @ 20°C Maximum/5 Minutes % @ 20°C 120 Hz Maximum mΩ @ 20°C 100 kHz Maximum (mA) 45°C 100 kHz Temperature ≤ 260ºC (ºC) Rated Voltage Rated Cap Case Code/ Case Size KEMET Part Number DC Leakage DF ESR Maximum Allowable Ripple Current Moisture Sensitivity Rated Temp Table 1 – Ratings & Part Number Reference cont'd Roll Over for Order Info. T 520 V 157 M 006 A T E045 Capacitor Class Series Case Size Capacitance Code (pF) Capacitance Tolerance Voltage Failure Rate/ Design Lead Material ESR Code Packaging (C-Spec) T = Tantalum 520 = Polymer A, B, C, D, H, L, M, Q, T, U, V, W, X, Y First two digits represent significant figures.Thirddigit specifiesnumber of zeros. M = ±20% 2R5 = 2.5 V 003 = 3 V 004 = 4 V 006 = 6.3 V 008 = 8 V 010 = 10 V 011 = 11 V 12R = 12.5 V 016 = 16 V 020 = 20 V 025 = 25 V A = N/A T = 100% Matte Tin (Sn) Plated H = Tin/Lead (SnPb) Solder Coated (5% Pb minimum) E = ESR Last three digits specify ESR in mΩ.(045=45 mΩ) Blank = 7" Reel 7280 = 13" Reel |
Similar Part No. - T520D227M2R5A |
|
Similar Description - T520D227M2R5A |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |