Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATV2500L-35LI Datasheet(PDF) 7 Page - ATMEL Corporation

Part # ATV2500L-35LI
Description  High-Density UV-Erasable Programmable Logic Device
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATV2500L-35LI Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button ATV2500L-35LI Datasheet HTML 3Page - ATMEL Corporation ATV2500L-35LI Datasheet HTML 4Page - ATMEL Corporation ATV2500L-35LI Datasheet HTML 5Page - ATMEL Corporation ATV2500L-35LI Datasheet HTML 6Page - ATMEL Corporation ATV2500L-35LI Datasheet HTML 7Page - ATMEL Corporation ATV2500L-35LI Datasheet HTML 8Page - ATMEL Corporation ATV2500L-35LI Datasheet HTML 9Page - ATMEL Corporation ATV2500L-35LI Datasheet HTML 10Page - ATMEL Corporation ATV2500L-35LI Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
ATV2500H/L
7
Note:
1. Buried registers include all 24 Q2 registers and any of the 24 Q1 registers in macrocells configured as combinatorial.
Input Test Waveforms and
Measurement Levels
t
R, tF < 5 ns (10% to 90%)
Output Test Loads
AC Characteristics for the ATV2500H
Symbol
Parameter
ATV2500H-25
ATV2500H-30
ATV2500H-35
Units
MinMax
MinMax
MinMax
t
PD
Input or Feedback to
Non-Registered Output
25
30
35
ns
t
EA
Input to Output Enable
25
30
35
ns
t
ER
Input to Output Disable
25
30
35
ns
t
CO
Clock to Output
10
25
12
30
15
35
ns
t
CF
Clock to Feedback
10
18
12
20
15
20
ns
t
SI1
Input Setup
Time, Output Register
10
12
15
ns
t
SI2
Input Setup
Time, Buried Register(1)
55
5
ns
t
SF
Feedback Setup Time
7
10
15
ns
t
H1
Hold Time
5
5
5
ns
t
W
Clock Width
10
12
15
ns
t
P
Clock Period
25
30
35
ns
F
MAX
Maximum Frequency (1/t
P)40
33
28
MHz
t
AW
Asynchronous Reset
Width
15
18
20
ns
t
AR
Asynchronous Reset
Recovery Time
15
18
20
ns
t
AP
Asynchronous Reset to
Registered Output Reset
25
30
35
ns


Similar Part No. - ATV2500L-35LI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATV2500B ATMEL-ATV2500B Datasheet
868Kb / 18P
   High-Speed High-Density UV Erasable Programmable Logic Device
ATV2500B-12JC ATMEL-ATV2500B-12JC Datasheet
868Kb / 18P
   High-Speed High-Density UV Erasable Programmable Logic Device
ATV2500B-12KC ATMEL-ATV2500B-12KC Datasheet
868Kb / 18P
   High-Speed High-Density UV Erasable Programmable Logic Device
ATV2500B-15JC ATMEL-ATV2500B-15JC Datasheet
868Kb / 18P
   High-Speed High-Density UV Erasable Programmable Logic Device
ATV2500B-15JI ATMEL-ATV2500B-15JI Datasheet
868Kb / 18P
   High-Speed High-Density UV Erasable Programmable Logic Device
More results

Similar Description - ATV2500L-35LI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATV750 ATMEL-ATV750 Datasheet
544Kb / 14P
   High Density UV Erasable Programmable Logic Device
ATV5000 ATMEL-ATV5000 Datasheet
156Kb / 13P
   High Density UV Erasable Programmable Logic Device
ATV2500B ATMEL-ATV2500B Datasheet
868Kb / 18P
   High-Speed High-Density UV Erasable Programmable Logic Device
AT22V10B ATMEL-AT22V10B Datasheet
217Kb / 9P
   High Speed UV Erasable Programmable Logic Device
AT22V10 ATMEL-AT22V10 Datasheet
277Kb / 11P
   High Speed UV Erasable Programmable Logic Device
ATV750B ATMEL-ATV750B Datasheet
737Kb / 16P
   High-Speed UV-Erasable Programmable Logic Device
AT22LV10 ATMEL-AT22LV10 Datasheet
507Kb / 11P
   Low-Voltage UV Erasable Programmable Logic Device
ATF2500C ATMEL-ATF2500C_14 Datasheet
620Kb / 24P
   High-performance, High-density, Electrically-erasable Programmable Logic Device
ATF22V10B ATMEL-ATF22V10B_10 Datasheet
628Kb / 16P
   High-performance Electrically Erasable Programmable Logic Device
ATF22LV10C ATMEL-ATF22LV10C Datasheet
1Mb / 19P
   High-performance Electrically Erasable Programmable Logic Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com