Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JWM12BA1A-A Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # JWM12BA1A-A
Description  High Inrush 10 & 16 Amp Rockers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

JWM12BA1A-A Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  JWM12BA1A-A Datasheet HTML 1Page - List of Unclassifed Manufacturers JWM12BA1A-A Datasheet HTML 2Page - List of Unclassifed Manufacturers JWM12BA1A-A Datasheet HTML 3Page - List of Unclassifed Manufacturers JWM12BA1A-A Datasheet HTML 4Page - List of Unclassifed Manufacturers JWM12BA1A-A Datasheet HTML 5Page - List of Unclassifed Manufacturers JWM12BA1A-A Datasheet HTML 6Page - List of Unclassifed Manufacturers JWM12BA1A-A Datasheet HTML 7Page - List of Unclassifed Manufacturers JWM12BA1A-A Datasheet HTML 8Page - List of Unclassifed Manufacturers JWM12BA1A-A Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Series JW
High Inrush 10 & 16 Amp Rockers
www.nkk.com
B40
B
General Specifications
Electrical Capacity (Resistive Load)
Power Level: 10A @ 125/250V AC for JWM & JWMW models; 10A @ 30V DC for JWMW;
16A @ 125/250V AC for JWL & JWLW models; 5A @ 72V DC for telecommunication applications
Other Ratings
Contact Resistance: 10 milliohms maximum for JWM & JWMW; 20 milliohms maximum for JWL & JWLW
Insulation Resistance: 1,000 megohms minimum @ 500V DC
Dielectric Strength: 2,000V AC minimum between contacts for 1 minute minimum;
4,000V AC minimum between contacts & case for 1 minute minimum
Mechanical Life: 25,000 operations minimum
Electrical Life: 25,000 operations minimum
Nominal Operating Force: JWM & JWMW Single Pole 3.92N & Double Pole 7.84N
JWL Single Pole 5.00N & Double Pole 10.00N; JWLW Double Pole 10.00N
Angle of Throw: 26°
Materials & Finishes
Rocker: Polyphenylene ether (UL94V-0)
Case/Base:
Melamine (UL94V-0)
Housing/Frame & Barrier: Polyamide (UL94V-0)
Contacts:
Silver alloy with silver plating
Interior Seal for JWM & JWL: Polyphenylene sulfide (UL94V-0)
Terminals:
Brass with silver plating
Environmental Data
Operating Temperature Range: –25°C through +70°C (–13°F through +158°F) for JWM & JWL;
–25°C through +85°C (–13°F through +185°F) for panel seal JWMW & JWLW models
Humidity: 90 ~ 95% humidity for 96 hours @ 40°C (104°F)
Vibration: 10 ~ 55Hz with peak-to-peak amplitude of 1.5mm traversing the frequency range & returning
in 1 minute; 3 right angled directions for 2 hours
Shock: 50G (490m/s2) acceleration (tested in 6 right angled directions, with 5 shocks in each direction)
Sealing: IP67 of IEC60529 standard for panel seal JWMW & JWLW models; dust resistant inner seal for others
Installation
Soldering Time & Temperature: Manual Soldering: See Profile A in Supplement section.
Standards & Certifications
Flammability Standards: UL94V-0 for rocker, housing, seal & case/base of JWL, JWM, JWMW & JWLW models
TV Ratings for UL & CSA: JWM (TV-5) Overload Test @ 120V AC for 50 operations:
Steady State Current (rms) 7.5A; Minimum Inrush Current (peak) 111A.
JWM (TV-5) Endurance Test @ 120V AC for 25,000 operations:
Steady State Current (rms) 5A; Minimum Inrush Current (peak) 78A.
JWL (TV-8) Overload Test @ 120V AC for 50 operations:
Steady State Current (rms) 12A; Minimum Inrush Current (peak) 163A.
JWL (TV-8) Endurance Test @ 120V AC for 25,000 operations:
Steady State Current (rms) 8A; Minimum Inrush Current (peak) 117A.
UL: File No. E44145
JWM & JWMW models recognized at 10A @ 250V AC.
JWMW recognized at 10A @ 30V DC.
JWL & JWLW models recognized at 16A @ 250V AC; JWL at 5A @ 72V DC.
Models below recognized only when ordered with marking on switch.
JWMW: add “/U” to end of part number to order UL mark on switch; add “/CUL” to end of part
number to order cULus mark on switch.
JWL: add “/U-DC” to end of part number to request UL rating on DC rated switch.
CSA: File No. 023535_0_000
JWM & JWMW models certified at 10A @ 250V AC; JWL models certified at 16A @ 250V AC .
VDE: License No. 115637
JWM models approved at steady state 5A, inrush 80A, resistive 10A, & motor load 6A all at
250V AC; JWL models approved at steady state inrush 128A, resistive 16A, & motor load 8A
all at 250V AC.
Note: JWM & JWL Double Pole, Single Throw models approved only with the international
ON-OFF symbols on the actuator.


Similar Part No. - JWM12BA1A-A

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
JWM12BA1A-A NKK-JWM12BA1A-A Datasheet
312Kb / 9P
   General Specifications
JWM12BA1A-A NKK-JWM12BA1A-A Datasheet
1Mb / 9P
   High Inrush 10 & 16 Amp Rockers
04/19/22
More results

Similar Description - JWM12BA1A-A

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
JW_SERIES NKK-JW_SERIES Datasheet
1Mb / 9P
   High Inrush 10 & 16 Amp Rockers
04/19/22
logo
ZETTLER Electronics
AZ762T ZETTLER-AZ762T Datasheet
52Kb / 2P
   16 AMP HIGH INRUSH MINIATURE POWER RELAY
AZ725 ZETTLER-AZ725 Datasheet
57Kb / 2P
   16 AMP MINIATURE POWER RELAY HIGH INRUSH VERSION 120 AMP
logo
Nihon Kaiheiki Industry...
SW3001A NKK-SW3001A Datasheet
157Kb / 4P
   High Capacity Rockers
logo
American Zettler, Inc.
AZ7695 AZETTLER-AZ7695 Datasheet
575Kb / 2P
   80 Amp inrush current
logo
Nihon Kaiheiki Industry...
M2012TNW NKK-M2012TNW Datasheet
332Kb / 10P
   Miniature Rockers
logo
GOOD-ARK Electronics
S0603H GOOD-ARK-S0603H Datasheet
272Kb / 2P
   High inrush
logo
List of Unclassifed Man...
M2012TNW01-DC ETC2-M2012TNW01-DC Datasheet
282Kb / 10P
   Miniature Rockers
M2013TXG41-DC ETC2-M2013TXG41-DC Datasheet
367Kb / 12P
   Miniature Rockers
R25-11D10-12 ETC2-R25-11D10-12 Datasheet
513Kb / 1P
   8 Amp, 10 Amp & 16 Amp PC Mountable Relays.
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com