Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KXTI9-1001 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # KXTI9-1001
Description  2g/4g/8g Tri-axis Digital Accelerometer Specifications
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

KXTI9-1001 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  KXTI9-1001 Datasheet HTML 1Page - List of Unclassifed Manufacturers KXTI9-1001 Datasheet HTML 2Page - List of Unclassifed Manufacturers KXTI9-1001 Datasheet HTML 3Page - List of Unclassifed Manufacturers KXTI9-1001 Datasheet HTML 4Page - List of Unclassifed Manufacturers KXTI9-1001 Datasheet HTML 5Page - List of Unclassifed Manufacturers KXTI9-1001 Datasheet HTML 6Page - List of Unclassifed Manufacturers KXTI9-1001 Datasheet HTML 7Page - List of Unclassifed Manufacturers KXTI9-1001 Datasheet HTML 8Page - List of Unclassifed Manufacturers KXTI9-1001 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 54 page
background image
± 2g / 4g / 8g Tri-axis Digital
Accelerometer Specifications
PART NUMBER:
KXTI9-1001
Rev. 2
Jul-2011
36 Thornwood Dr. – Ithaca, NY 14850
© 2011 Kionix – All Rights Reserved
tel: 607-257-1080 – fax:607-257-1146
438-2322-1107191455
www.kionix.com - info@kionix.com
Page 4 of 54
Table 2. Electrical
(specifications are for operation at 2.6V and T = 25C unless stated otherwise)
Parameters
Units
Min
Typical
Max
Supply Voltage (Vdd)
Operating
V
1.71
2.6
3.6
I/O Pads Supply Voltage (VIO)
V
1.7
Vdd
Current Consumption
All On (RES = 1)
A
325
Directional Tap™
(RES = 0, ODR = 400Hz)
165
Low Power
(RES = 0, ODR ≤ 25Hz)
100
Standby
10
Output Low Voltage (Vio < 2V)
1
V
-
-
0.2 * Vio
Output Low Voltage (Vio > 2V)
1
V
-
-
0.4
Output High Voltage
V
0.8 * Vio
-
-
Input Low Voltage
V
-
-
0.2 * Vio
Input High Voltage
V
0.8 * Vio
-
-
Input Pull-down Current
A
0
Start Up Time
2
RES = 0
ms
0.050
RES = 1, ODR = 12.5Hz
81
RES = 1, ODR = 25 Hz
41
RES = 1, ODR = 50Hz
21
RES = 1, ODR = 100Hz
11
RES = 1, ODR = 200Hz
6
RES = 1, ODR = 400Hz
4
RES = 1, ODR = 800Hz
2.5
Power Up Time
3
ms
10
I
2C Communication Rate
kHz
400
Output Data Rate (ODR)
4
Hz
12.5
50
800
Bandwidth (-3dB)
5
RES = 0
kHz
1.59
RES = 1
Hz
ODR/2
Notes:
1.
For I
2C communication, this assumes a minimum 1.5k pull-up resistor on SCL and
SDA pins.
2.
Start up time is from PC1 set to valid outputs.
3.
Power up time is from Vdd valid to device boot completion.
4.
User selectable through I
2C.
5.
User selectable and dependant on ODR and RES.


Similar Part No. - KXTI9-1001

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KXTIA-1006 ETC2-KXTIA-1006 Datasheet
1Mb / 63P
   Tri-axis Digital Accelerometer Specifications
KXTIK-1004 ETC2-KXTIK-1004 Datasheet
1Mb / 54P
   2g/4g/8g Tri-axis Digital Accelerometer Specifications
More results

Similar Description - KXTI9-1001

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KXTIK-1004 ETC2-KXTIK-1004 Datasheet
1Mb / 54P
   2g/4g/8g Tri-axis Digital Accelerometer Specifications
KX132-1211 ETC-KX132-1211 Datasheet
1Mb / 33P
   ± 2g / 4g / 8g / 16g Tri-axis Digital Accelerometer Specifications
Rev. 1.0 31-Jul-2019
KXR94-2283 ETC2-KXR94-2283 Datasheet
149Kb / 10P
   2g Tri-Axis Accelerometer Specifications
KXR94-2050 ETC2-KXR94-2050 Datasheet
151Kb / 11P
   2g Tri-Axis Accelerometer Specifications
KXR94-2353 ETC2-KXR94-2353 Datasheet
442Kb / 15P
   짹 2g Tri-axis Digital Accelerometer Specifications
KXR94-1050 ETC2-KXR94-1050 Datasheet
320Kb / 13P
   2g Tri-axis Accelerometer Specifications
KX224-1053 ETC-KX224-1053 Datasheet
2Mb / 84P
   짹 8g / 16g / 32g Tri-axis Digital Accelerometer Specifications
Rev. 2.0 22-Dec-2017
logo
Analog Devices
ADXL362 AD-ADXL362_13 Datasheet
1Mb / 44P
   Micropower, 3-Axis, 2g/4g/8g Digital Output MEMS Accelerometer
REV. B
logo
List of Unclassifed Man...
KXTC9-2050 ETC2-KXTC9-2050 Datasheet
157Kb / 10P
   2g Tri-axis Analog Accelerometer Specifications
KXTC9-4100 ETC2-KXTC9-4100 Datasheet
312Kb / 11P
   2g Tri-axis Analog Accelerometer Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com