Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JWMW12RB1A-A Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # JWMW12RB1A-A
Description  High Inrush 10 & 16 Amp Rockers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

JWMW12RB1A-A Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  JWMW12RB1A-A Datasheet HTML 1Page - List of Unclassifed Manufacturers JWMW12RB1A-A Datasheet HTML 2Page - List of Unclassifed Manufacturers JWMW12RB1A-A Datasheet HTML 3Page - List of Unclassifed Manufacturers JWMW12RB1A-A Datasheet HTML 4Page - List of Unclassifed Manufacturers JWMW12RB1A-A Datasheet HTML 5Page - List of Unclassifed Manufacturers JWMW12RB1A-A Datasheet HTML 6Page - List of Unclassifed Manufacturers JWMW12RB1A-A Datasheet HTML 7Page - List of Unclassifed Manufacturers JWMW12RB1A-A Datasheet HTML 8Page - List of Unclassifed Manufacturers JWMW12RB1A-A Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Series JW
High Inrush 10 & 16 Amp Rockers
www.nkk.com
B44
B
TERMINALS
JWMW
Black
Ivory
A
B
H
INSCRIPTIONS
Inscription for
Horizontal Mounting
DPST models without inscriptions
do not have VDE approval.
Inscription for
Vertical Mounting
The IEC symbols for On-Off are supplied with Single Throw models only.
Orientation of inscription must be selected.
Inscription Colors: Black ink on Ivory or Gray cap. White ink on Black or Red cap.
Contact factory for other inscriptions.
1
2
No Inscription
No Code
JWM & JWMW
Material: Polyamide
Finish: Matte
Colors
Available:
JWMW and JWLW panel seal models available with black housing only.
HOUSING
Gray
JWL & JWLW
(7.5)
.295
Thk = (0.5)
.020
Epoxy Seal
(0.6) R
.024
(1.6)
.063
(2.8)
.110
(3.2)
.126
(7.5)
.295
Epoxy Seal
(0.65) R
.026
(1.5) R
.059
(4.75)
.187
Thk = (0.8)
.031
JWM
(15.4)
.606
(25.0)
.984
(15.4)
.606
(24.0)
.945
Panel Thickness Range
Without Barrier (JWM & JWMW):
.039” ~ .157” (1.0mm ~ 4.0mm)
With Barrier (JWM):
.024” ~ .126” (0.6mm ~ 3.2mm)
PANEL CUTOUTS
Solder Lug/Quick Connect .110” (2.8mm)
Solder Lug/Quick Connect .187” (4.75mm)
(20.5)
.807
(29.5)
1.161
Panel Thickness Range
Without Barrier (JWL & JWLW):
.039” ~ .157” (1.0mm ~ 4.0mm)
With Barrier (JWL):
.024” ~ .126” (0.6mm ~ 3.2mm)
(20.5)
.807
(30.7)
1.209
JWLW
JWL


Similar Part No. - JWMW12RB1A-A

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
JWMW12RB1A-A NKK-JWMW12RB1A-A Datasheet
312Kb / 9P
   General Specifications
JWMW12RB1A-A NKK-JWMW12RB1A-A Datasheet
1Mb / 9P
   High Inrush 10 & 16 Amp Rockers
04/19/22
More results

Similar Description - JWMW12RB1A-A

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
JW_SERIES NKK-JW_SERIES Datasheet
1Mb / 9P
   High Inrush 10 & 16 Amp Rockers
04/19/22
logo
ZETTLER Electronics
AZ762T ZETTLER-AZ762T Datasheet
52Kb / 2P
   16 AMP HIGH INRUSH MINIATURE POWER RELAY
AZ725 ZETTLER-AZ725 Datasheet
57Kb / 2P
   16 AMP MINIATURE POWER RELAY HIGH INRUSH VERSION 120 AMP
logo
Nihon Kaiheiki Industry...
SW3001A NKK-SW3001A Datasheet
157Kb / 4P
   High Capacity Rockers
logo
American Zettler, Inc.
AZ7695 AZETTLER-AZ7695 Datasheet
575Kb / 2P
   80 Amp inrush current
logo
Nihon Kaiheiki Industry...
M2012TNW NKK-M2012TNW Datasheet
332Kb / 10P
   Miniature Rockers
logo
GOOD-ARK Electronics
S0603H GOOD-ARK-S0603H Datasheet
272Kb / 2P
   High inrush
logo
List of Unclassifed Man...
M2012TNW01-DC ETC2-M2012TNW01-DC Datasheet
282Kb / 10P
   Miniature Rockers
M2013TXG41-DC ETC2-M2013TXG41-DC Datasheet
367Kb / 12P
   Miniature Rockers
R25-11D10-12 ETC2-R25-11D10-12 Datasheet
513Kb / 1P
   8 Amp, 10 Amp & 16 Amp PC Mountable Relays.
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com