Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M2B15AA5G30-FC Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # M2B15AA5G30-FC
Description  Process Sealed Miniature Pushbuttons
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

M2B15AA5G30-FC Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  M2B15AA5G30-FC Datasheet HTML 1Page - List of Unclassifed Manufacturers M2B15AA5G30-FC Datasheet HTML 2Page - List of Unclassifed Manufacturers M2B15AA5G30-FC Datasheet HTML 3Page - List of Unclassifed Manufacturers M2B15AA5G30-FC Datasheet HTML 4Page - List of Unclassifed Manufacturers M2B15AA5G30-FC Datasheet HTML 5Page - List of Unclassifed Manufacturers M2B15AA5G30-FC Datasheet HTML 6Page - List of Unclassifed Manufacturers M2B15AA5G30-FC Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Series M2
Process Sealed Miniature Pushbuttons
www.nkk.com
C68
C
(3.81)
.150
PC TERMINALS
Straight
.150” (3.81mm) Right Angle
03
30
.150” (3.81mm) Vertical
40
(3.81)
.150
Straight with
.460” (11.7mm) Bracket
13
AT475
.201” (5.1mm) Diameter
F
AT496
.295” (7.5mm) Diameter
H
Epoxy Seal
(4.8)
.189
(5.9)
.232
(1.17)
.046
Thk = (0.8)
.031
For Plunger Type A
(5.9)
.232
(11.7)
.460
SNAP-ON CAPS
Cap Colors
Codes:
A
Red
Black
Yellow
White
Blue
Green
Gray
B
C
E
F
G
H
AT443
.315” (8.0mm) Diameter
B
AT442
.394” (10.0mm) Diameter
C
For Plunger Type B
(10.0) Dia
.394
(8.0)
.315
(9.0)
.354
(8.0) Dia
.315
(8.8)
.346
(7.6)
.299
(5.1) Dia
.201
(8.05)
.317
(4.0)
.157
(8.05)
.317
(7.5) Dia
.295
(4.0)
.157
Material: Polyamide
Colors Available:
A, B, C
Material: Polycarbonate
Colors Available:
A, B, C, E, F, G, H
Material: Polycarbonate
Colors Available:
A, B, C, E, F, G, H
Material: Polyamide
Colors Available:
A, B, C


Similar Part No. - M2B15AA5G30-FC

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
M2B15AA5G30-F NKK-M2B15AA5G30-F Datasheet
231Kb / 7P
   Process Sealed Miniature Pushbuttons
More results

Similar Description - M2B15AA5G30-FC

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
M2B15AA5W03-F NKK-M2B15AA5W03-F Datasheet
231Kb / 7P
   Process Sealed Miniature Pushbuttons
logo
List of Unclassifed Man...
GB15AP ETC2-GB15AP Datasheet
125Kb / 4P
   Process Sealed Ultra-Miniature Pushbuttons
GB15AH-XC ETC2-GB15AH-XC Datasheet
125Kb / 4P
   Process Sealed Ultra-Miniature Pushbuttons
logo
Nihon Kaiheiki Industry...
GB15AP-XA NKK-GB15AP-XA Datasheet
144Kb / 5P
   Process Sealed Ultra-Miniature Pushbuttons
G3B15AP-XA NKK-G3B15AP-XA Datasheet
233Kb / 6P
   Ultra-Miniature Process Sealed SMT Pushbuttons
logo
List of Unclassifed Man...
G3B15AB ETC2-G3B15AB Datasheet
407Kb / 6P
   Ultra-Miniature Process Sealed SMT Pushbuttons
logo
Nihon Kaiheiki Industry...
AB11AP-FA NKK-AB11AP-FA Datasheet
241Kb / 6P
   Process Sealed Subminiature Pushbuttons
BB15AP-FA NKK-BB15AP-FA Datasheet
232Kb / 6P
   Process Sealed Subminiature Antistatic Pushbuttons
M2T12TXW13-D NKK-M2T12TXW13-D Datasheet
253Kb / 7P
   Process Sealed Miniature Rockers
logo
List of Unclassifed Man...
M2T22TXG41-DC ETC2-M2T22TXG41-DC Datasheet
597Kb / 8P
   Process Sealed Miniature Rockers
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com