Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M0100-103-3-000 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # M0100-103-3-000
Description  400W AC Powered Servo Drive
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

M0100-103-3-000 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button M0100-103-3-000 Datasheet HTML 4Page - List of Unclassifed Manufacturers M0100-103-3-000 Datasheet HTML 5Page - List of Unclassifed Manufacturers M0100-103-3-000 Datasheet HTML 6Page - List of Unclassifed Manufacturers M0100-103-3-000 Datasheet HTML 7Page - List of Unclassifed Manufacturers M0100-103-3-000 Datasheet HTML 8Page - List of Unclassifed Manufacturers M0100-103-3-000 Datasheet HTML 9Page - List of Unclassifed Manufacturers M0100-103-3-000 Datasheet HTML 10Page - List of Unclassifed Manufacturers M0100-103-3-000 Datasheet HTML 11Page - List of Unclassifed Manufacturers M0100-103-3-000 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
CONTROLLER:
NON-VOLATILE STORAGE
Drive configuration and programs stored in non-volatile memory
INPUTS/OUTPUTS: S and
Q models
X1, X2 inputs:
Optically isolated, differential, 5 VDC
X3-X7 inputs:
Optically isolated, single-ended w/ shared common, 12-24 VDC
Y1-Y3 outputs:
Optical Darlington, sinking w/ shared common, 30 VDC max, 100 mA max
Analog inputs:
Two single-ended inputs can be wired together as one differential input. Range is software
selectable 0-5 VDC, +/-5, 0-10 VDC, or +/-10 VDC. Software configurable offset, deadband and filtering
on differential input only
INPUTS/OUTPUTS: QE
and Si models
X1, X2 inputs:
Optically isolated, differential, 5 VDC
X3-X7 inputs:
Optically isolated, single-ended w/ shared common, 12-24 VDC
IN1-IN6 inputs:
Optically isolated, single-ended w/ shared common, 12-24 VDC
IN7, IN8 inputs:
Optically isolated, differential, 12-24 VDC
Y1-Y3 outputs:
Optical Darlington, sinking w/ shared common, 30 VDC max, 100 mA max
OUT1-OUT4 outputs:
Optical Darlington, sinking or sourcing, 30 VDC max, 100 mA max
Analog inputs:
Two single-ended inputs can be wired together as one differential input. Range is software
selectable 0-5 VDC, +/-5, 0-10 VDC, or +/-10 VDC. Software configurable offset, deadband and filtering
on differential input only.
Note: Si Programming does not support the analog input(s).
COMMUNICATION
INTERFACE
RS-232 for configuration, programming and serial communications to a single drive
RS-485 for serial communications to one or more drives on a serial network
ENCODER INTERFACE
Differential line receivers for incremental encoder (A/B quadrature) feedback, up to 2 MHz. 50 cpr min to
8192 cpr max (200 quadrature counts min to 32,768 quadrature counts max)
AGENCY APPROVALS
RoHS
CE
8
9
Si ProgrammerTM with built-in Quick TunerTM
Point-and-click indexing software
User-friendly GUI
I/O and motion programming
Operator interface available (MMI-01 or MMI-02)
Pulse & direction
CW/CCW pulse
A/B quadrature
Velocity (oscillator) mode
Analog +/-10V torque, velocity, position
Host commands (SCL)
SiNet Hub compatible
Quick TunerTM software for setup
Stand-alone operation
Q ProgrammerTM for complex motion
Quick TunerTM software for setup
Conditional processing
Math functions
Multi-tasking
Register manipulation
Encoder following
Third-party HMI compatibility
Control Options*
Communications
C
IP
C
IP
C
IP
C
IP
C
IP
C
IP
C
IP
C
IP
C
IP
C
IP
C
IP
C
IP
CANopen protocols DS301 and DSP402
Profile Position, Profile Velocity, and
Homing modes
Up to 127 axes per channel
Execute stored Q programs
300W DC Powered Servo Drive
• Operates from 24 to 80 VDC
• Digital PID servo control
• Velocity and acceleration feedforward
minimize position error throughout
every move
• Digital DQ current loop provides wide
bandwidth, precise current control
• Sine commutation for smooth, quiet
motion
• PID output filter + derivative filter
eliminate system resonances
• Jerk filter provides jerk free “S curve”
motion
• RS-232, RS-485, CANopen, Ethernet
• Flexible control options
• Si and Q Programmable™ versions
For more information go to
www.applied-motion.com/SV
Ethernet
option: SV7-Q-EE
The Ethernet option board allows the SV7-Q-EE to be
commanded and queried over standard 100Mbit Ethernet
using the SCL and Q languages.
CANopen
option: SV7-C-CE
The CANopen option board used with the SV7-C-CE allows the
drive to be connected to a CANopen network along with other
CANopen drives. Drives can be controlled and interrogated
over the network.
RS-485
option: SV7-Q-RE, SV7-S-RE
The RS-485 option board adds the ability to stream SCL and
Q commands to one or more drives on a serial network.
RS-232
port: standard on all but Ethernet drives
Example: SV7-S-AF
The RS-232 port is used for configuration, programming, and
serial communications with a single drive.
EtherNet/IP
option: SV7-IP-EE
Allows drives to be commanded and queried over EtherNet/IP
industrial networks.
SV7
BLuAC5 Technical Specifications
POWER AMPLIFIER:
AMPLIFIER TYPE
3-phase sinusoidal PWM switching at 16 kHz
CURRENT CONTROL
4 quadrant d-q method
OUTPUT CURRENT
Up to 5 A rms continuous, up to 15 A rms peak (2 seconds max, I2t limiting)
INPUT POWER
90-260 VAC, 50/60 Hz, 1-phase or 3-phase
PROTECTION
Over-voltage (400 VDC on DC bus), under-voltage (100 VDC on DC bus), over-temp (75 ºC), motor/wiring
shorts (phase-to-phase, phase-to-ground), regeneration error (based on regeneration values input by
user), encoder failure (differential encoders only), Hall sensor failure
REGENERATION
50 Watt internal shunt resistor, connector for external high-power shunt resistor
AMBIENT TEMPERATURE
0 to 40 ºC (32 to 104 ºF), must be mounted to suitable heatsink with adequate ventilation
HUMIDITY
90% max, non-condensing
WEIGHT
S and Q models:
35.1 oz
QE and Si models:
44 oz
*See back page for complete list of available model numbers.
C
IP
C
IP
C
IP
EtherNet/IP
Connects to industry’s most popular PLC’s
Same functions as Q model


Similar Part No. - M0100-103-3-000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
M0100-103-4-000 ETC2-M0100-103-4-000 Datasheet
153Kb / 3P
   60mm Servo Motor, 100W
More results

Similar Description - M0100-103-3-000

ManufacturerPart #DatasheetDescription
logo
Leadshine Technology Co...
EL6 LEADSHINE-EL6 Datasheet
438Kb / 5P
   EL6 AC Servo Drive
ELP LEADSHINE-ELP Datasheet
668Kb / 7P
   ELP Series AC Servo Drive
logo
List of Unclassifed Man...
J0400-302-4-000 ETC2-J0400-302-4-000 Datasheet
158Kb / 4P
   60mm Servo Motor, 400W
J0400-301-4-000 ETC2-J0400-301-4-000 Datasheet
158Kb / 4P
   60mm Servo Motor, 400W
M0400-102-5-000 ETC2-M0400-102-5-000 Datasheet
149Kb / 3P
   80mm Servo Motor, 400W
J0400-305-4-000 ETC2-J0400-305-4-000 Datasheet
158Kb / 4P
   60mm Servo Motor, 400W
V0400-212-C-000 ETC2-V0400-212-C-000 Datasheet
141Kb / 3P
   NEMA 34 Servo Motor, 400W
V0400-211-C-000 ETC2-V0400-211-C-000 Datasheet
141Kb / 3P
   NEMA 34 Servo Motor, 400W
logo
Festo Corporation.
CMMT-AS-C2-3A-EC-S1 FESTO-CMMT-AS-C2-3A-EC-S1 Datasheet
84Kb / 4P
   Servo drive
CMMT-AS-C2-3A-PN-S1 FESTO-CMMT-AS-C2-3A-PN-S1 Datasheet
84Kb / 4P
   Servo drive
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com