Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT32UC3L0128-D3HT Datasheet(PDF) 11 Page - ATMEL Corporation

Part # AT32UC3L0128-D3HT
Description  32-bit Atmel AVR Microcontroller
Download  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT32UC3L0128-D3HT Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button AT32UC3L0128-D3HT Datasheet HTML 7Page - ATMEL Corporation AT32UC3L0128-D3HT Datasheet HTML 8Page - ATMEL Corporation AT32UC3L0128-D3HT Datasheet HTML 9Page - ATMEL Corporation AT32UC3L0128-D3HT Datasheet HTML 10Page - ATMEL Corporation AT32UC3L0128-D3HT Datasheet HTML 11Page - ATMEL Corporation AT32UC3L0128-D3HT Datasheet HTML 12Page - ATMEL Corporation AT32UC3L0128-D3HT Datasheet HTML 13Page - ATMEL Corporation AT32UC3L0128-D3HT Datasheet HTML 14Page - ATMEL Corporation AT32UC3L0128-D3HT Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 96 page
background image
11
32145BS–01/2012
AT32UC3L0128/256
3.2.3
Peripheral Functions
Each GPIO line can be assigned to one of several peripheral functions. The following table
describes how the various peripheral functions are selected. The last listed function has priority
in case multiple functions are enabled on the same pin.
3.2.4
JTAG Port Connections
If the JTAG is enabled, the JTAG will take control over a number of pins, irrespectively of the I/O
Controller configuration.
3.2.5
Nexus OCD AUX Port Connections
If the OCD trace system is enabled, the trace system will take control over a number of pins, irre-
spectively of the I/O Controller configuration. Two different OCD trace pin mappings are
possible, depending on the configuration of the OCD AXS register. For details, see the AVR32
UC Technical Reference Manual.
Table 3-2.
Peripheral Functions
Function
Description
GPIO Controller Function multiplexing
GPIO and GPIO peripheral selection A to H
Nexus OCD AUX port connections
OCD trace system
aWire DATAOUT
aWire output in two-pin mode
JTAG port connections
JTAG debug port
Oscillators
OSC0, OSC32
Table 3-3.
JTAG Pinout
48-pin
Pin name
JTAG pin
11
PA00
TCK
14
PA01
TMS
13
PA02
TDO
4PA03
TDI
Table 3-4.
Nexus OCD AUX Port Connections
Pin
AXS=1
AXS=0
EVTI_N
PA05
PB08
MDO[5]
PA10
PB00
MDO[4]
PA18
PB04
MDO[3]
PA17
PB05
MDO[2]
PA16
PB03
MDO[1]
PA15
PB02
MDO[0]
PA14
PB09


Similar Part No. - AT32UC3L0128-D3HT

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT32UC3L0128 ATMEL-AT32UC3L0128 Datasheet
1Mb / 96P
   32-bit Atmel AVR Microcontroller
More results

Similar Description - AT32UC3L0128-D3HT

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT32UC3L0128 ATMEL-AT32UC3L0128 Datasheet
1Mb / 96P
   32-bit Atmel AVR Microcontroller
AT32UC3L064 ATMEL-AT32UC3L064_11 Datasheet
1Mb / 111P
   32-bit Atmel AVR Microcontroller
ATTINY4 ATMEL-ATTINY4_14 Datasheet
4Mb / 170P
   Atmel 8-bit AVR Microcontroller
ATTINY5 ATMEL-ATTINY5_14 Datasheet
4Mb / 170P
   Atmel 8-bit AVR Microcontroller
ATTINY9 ATMEL-ATTINY9_14 Datasheet
4Mb / 170P
   Atmel 8-bit AVR Microcontroller
ATTINY10 ATMEL-ATTINY10_14 Datasheet
4Mb / 170P
   Atmel 8-bit AVR Microcontroller
ATTINY10-TSHR ATMEL-ATTINY10-TSHR Datasheet
4Mb / 170P
   Atmel 8-bit AVR Microcontroller
ATTINY25 ATMEL-ATTINY25_13 Datasheet
2Mb / 234P
   Atmel 8-bit AVR Microcontroller
AT32UC3A3256S ATMEL-AT32UC3A3256S_14 Datasheet
1Mb / 94P
   High Performance, Low Power 32-bit Atmel AVR Microcontroller
AT32UC3A0512 ATMEL-AT32UC3A0512_14 Datasheet
1Mb / 98P
   High Performance, Low Power 32-Bit Atmel AVR Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com