Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MDT040A0X Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # MDT040A0X
Description  40A Digital Mega DLynxTM: Non-Isolated DC-DC Power Modules
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MDT040A0X Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button MDT040A0X Datasheet HTML 6Page - List of Unclassifed Manufacturers MDT040A0X Datasheet HTML 7Page - List of Unclassifed Manufacturers MDT040A0X Datasheet HTML 8Page - List of Unclassifed Manufacturers MDT040A0X Datasheet HTML 9Page - List of Unclassifed Manufacturers MDT040A0X Datasheet HTML 10Page - List of Unclassifed Manufacturers MDT040A0X Datasheet HTML 11Page - List of Unclassifed Manufacturers MDT040A0X Datasheet HTML 12Page - List of Unclassifed Manufacturers MDT040A0X Datasheet HTML 13Page - List of Unclassifed Manufacturers MDT040A0X Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
GE Energy
Preliminary Data Sheet
40A Digital Mega DLynxTM: Non-Isolated DC-DC Power Modules
4.5Vdc –14.4Vdc input; 0.45Vdc to 2.0Vdc output; 40A Output Current
June 1, 2012
©2012 General Electric Company. All rights reserved.
Page 10
Design Considerations
Input Filtering
The 40A Digital Mega DLynxTM module should be
connected to a low ac-impedance source. A highly
inductive source can affect the stability of the module. An
input capacitance must be placed directly adjacent to the
input pin of the module, to minimize input ripple voltage
and ensure module stability.
To minimize input voltage ripple, ceramic capacitors are
recommended at the input of the module. Figure 19
shows the input ripple voltage for various output voltages
at 40A of load current with 4x22 µF, 6x22µF or 8x22uF
ceramic capacitors and an input of 12V.
Figure 19. Input ripple voltage for various output
voltages with various external ceramic capacitors at
the input (40A load). Input voltage is 12V. Scope
Bandwidth limited to 20MHz
Output Filtering
These modules are designed for low output ripple voltage
and will meet the maximum output ripple specification with
0.1 µF ceramic and 47 µF ceramic capacitors at the output
of the module. However, additional output filtering may be
required by the system designer for a number of reasons.
First, there may be a need to further reduce the output
ripple and noise of the module. Second, the dynamic
response characteristics may need to be customized to a
particular load step change.
To reduce the output ripple and improve the dynamic
response to a step load change, additional capacitance at
the output can be used. Low ESR polymer and ceramic
capacitors are recommended to improve the dynamic
response of the module. Figure 20 provides output ripple
information for different external capacitance values at
various Vo and a full load current of 40A. For stable
operation of the module, limit the capacitance to less than
the maximum output capacitance as specified in the
electrical specification table. Optimal performance of the
module can be achieved by using the Tunable LoopTM
feature described later in this data sheet.
Figure 20. Output ripple voltage for various output
voltages with external 6x47 µF, 8x47 µF or 10x47 µF
ceramic capacitors at the output (40A load). Input voltage
is 12V. Scope Bandwidth limited to 20MHz
Safety Considerations
For safety agency approval the power module must be
installed in compliance with the spacing and separation
requirements of the end-use safety agency standards, i.e.,
UL 60950-1 2nd, CSA C22.2 No. 60950-1-07, DIN EN 60950-
1:2006 + A11 (VDE0805 Teil 1 + A11):2009-11; EN 60950-
1:2006 + A11:2009-03.
For the converter output to be considered meeting the
requirements of safety extra-low voltage (SELV), the input
must meet SELV requirements. The power module has
extra-low voltage (ELV) outputs when all inputs are ELV.
The input to these units is to be provided with a slow-blow
fuse with a maximum rating of TBD in the positive input
lead
.
50
100
150
200
250
300
350
400
0.6
0.8
1
1.2
1.4
1.6
1.8
2
Output Voltage (Volts)
4x22uF Ext Cap
6x22uF Ext Cap
8x22uF Ext Cap
0
10
20
30
40
0.6
0.8
1
1.2
1.4
1.6
1.8
2
Output Voltage(Volts)
6x47uF Ext Cap
8x47uF Ext Cap
10x47uF Ext Cap


Similar Part No. - MDT040A0X

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
MDT040A0X4-SR-P-HZ LINEAGEPOWER-MDT040A0X4-SR-P-HZ Datasheet
467Kb / 14P
   40A Analog Mega DLynxTM:
More results

Similar Description - MDT040A0X

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
PDT012A0X LINEAGEPOWER-PDT012A0X Datasheet
776Kb / 32P
   12A Digital Pico DLynxTM: Non-Isolated DC-DC Power Modules
PDT012A0X3_1109 LINEAGEPOWER-PDT012A0X3_1109 Datasheet
902Kb / 39P
   12A Digital Pico DLynxTM: Non-Isolated DC-DC Power Modules
PDT012A0X3_1108 LINEAGEPOWER-PDT012A0X3_1108 Datasheet
1Mb / 23P
   12A Analog Pico DLynxTM: Non-Isolated DC-DC Power Modules
PVX012A0X3-SRZ LINEAGEPOWER-PVX012A0X3-SRZ Datasheet
1Mb / 23P
   12A Analog Pico DLynxTM: Non-Isolated DC-DC Power Modules
APTS030A0X LINEAGEPOWER-APTS030A0X Datasheet
763Kb / 23P
   12V Mega TLynxTM : Non-Isolated DC-DC Power Modules
MVT040A0X3-SRPHZ LINEAGEPOWER-MVT040A0X3-SRPHZ Datasheet
467Kb / 14P
   40A Analog Mega DLynxTM:
APTH020A0X LINEAGEPOWER-APTH020A0X_10 Datasheet
525Kb / 23P
   TLynxTM: Non-Isolated DC-DC Power Modules
APTH012A0X LINEAGEPOWER-APTH012A0X_10 Datasheet
598Kb / 23P
   Micro TLynxTM: Non-Isolated DC-DC Power Modules
APTS020A0X LINEAGEPOWER-APTS020A0X_10 Datasheet
765Kb / 26P
   12V TLynxTM Non-Isolated DC-DC Power Modules
logo
Bel Fuse Inc.
SLIN-20F1AX BEL-SLIN-20F1AX_17 Datasheet
1Mb / 23P
   power modules are non-isolated DC/DC converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com