Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MF-MSMF110-16-2 Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # MF-MSMF110-16-2
Description  LED PWM Dimmer
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

MF-MSMF110-16-2 Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  MF-MSMF110-16-2 Datasheet HTML 1Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
LED PWM Dimmer
PWM / Power
The schematic above illustrates the application protection and does not constitute the complete circuit design.
Customers should verify actual device performance in their specific applications.
MF-MSMF110/16-2
CDSOT23-T12C
Solution Products
Asia-Pacific: Tel +886-2 256 241 17
Fax +886-2 256 241 16
Bourns® PortNote® solutions provide protection
recommendations for typical port threats.
For more information, go to:
www.bourns.com
or email: protection@bourns.com
Americas: Tel +1-951 781-5500
Fax +1-951 781-5700
Europe: Tel +41-(0)41 768 55 55
Fax +41-(0)41 768 55 10
Compliance
IEC61000-4-2 ESD Level 4 (8 kV / 15 kV)
IEC61000-4-4 EFT
IEC61000-4-5 Surge / Lightning
Alternate Recommendations
Solutions are available for lower/higher levels of
overvoltage/overcurrent protection
Benefit
This solution provides ESD/EFT/surge and
supplies overcurrent protection from potential
faults during installation within rated limits.
Objective
This solution is designed to protect LED
dimmer controls with 12 VDC/1 Amp and
PWM control signal from overcurrent,
overvoltage, ESD and surge events.
Solution
1 Multifuse® PPTC Resettable Fuse:
MF-MSMF110/16-2
2 TVS Diode Arrays: CDSOT23-T12C
COPYRIGHT© 2012 • BOURNS, INC. • 6/12 • e/CPK1144 • “PortNote”is a registered service mark of Bourns, Inc.
“Bourns”and“Multifuse”are registered trademarks of Bourns, Inc. in the U.S. and other countries.
PN-DESIGNKIT-29
Design Kit
MF-MSMF110/16-2
CDSOT23-T12C
LED
Dimmer
Control
12 VDC
0-12 V PWM


Similar Part No. - MF-MSMF110-16-2

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
MF-MSMF110-16 BOURNS-MF-MSMF110-16 Datasheet
319Kb / 5P
   Compliant with AEC-Q200 Rev-C- Stress Test Qualifi cation for Passive Components in Automotive Applications
More results

Similar Description - MF-MSMF110-16-2

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
AN10315 PHILIPS-AN10315_15 Datasheet
400Kb / 4P
   LED dimmer demoboard
Rev. 01-7 January 2005
logo
Mean Well Enterprises C...
WPD-06 MEANWELL-WPD-06 Datasheet
160Kb / 6P
   Wireless DC multi-channel PWM dimmer
KAA-4R4V-S MEANWELL-KAA-4R4V-S Datasheet
768Kb / 10P
   KNX LED actuator / dimmer
2022-02-18
KAA-4R4V MEANWELL-KAA-4R4V Datasheet
181Kb / 9P
   KNX LED actuator / dimmer
logo
NXP Semiconductors
PCA9531 PHILIPS-PCA9531 Datasheet
154Kb / 20P
   8-bit I2C LED dimmer
2003 Nov 10
logo
Tontek Design Technolog...
SS8022W TONTEK-SS8022W Datasheet
59Kb / 6P
   One channel LED Touch Dimmer
logo
ON Semiconductor
CAT9532 ONSEMI-CAT9532_16 Datasheet
203Kb / 14P
   16-bit Programmable LED Dimmer
October, 2016 ??Rev. 5
logo
MOSDESIGN SEMICONDUCTOR...
M1357 MOSDESIGN-M1357 Datasheet
188Kb / 5P
   4-CHANNEL LED DIMMER DRIVER
2010-03-09
logo
Tontek Design Technolog...
TTP117-CO8 TONTEK-TTP117-CO8 Datasheet
139Kb / 11P
   TOUCH DIMMER FOR LED LIGHTING
logo
NXP Semiconductors
PCA9533 PHILIPS-PCA9533 Datasheet
133Kb / 18P
   4-bit I2C LED dimmer
2004 Oct 01
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com