Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NP2X Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # NP2X
Description  Plugs & Jacks
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

NP2X Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  NP2X Datasheet HTML 1Page - List of Unclassifed Manufacturers NP2X Datasheet HTML 2Page - List of Unclassifed Manufacturers NP2X Datasheet HTML 3Page - List of Unclassifed Manufacturers NP2X Datasheet HTML 4Page - List of Unclassifed Manufacturers NP2X Datasheet HTML 5Page - List of Unclassifed Manufacturers NP2X Datasheet HTML 6Page - List of Unclassifed Manufacturers NP2X Datasheet HTML 7Page - List of Unclassifed Manufacturers NP2X Datasheet HTML 8Page - List of Unclassifed Manufacturers NP2X Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
42
NP2X-AU-SILENT
NP2X-AU-SILENT
NP2RX-AU-SILENT
innovative
solutions
I superior quality
Plugs
Plugs
1/4" Phone Plug - silentPLUG
Avoid pops and squeals
Hermetically sealed switching contacts
Lifetime beyond 10'000 mating cycles
Slim right-angle plug with industry proven and
reliable chuck type cable strain relief
Sleek attractive design for convenient handling
and connections
Rubber overlay on straight housing for best
shock-protection and reliability
L-D version available which accommodates
cables O.D. up to 8 mm
Attention!
For use with instrument (guitar) applications
only. Damage may occur if connected to
amplifier.
Detail Silent Switch:
Gold plated
contacts
Hermetically sealed
Moving magnet
REED SWITCH
Cannot corrode or pollute
No wear, constant contact resistance
Decoupled from switching mechanism
Moving magnet
Right angle plug
Design Criteria
The silentPLUG automatically mutes (shorts) an instrument (guitar)
cable to avoid pops and squeals when changing the instrument
(guitar) under load.
The integrated silent switch (pat. pending) is based on REED-
technology and guarantees a lifetime beyond 10000 mating cycles.
The PX silentPLUG features a rugged metal shell enhanced with a
rubber cushion overlay for improved shock protection.


Similar Part No. - NP2X

ManufacturerPart #DatasheetDescription
logo
Neutrik AG
NP2X NEUTRIK-NP2X Datasheet
61Kb / 3P
   1/4" professional phone plug, 2 pole, nickel contacts, nickel shell
NP2X-AU-SILENT NEUTRIK-NP2X-AU-SILENT Datasheet
106Kb / 3P
   2 pole 1/4" professional phone plug, gold plated contacts, red rubber overlay, silent switch
NP2X-B NEUTRIK-NP2X-B Datasheet
60Kb / 3P
   2 pole 1/4" professional phone plug, gold contacts, black shell
NP2X-B-CRYSTAL NEUTRIK-NP2X-B-CRYSTAL Datasheet
106Kb / 3P
   2 pole 1/4" professional phone plug, gold contacts, black metal housing with CRYSTALLIZED - TM Swarovski Elements
NP2X-BAG NEUTRIK-NP2X-BAG Datasheet
61Kb / 3P
   2 pole 1/4" professional phone plug, nickel contacts, black shell
More results

Similar Description - NP2X

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
903-288P-52A AMPHENOL-903-288P-52A Datasheet
61Kb / 1P
   Plugs & Jacks
logo
Winchester Electronics ...
831B509 WINCHESTER-831B509 Datasheet
210Kb / 1P
   Plugs, Jacks, Adapters
logo
List of Unclassifed Man...
6030 ETC2-6030 Datasheet
373Kb / 1P
   PLUGS AND JACKS
logo
Switchcraft, Inc.
RAPC752 SWITCH-RAPC752 Datasheet
352Kb / 1P
   JACKS AND PLUGS
logo
Aries Electronics, Inc.
16009 ARIES-16009 Datasheet
1Mb / 1P
   Shorting Plugs and Jacks
SP200 ARIES-SP200_11 Datasheet
1Mb / 1P
   Shorting Plugs and Jacks
logo
Kycon, Inc.
GLX-M KYCON-GLX-M Datasheet
1Mb / 1P
   MODULAR JACKS AND PLUGS
GAX KYCON-GAX Datasheet
855Kb / 1P
   MODULAR JACKS AND PLUGS
GDWLX KYCON-GDWLX Datasheet
1Mb / 1P
   MODULAR JACKS AND PLUGS
GDX KYCON-GDX Datasheet
1Mb / 1P
   MODULAR JACKS AND PLUGS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com