Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OLINUXINO-MAXI Datasheet(PDF) 6 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # OLINUXINO-MAXI
Description  OLinuXino-MAXI Open-source single-board Linux computer
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

OLINUXINO-MAXI Datasheet(HTML) 6 Page - Nihon Kaiheiki Industry Co. Ltd.

Back Button OLINUXINO-MAXI Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. OLINUXINO-MAXI Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. OLINUXINO-MAXI Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. OLINUXINO-MAXI Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. OLINUXINO-MAXI Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. OLINUXINO-MAXI Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. OLINUXINO-MAXI Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd. OLINUXINO-MAXI Datasheet HTML 9Page - Nihon Kaiheiki Industry Co. Ltd. OLINUXINO-MAXI Datasheet HTML 10Page - Nihon Kaiheiki Industry Co. Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 50 page
background image
OLIMEX© 2012
OLinuXino User's Manual
1.2 The OLinuXino family
Table of comparison
OLinuXino-MICRO
OLinuXino-MINI
OLinuXino-MAXI
Processor
iMX233 @ 454Mhz
iMX233 @ 454Mhz
iMX233 @ 454Mhz
Ram [MB]
64
64
64
# USB hosts
1
3
2
100/150 Mbit
Ethernet*
No/WIFI option**
No/WIFI option***
Yes/WIFI option**
GPIO connector
60pins
40pins
40pins
# Buttons
3
2
2
Reset button
Yes
Yes
Yes
DC power supply
5V
5V-16V
5V-16V
Dimensions
3.40'' x 1.70''
3.70'' x 2.65''
3.70'' x 2.65''
Breadboarding
Yes
No
No
Audio IN connector
No
Yes
Yes
Audio OUT connector No
Yes
Yes
UEXT connector
No
Yes
Yes
* 100Mbit Ethernet for the wired network of OLinuXino-MAXI. 150Mbit for the WIFI following
811.02n standard.
** All three boards have the option to work with MOD-WIFI_RTL8188, which is USB WIFI
modem with RTL8188CU chip and can be purchased separately. MOD-WIFI_RTL8188 can be
connected to any of the OLinuXino boards via the USB.
*** OLinuXino-MINI has additional option of having RTL8188CU hardware mounted! If you wish
RTL8188CU embedded in the device you should purchase OLinuXino-MINI-WIFI. Choosing the
embedded WIFI option will leave your USB-HOSTs available for use.
1.2 Target market and purpose of the board
The boards from the OLinuXino family are ready to use, easy to setup and are suitable for
embedded programming enthusiasts, Linux hobbyists, gadget fans and also professionals (since its
low cost makes it very good solution for application orientated embedded systems). The main usage
of the board is software embedded development without the urge of understanding perfectly the
hardware.
Page 6 of 50


Similar Part No. - OLINUXINO-MAXI

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
OLI100 SKYWORKS-OLI100 Datasheet
351Kb / 6P
   Miniature Phototransistor Optocoupler for Hybrid Assembly
February 28, 2020
OLI110 SKYWORKS-OLI110 Datasheet
905Kb / 5P
   Phototransistor Optocoupler
January 18, 2023
OLI149 SKYWORKS-OLI149 Datasheet
345Kb / 6P
   Radiation Tolerant, Photo-Transistor Optocoupler
June 26, 2017
logo
OSRAM GmbH
OLI2020V.A1-850-A OSRAM-OLI2020V.A1-850-A Datasheet
789Kb / 11P
   BIDOS® Core
Version 1.0 2021-03-23
logo
List of Unclassifed Man...
OLI249 ETC1-OLI249 Datasheet
24Kb / 3P
   Radiation Tolerant Phototransistor Optocoupler For Hybrid Assembly
More results

Similar Description - OLINUXINO-MAXI

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MVME147 MOTOROLA-MVME147 Datasheet
178Kb / 4P
   Single-board computer
logo
List of Unclassifed Man...
VL-EPIC-25SA ETC2-VL-EPIC-25SA Datasheet
643Kb / 2P
   EPIC Single Board Computer
VL-EBX-11G ETC2-VL-EBX-11G Datasheet
426Kb / 2P
   EBX Single Board Computer
VL-EPIC-17EA ETC2-VL-EPIC-17EA Datasheet
627Kb / 2P
   EPIC Single Board Computer
VL-EPMP-34S ETC2-VL-EPMP-34S Datasheet
620Kb / 2P
   PCI -104 Single Board Computer
HS-7002 ETC-HS-7002 Datasheet
182Kb / 1P
   PICMG BUS SINGLE BOARD COMPUTER
HS-6038 ETC-HS-6038 Datasheet
131Kb / 1P
   PICMG BUS SINGLE BOARD COMPUTER
LBC9017 ETC-LBC9017 Datasheet
198Kb / 2P
   PCI/ISA Single Board Computer
EPC-2325 ETC2-EPC-2325 Datasheet
147Kb / 4P
   PCI/ISA Single Board Computer
VL-EPMS-21A ETC2-VL-EPMS-21A Datasheet
762Kb / 2P
   SUMIT-104 Single Board Computer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com