Electronic Components Datasheet Search |
|
C0603JF1C100DT Datasheet(PDF) 6 Page - TDK Electronics |
|
C0603JF1C100DT Datasheet(HTML) 6 Page - TDK Electronics |
6 / 31 page (5/30) 006-03 / 20100409 / e412_c.fm • All specifications are subject to change without notice. Please read the precautions before using this catalog. C Series C1005(EIA CC0402) Type FEATURES • High capacitance has been achieved through precision technologies that enable the use of multiple thinner ceramic dielectric layers. • A monolithic structure ensures superior mechanical strength and reliability. • High-accuracy automatic mounting is facilitated through the maintenance of very precise dimensional tolerances. • Composed of only ceramics and metals, these capacitors provide extremely dependable performance, exhibiting virtually no degradation even when subjected to temperature extremes. • Low stray capacitance ensures high conformity with nominal values, thereby simplifying the circuit design process. • Low residual inductance assures superior frequency characteristics. • Because electrostatic capacity has been obtained up to the electrolytic capacitor range, these capacitors offer long service life and are optimally suited for power supply designs that require high levels of reliability. • Owing to their low ESR and excellent frequency characteristics, these products are optimally suited for high frequency and high- density type power supplies. SHAPES AND DIMENSIONS PRODUCT IDENTIFICATION (1) Series name (2) Dimensions L ×W (3) Capacitance temperature characteristics Class 1 (Temperature compensation) Class 2 (Temperature stable and general purpose) (4) Rated voltage Edc (5) Nominal capacitance The capacitance is expressed in three digit codes and in units of pico farads (pF). The first and second digits identify the first and second significant figures of the capacitance. The third digit identifies the multiplier. R designates a decimal point. (6) Capacitance tolerance (7) Packaging style Conformity to RoHS Directive 0.1min. 1.0±0.05 Dimensions in mm C 1005 CH 1H 100 D (1) (2) (3) (4) (5) (6) (7) 1005 1.0 ×0.5mm Temperature characteristics Capacitance change Temperature range CH 0±60ppm/°C –25 to +85°C C0G 0±30ppm/°C –55 to +125°C Temperature characteristics Capacitance change Temperature range JB ±10% –25 to +85°C JF +30, –80% –25 to +85°C X7R ±15% –55 to +125°C X5R ±15% –55 to +85°C Y5V +22, –82% –30 to +85°C X6S ±22% –55 to +105°C 0G 4V 0J 6.3V 1A 10V 1C 16V 1E 25V 1H 50V 010 1pF 100 10pF 102 1,000pF 0R5 0.5pF Symbol Tolerance Applicable capacitance range C ±0.25pF 10pF or less D ±0.5pF J±5% Over 10pF K ±10% M ±20% Z +80, –20% T Taping (reel) BBulk • Conformity to RoHS Directive: This means that, in conformity with EU Directive 2002/95/EC, lead, cadmium, mercury, hexavalent chromium, and specific bromine-based flame retardants, PBB and PBDE, have not been used, except for exempted applications. |
Similar Part No. - C0603JF1C100DT |
|
Similar Description - C0603JF1C100DT |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |