Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JWMW12BA2A-B Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # JWMW12BA2A-B
Description  High Inrush 10 & 16 Amp Rockers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

JWMW12BA2A-B Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  JWMW12BA2A-B Datasheet HTML 1Page - List of Unclassifed Manufacturers JWMW12BA2A-B Datasheet HTML 2Page - List of Unclassifed Manufacturers JWMW12BA2A-B Datasheet HTML 3Page - List of Unclassifed Manufacturers JWMW12BA2A-B Datasheet HTML 4Page - List of Unclassifed Manufacturers JWMW12BA2A-B Datasheet HTML 5Page - List of Unclassifed Manufacturers JWMW12BA2A-B Datasheet HTML 6Page - List of Unclassifed Manufacturers JWMW12BA2A-B Datasheet HTML 7Page - List of Unclassifed Manufacturers JWMW12BA2A-B Datasheet HTML 8Page - List of Unclassifed Manufacturers JWMW12BA2A-B Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Series JW
High Inrush 10 & 16 Amp Rockers
www.nkk.com
B42
B
Barrier Colors
A
Black
B
Ivory
H
Gray
Housing Colors
A
Black
B
Ivory
H
Gray
Note: JWMW & JWLW
available with black only.
TYPICAL SWITCH ORDERING EXAMPLE
1
R
JW
Circuits
1
ON
NONE
OFF
2
ON
NONE
ON
Barrier Types
R
No Barrier
B
With Barrier
Note: JWMW & JWLW
combine with code R only.
2
A
Ratings
M
10A @ 125/250V AC
MW Panel Seal
10A @ 125/250V AC
L
16A @ 125/250V AC
LW
Panel Seal
16A @ 125/250V AC
Cap Colors
A
Black
B
Ivory
C
Red
H
Gray
Note: JWMW & JWLW avail-
able with black or red caps only.
Poles
1
SPST
SPDT
2
DPST
DPDT
Notes:
DPST must have international
ON-OFF symbols for VDE
approval.
JWLW available in DPST &
DPDT only.
1
A
Inscription
Orientation
No
Code
No Inscription
1
Horizontal
2
Vertical
These are inscriptions for
Single Throw models only.
LW
DESCRIPTION FOR TYPICAL ORDERING EXAMPLE
JWLW21RA1A
Black Housing
DPST
ON-NONE-OFF Circuit
Black Rocker Cap with
International ON-OFF Symbols
in Horizontal Orientation
16A @ 125/250V AC
IMPORTANT:
Standard markings for JWM & JWL:
TV Rating, UL, CSA & VDE.
Standard marking for JWLW: cULus.
Specific models, ratings, & ordering
instructions for international approv-
als are noted on General Specifica-
tions page.
Note: Wire harness & cable
assemblies offered
only in Americas


Similar Part No. - JWMW12BA2A-B

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
JWMW12BA2A-B NKK-JWMW12BA2A-B Datasheet
312Kb / 9P
   General Specifications
JWMW12BA2A-B NKK-JWMW12BA2A-B Datasheet
1Mb / 9P
   High Inrush 10 & 16 Amp Rockers
04/19/22
More results

Similar Description - JWMW12BA2A-B

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
JW_SERIES NKK-JW_SERIES Datasheet
1Mb / 9P
   High Inrush 10 & 16 Amp Rockers
04/19/22
logo
ZETTLER Electronics
AZ762T ZETTLER-AZ762T Datasheet
52Kb / 2P
   16 AMP HIGH INRUSH MINIATURE POWER RELAY
AZ725 ZETTLER-AZ725 Datasheet
57Kb / 2P
   16 AMP MINIATURE POWER RELAY HIGH INRUSH VERSION 120 AMP
logo
Nihon Kaiheiki Industry...
SW3001A NKK-SW3001A Datasheet
157Kb / 4P
   High Capacity Rockers
logo
American Zettler, Inc.
AZ7695 AZETTLER-AZ7695 Datasheet
575Kb / 2P
   80 Amp inrush current
logo
Nihon Kaiheiki Industry...
M2012TNW NKK-M2012TNW Datasheet
332Kb / 10P
   Miniature Rockers
logo
GOOD-ARK Electronics
S0603H GOOD-ARK-S0603H Datasheet
272Kb / 2P
   High inrush
logo
List of Unclassifed Man...
M2012TNW01-DC ETC2-M2012TNW01-DC Datasheet
282Kb / 10P
   Miniature Rockers
M2013TXG41-DC ETC2-M2013TXG41-DC Datasheet
367Kb / 12P
   Miniature Rockers
R25-11D10-12 ETC2-R25-11D10-12 Datasheet
513Kb / 1P
   8 Amp, 10 Amp & 16 Amp PC Mountable Relays.
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com