Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1210-4S-600 Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # 1210-4S-600
Description  1210 Series Heavy Duty AC Surge Protective Device
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

1210-4S-600 Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  1210-4S-600 Datasheet HTML 1Page - Bourns Electronic Solutions 1210-4S-600 Datasheet HTML 2Page - Bourns Electronic Solutions 1210-4S-600 Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
1210 Series Heavy Duty AC Surge Protective Device
REV. 05/13
How To Order
1210 - x S - xxx
Series
Configuration
1 = One Protected Pole
2 = Two Protected Poles
3 = Three Protected Poles
4 = Four Protected Poles
Remote Signalling Code
S = Remote Signalling
Operating Voltage
120 = 120/240 V, 120/208 V
230 = 220/380 V, 240/415 V
400 = 220/380 V, 277/480 V, 347/600 V
600 = 480 V, 600 V
Standards Compliance
IEC61643-1 - International ................................ Class I, Class II
EN 61643-11 - Europe....................................... Class I, Class II
NF EN 61643-11 - France ................................. Class I, Class II
UL1449 3rd Edition - USA .................... Type 4, Type 2 Location
UL1449 3rd Edition - Canada ............... Type 4, Type 2 Location
CSA C22.2 No. 8-M1986 ............ Class 9091 32, Class 9091 92
RoHS ..............................................RoHS Directive 2002/95/EC
Jan. 27, 2003 including annex and
RoHS Recast 2011/65/EU June 8, 2011
Asia-Pacific:
Tel: +886-2 2562-4117 • Fax: +886-2 2562-4116
Europe:
Tel: +41-41 768 5555 • Fax: +41-41 768 5510
The Americas:
Tel: +1-951 781-5500 • Fax: +1-951 781-5700
www.bourns.com


Similar Part No. - 1210-4S-600

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1210-470K ETC1-1210-470K Datasheet
50Kb / 2P
   Surface Mount Inductors
1210-471K ETC1-1210-471K Datasheet
50Kb / 2P
   Surface Mount Inductors
1210-472J ETC1-1210-472J Datasheet
50Kb / 2P
   Surface Mount Inductors
1210-473J ETC1-1210-473J Datasheet
50Kb / 2P
   Surface Mount Inductors
More results

Similar Description - 1210-4S-600

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
1250-XS-120 BOURNS-1250-XS-120 Datasheet
389Kb / 3P
   General Duty AC Surge Protective Device
1250-1S-120 BOURNS-1250-1S-120 Datasheet
379Kb / 3P
   General Duty AC Surge Protective Device
logo
Okaya Electric America,...
R26-900-BGL OKAYA-R26-900-BGL Datasheet
626Kb / 2P
   SPD (Surge Protective Device)
logo
Bourns Electronic Solut...
1202 BOURNS-1202 Datasheet
362Kb / 3P
   1202 Series Hardwired AC Hybrid Surge Protective Device (H-SPD)
REV. 14 - 12/19
1320 BOURNS-1320 Datasheet
259Kb / 2P
   DC Power Surge Protective Device
logo
LUMEX INC.
GT-CM145L LUMEX-GT-CM145L Datasheet
51Kb / 1P
   HEAVY DUTY CERAMIC SURGE POTECTOR
GT-CM470L LUMEX-GT-CM470L Datasheet
60Kb / 1P
   HEAVY DUTY DERAMIC SURGE PROTECTOR
GT-CM600L LUMEX-GT-CM600L Datasheet
54Kb / 1P
   HEAVY DUTY CERAMIC SURGE PROTECTOR
GT-CM800L LUMEX-GT-CM800L Datasheet
56Kb / 1P
   HEAVY DUTY CERAMIC SURGE PROTECTOR
logo
Lite-On Technology Corp...
TB0640M LITEON-TB0640M Datasheet
47Kb / 4P
   SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com